전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADM1063 데이터시트(PDF) 3 Page - Analog Devices

부품명 ADM1063
상세설명  Multisupply Supervisor/Sequencer with ADC and Temperature Monitoring
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADM1063 데이터시트(HTML) 3 Page - Analog Devices

  ADM1063_15 Datasheet HTML 1Page - Analog Devices ADM1063_15 Datasheet HTML 2Page - Analog Devices ADM1063_15 Datasheet HTML 3Page - Analog Devices ADM1063_15 Datasheet HTML 4Page - Analog Devices ADM1063_15 Datasheet HTML 5Page - Analog Devices ADM1063_15 Datasheet HTML 6Page - Analog Devices ADM1063_15 Datasheet HTML 7Page - Analog Devices ADM1063_15 Datasheet HTML 8Page - Analog Devices ADM1063_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
ADM1063
Rev. C | Page 3 of 32
Temperature measurement is possible with the ADM1063. The
device contains one internal temperature sensor and two pairs
of differential inputs for remote thermal diodes. These are
measured by the 12-bit ADC.
The logical core of the device is a sequencing engine. This state-
machine-based construction provides up to 63 different states.
This design enables very flexible sequencing of the outputs
based on the condition of the inputs.
The device is controlled via configuration data that can be
programmed into an EEPROM. The entire configuration can
be programmed using an intuitive GUI-based software package
provided by Analog Devices, Inc.
DETAILED BLOCK DIAGRAM
GPI SIGNAL
CONDITIONING
SFD
GPI SIGNAL
CONDITIONING
SFD
SFD
SFD
SELECTABLE
ATTENUATOR
SELECTABLE
ATTENUATOR
DEVICE
CONTROLLER
OSC
EEPROM
SDA SCL A1
A0
SMBus
INTERFACE
REFOUT
REFIN
REFGND
VREF
12-BIT
SAR ADC
ADM1063
CONFIGURABLE
OUTPUT DRIVER
(HV)
PDO1
PDO2
PDOGND
PDO3
VCCP
GND
PDO4
PDO5
PDO8
PDO9
CONFIGURABLE
OUTPUT DRIVER
(HV)
PDO6
CONFIGURABLE
OUTPUT DRIVER
(LV)
PDO7
CONFIGURABLE
OUTPUT DRIVER
(LV)
PDO10
SEQUENCING
ENGINE
VX2
VX3
VX4
VP2
VP3
VP4
VH
VP1
VX1
AGND
VX5
VDD
ARBITRATOR
REG 5.25V
CHARGE PUMP
D2N
D1N D2P
D1P
TEMP
SENSOR
INTERNAL
DIODE
VDDCAP
Figure 2.


유사한 부품 번호 - ADM1063_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADM1063ACP AD-ADM1063ACP Datasheet
412Kb / 36P
   Multisupply Supervisor/Sequencer with ADC and Temperature Monitoring
REV. 0
ADM1063ACP-REEL7 AD-ADM1063ACP-REEL7 Datasheet
412Kb / 36P
   Multisupply Supervisor/Sequencer with ADC and Temperature Monitoring
REV. 0
ADM1063ACPZ AD-ADM1063ACPZ Datasheet
412Kb / 36P
   Multisupply Supervisor/Sequencer with ADC and Temperature Monitoring
REV. 0
ADM1063ACPZ-REEL7 AD-ADM1063ACPZ-REEL7 Datasheet
412Kb / 36P
   Multisupply Supervisor/Sequencer with ADC and Temperature Monitoring
REV. 0
ADM1063ASU AD-ADM1063ASU Datasheet
412Kb / 36P
   Multisupply Supervisor/Sequencer with ADC and Temperature Monitoring
REV. 0
More results

유사한 설명 - ADM1063_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADM1063 AD-ADM1063 Datasheet
412Kb / 36P
   Multisupply Supervisor/Sequencer with ADC and Temperature Monitoring
REV. 0
ADM1062 AD-ADM1062 Datasheet
1Mb / 32P
   Multisupply Supervisor/Sequencer with Margining Control and Temperature Monitoring
Rev. PrJ
ADM1066 AD-ADM1066 Datasheet
861Kb / 32P
   Multisupply Supervisor/Sequencer with Margining Control and Auxiliary ADC Inputs
REV. 0
ADM1062ACPZ-REEL7 AD-ADM1062ACPZ-REEL7 Datasheet
629Kb / 36P
   Super Sequencer with Margining Control and Temperature Monitoring
REV. C
ADM1062 AD-ADM1062_15 Datasheet
623Kb / 36P
   Super Sequencer with Margining Control and Temperature Monitoring
REV. C
logo
Linear Technology
LTC2928 LINER-LTC2928_15 Datasheet
417Kb / 34P
   Multichannel Power Supply Sequencer and Supervisor
logo
Linear Dimensions Semic...
LTC2928IUHF-TRPBF LINEAR_DIMENSIONS-LTC2928IUHF-TRPBF Datasheet
329Kb / 32P
   Multichannel Power Supply Sequencer and Supervisor
logo
Linear Technology
LTC2928 LINER-LTC2928 Datasheet
5Mb / 32P
   Multichannel Power Supply Sequencer and Supervisor
LTC2937 LINER-LTC2937 Datasheet
4Mb / 24P
   Programmable Six Channel Sequencer and Voltage Supervisor with EEPROM
logo
Analog Devices
ADM1066 AD-ADM1066_15 Datasheet
575Kb / 32P
   Super Sequencer with Margining Control and Auxiliary ADC Inputs
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com