전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADM1072 데이터시트(PDF) 3 Page - Analog Devices

부품명 ADM1072
상세설명  Dual, USB 2.0 Full/Standby Power Controller with Supply Steering
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADM1072 데이터시트(HTML) 3 Page - Analog Devices

  ADM1072_15 Datasheet HTML 1Page - Analog Devices ADM1072_15 Datasheet HTML 2Page - Analog Devices ADM1072_15 Datasheet HTML 3Page - Analog Devices ADM1072_15 Datasheet HTML 4Page - Analog Devices ADM1072_15 Datasheet HTML 5Page - Analog Devices ADM1072_15 Datasheet HTML 6Page - Analog Devices ADM1072_15 Datasheet HTML 7Page - Analog Devices ADM1072_15 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ADM1072
–3–
Rev. PrE 1/02
Pin Configuration
ABSOLUTE MAXIMUM RATINGS*
(TA = +25°C unless otherwise noted)
MAIN_IN to GND . . . . . . . . . . . . . . . . . . . . . . –0.3V to +6V
ON1,ON1,FLT1, FLT2 to GND . . . . . . . . . . . –0.3V to +6V
OP1,OP2 to GND . . . . . . . . . . . . . . . . +0.3 V to (V
IN + 0.3V)
Maximum Switch Current
Full Power Mode . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1A
Standby Power Mode . . . . . . . . . . . . . . . . . . . . . . . . 200mA
Continuous Power Dissipation (TA = +70
oC) . . . . . 667mW
QSOP (derate 8.3mW/
oC above +70oC)
Operating Temperature Range
Industrial (A Version) . . . . . . . . . . . . . . . –40°C to +85°C
Storage Temperature Range . . . . . . . . . . . –65°C to +150°C
Lead Temperature (Soldering, 10 sec) . . . . . . . . . . . +300°C
*This is a stress rating only and functional operation of the device at these or any
other conditions above those indicated in the operation sections of this speci-
fication is not implied. Exposure to absolute maximum rating conditions for
extended periods of time may affect reliability.
PIN FUNCTION DESCRIPTION
Pin
Mnemonic
Function
2, 3, 14, 15
MAIN_IN
Input to MAIN P-channel MOSFET source (both channels). Bypass MAIN_IN with a
22µF capacitor to ground.
5, 12
STBY_IN
Input to Standby P-channel MOSFET source (both channels) and supply to chip
circuitry. Bypass STBY_IN with a 4.7µF capacitor to ground.
1, 4
OP1
Output from channel 1, P-channel MOSFET drains. Bypass OP1 with a 120µF capacitor
to ground.
13, 16
OP2
Output from channel 2, P-channel MOSFET drains. Bypass OP2 with a 120µF capacitor
to ground.
6
FLT1
Open-Drain Digital Output.
FLT1 goes low when the channel 1 current limit is
exceeded for 10mS or the die temperature exceeds +150
oC. During startup,
FLT1
remains low for the turn-on time.
7
FLT2
Open-Drain Digital Output.
FLT2 goes low when the channel 2 current limit is
exceeded for 10mS or the die temperature exceeds +150
oC. During startup,
FLT2
remains low for the turn-on time.
8
GND
Ground pin for all chip circuits.
9
STBY
Digital Input. Active high standby mode input. STBY = 0 sets normal operating mode
with 500mA current limit. STBY = 1 sets standby mode with 100mA current limit.
10
ON2
Digital Input. Active-low switch enable for channel 2 (logic 0 turns the switch on).
11
ON1
Digital Input. Active-low switch enable for channel 1 (logic 0 turns the switch on).
THERMAL CHARACTERISTICS
16-Pin QSOP Package:
qJA = 105°C/Watt, qJC = 40°C/Watt
ORDERING GUIDE
Temperature
Package
Package
Model
Range
Description
Option
ADM1072ARQ
-40°C to +85°C
16-Pin QSOP
RQ-16
Package
AD M 1 0 7 2
T O P VIEW
(No t to S cale)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
OP 1
MAIN _IN
MAIN _IN
OP 1
ST BY _IN
FLT1
FLT2
GND
OP 2
MAIN _IN
MAIN _IN
OP 2
ST BY _IN
ON 1
ON 2
ST BY
PRELIMINARY TECHNICAL DATA


유사한 부품 번호 - ADM1072_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADM1072ARQ AD-ADM1072ARQ Datasheet
88Kb / 8P
   Dual, USB 2.0 Full/Standby Power Controller with Supply Steering
Rev. PrE 1/02
More results

유사한 설명 - ADM1072_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADM1072 AD-ADM1072 Datasheet
88Kb / 8P
   Dual, USB 2.0 Full/Standby Power Controller with Supply Steering
Rev. PrE 1/02
logo
Intersil Corporation
ISL6119 INTERSIL-ISL6119 Datasheet
491Kb / 13P
   USB Dual Port Power Supply Controller
logo
Renesas Technology Corp
ISL6185 RENESAS-ISL6185 Datasheet
945Kb / 20P
   Dual USB Port Power Supply Controller
ISL6436 RENESAS-ISL6436 Datasheet
796Kb / 13P
   USB Dual Port Power Supply Controller
Aug 10, 2001
logo
Intersil Corporation
ISL6119LIB INTERSIL-ISL6119LIB Datasheet
494Kb / 13P
   USB Dual Port Power Supply Controller
March 2004
ISL6185 INTERSIL-ISL6185 Datasheet
400Kb / 20P
   Dual USB Port Power Supply Controller
logo
Renesas Technology Corp
ISL6119 RENESAS-ISL6119 Datasheet
771Kb / 13P
   USB Dual Port Power Supply Controller
logo
Intersil Corporation
ISL6436 INTERSIL-ISL6436 Datasheet
902Kb / 12P
   USB Dual Port Power Supply Controller
ISL61851ACBZ INTERSIL-ISL61851ACBZ Datasheet
780Kb / 20P
   Dual USB Port Power Supply Controller
March 8, 2012
logo
List of Unclassifed Man...
TE7022SL ETC2-TE7022SL Datasheet
313Kb / 5P
   USB 2.0 Full-Speed Hi-Q USB Audio Streaming Controller
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com