전자부품 데이터시트 검색엔진 |
|
ADM2486 데이터시트(PDF) 7 Page - Analog Devices |
|
ADM2486 데이터시트(HTML) 7 Page - Analog Devices |
7 / 20 page Data Sheet ADM2486 Rev. E | Page 7 of 20 VDE 0884-10 INSULATION CHARACTERISTICS This isolator is suitable for reinforced electrical isolation only within the safety limit data. Maintenance of the safety data must be ensured by means of protective circuits. An asterisk (*) on the physical package denotes VDE V 0884-10 approval for 560 V peak working voltage. Table 6. Description Symbol Characteristic Unit Installation Classification per DIN VDE 0110 for Rated Mains Voltage ≤150 V rms I-IV ≤300 V rms I-II ≤400 V rms I-II Climatic Classification 40/100/21 Pollution Degree (DIN VDE 0110, Table 1) 2 Maximum Working Insulation Voltage VIORM 560 VPEAK Input-to-Output Test Voltage, Method b1 VPR 1050 VPEAK VIORM × 1.875 = VPR, 100% Production Tested, tm = 1 sec, Partial Discharge < 5 pC Input-to-Output Test Voltage, Method a After Environmental Tests, Subgroup 1 VIORM × 1.6 = VPR, tm = 60 sec, Partial Discharge < 5 pC 896 VPEAK After Input and/or Safety Test, Subgroup 2/3 VIORM × 1.2 = VPR, tm = 60 sec, Partial Discharge < 5 pC VPR 672 VPEAK Highest Allowable Overvoltage (Transient Overvoltage, ttr = 10 sec) VTR 4000 VPEAK Safety-Limiting Values (Maximum Value Allowed in the Event of a Failure, see Figure 21) Case Temperature TS 150 °C Input Current IS, INPUT 265 mA Output Current IS, OUTPUT 335 mA Insulation Resistance at TS, VIO = 500 V RS >109 Ω |
유사한 부품 번호 - ADM2486_15 |
|
유사한 설명 - ADM2486_15 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |