전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADM3315E 데이터시트(PDF) 7 Page - Analog Devices

부품명 ADM3315E
상세설명  15 kV ESD Protected, 2.7 V to 3.6 V Serial
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADM3315E 데이터시트(HTML) 7 Page - Analog Devices

Back Button ADM3315E_15 Datasheet HTML 3Page - Analog Devices ADM3315E_15 Datasheet HTML 4Page - Analog Devices ADM3315E_15 Datasheet HTML 5Page - Analog Devices ADM3315E_15 Datasheet HTML 6Page - Analog Devices ADM3315E_15 Datasheet HTML 7Page - Analog Devices ADM3315E_15 Datasheet HTML 8Page - Analog Devices ADM3315E_15 Datasheet HTML 9Page - Analog Devices ADM3315E_15 Datasheet HTML 10Page - Analog Devices ADM3315E_15 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
Data Sheet
ADM3307E/ADM3310E/ADM3311E/ADM3312E/ADM3315E
Rev. I | Page 7 of 24
PRODUCT SELECTION GUIDE
Table 3. Product Selection Guide
Generic
Supply
Voltage
Tx
Rx
No. Rx
Active
in SD
Speed
15 kV ESD
ICC
Max
ICC
Shutdown
Max1
Additional Features
ADM3307E
2.7 V to 3.6 V
5
3
1
1 Mbps
RS-232 CMOS, EN,
and SD
1.5 mA
1 µA
±15 kV ESD protection, CMOS
on RS-232, and CMOS I/Os
including SD and EN pins
ADM3310E
2.7 V to 3.6 V
3
5
2
460 kbps
RS-232
0.85 mA
1 µA
2 Rxs active in shutdown, Green
Idle mode level 6 V, low power
ADM3311E
ADM3311E
2.7 V to 3.6 V
3
5
1
460 kbps
RS-232
1 mA
1 µA
ADM3312E
2.7 V to 3.6 V
3
3
1
460 kbps
RS-232
1 mA
1 µA
ADM3315E
2.7 V to 3.6 V
3
3
1
460 kbps
RS-232
0.85 mA
1 µA
22 kΩ Rx I/P resistance, Green
Idle mode level 6 V, low power
ADM3312E
1
ICC shutdown is 20 nA typically.


유사한 부품 번호 - ADM3315E_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADM3315EACP AD-ADM3315EACP Datasheet
312Kb / 16P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial Port Transceivers with Green Idle?
REV. G
ADM3315EACP-REEL AD-ADM3315EACP-REEL Datasheet
312Kb / 16P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial Port Transceivers with Green Idle?
REV. G
ADM3315EACP-REEL7 AD-ADM3315EACP-REEL7 Datasheet
312Kb / 16P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial Port Transceivers with Green Idle?
REV. G
ADM3315EACPZ AD-ADM3315EACPZ Datasheet
425Kb / 24P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial Port Transceivers with Green Idle?
Rev. I
ADM3315EACPZ AD-ADM3315EACPZ Datasheet
486Kb / 20P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial Port Transceivers with Green Idle
Rev. J
More results

유사한 설명 - ADM3315E_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADM3307E AD-ADM3307E_15 Datasheet
425Kb / 24P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial
Rev. I
ADM3310E AD-ADM3310E_15 Datasheet
425Kb / 24P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial
Rev. I
ADM3311E AD-ADM3311E_15 Datasheet
425Kb / 24P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial
Rev. I
ADM3312E AD-ADM3312E_15 Datasheet
425Kb / 24P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial
Rev. I
ADM3307E AD-ADM3307E Datasheet
312Kb / 16P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial Port Transceivers with Green Idle?
REV. G
ADM3307E AD-ADM3307E_V01 Datasheet
486Kb / 20P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial Port Transceivers with Green Idle
Rev. J
ADM3312EARUZ AD-ADM3312EARUZ Datasheet
425Kb / 24P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial Port Transceivers with Green Idle?
Rev. I
ADM3311E AD-ADM3311E Datasheet
180Kb / 12P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial Port Transceiver with Green Idle?
REV. A
ADM3075EWYRZ AD-ADM3075EWYRZ Datasheet
528Kb / 20P
   3.3 V, 15,-15 kV ESD-Protected
Rev. E
logo
STMicroelectronics
ST202EB STMICROELECTRONICS-ST202EB Datasheet
724Kb / 18P
   /- 15 kV ESD protected 5 V RS-232 transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com