전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADM3232EARWZ-REEL 데이터시트(PDF) 5 Page - Analog Devices

부품명 ADM3232EARWZ-REEL
상세설명  Line Driver/Receiver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADM3232EARWZ-REEL 데이터시트(HTML) 5 Page - Analog Devices

  ADM3232EARWZ-REEL Datasheet HTML 1Page - Analog Devices ADM3232EARWZ-REEL Datasheet HTML 2Page - Analog Devices ADM3232EARWZ-REEL Datasheet HTML 3Page - Analog Devices ADM3232EARWZ-REEL Datasheet HTML 4Page - Analog Devices ADM3232EARWZ-REEL Datasheet HTML 5Page - Analog Devices ADM3232EARWZ-REEL Datasheet HTML 6Page - Analog Devices ADM3232EARWZ-REEL Datasheet HTML 7Page - Analog Devices ADM3232EARWZ-REEL Datasheet HTML 8Page - Analog Devices ADM3232EARWZ-REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
ADM3232E
Rev. B | Page 5 of 12
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
C1+
1
V+
2
C1–
3
C2+
4
VCC
16
GND
15
T1OUT
14
R1IN
13
C2–
5
R1OUT
12
V–
6
T1IN
11
T2OUT 7
T2IN
10
R2IN 8
R2OUT
9
ADM3232E
TOP VIEW
(Not to Scale)
Figure 2. Pin Configuration
Table 3. Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 3
C1+, C1–
External Capacitor 1 is connected between these pins. A 0.1 μF capacitor is recommended, but larger capacitors
of up to 47 μF can be used.
2
V+
Internally Generated Positive Supply (6 V Nominal).
4, 5
C2+, C2–
External Capacitor 2 is connected between these pins. A 0.1 μF capacitor is recommended, but larger capacitors
of up to 47 μF can be used.
6
V–
Internally Generated Negative Supply (−6 V Nominal).
7, 14
T2OUT, T1OUT
Transmitter (Driver) Outputs. These are RS-232 signal levels (typically ±6 V).
8, 13
R2IN, R1IN
Receiver Inputs. These inputs accept RS-232 signal levels. An internal 5 kΩ pull-down resistor to GND is connected
on each input.
9, 12
R2OUT, R1OUT
Receiver Outputs. These are TTL/CMOS output logic levels.
10, 11
T2IN, T1IN
Transmitter (Driver) Inputs. These inputs accept TTL/CMOS levels.
15
GND
Ground Pin. Must be connected to 0 V.
16
VCC
Power Supply Input (3.3 V ± 0.3 V).


유사한 부품 번호 - ADM3232EARWZ-REEL

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADM3232EARWZ-REEL AD-ADM3232EARWZ-REEL Datasheet
232Kb / 12P
   ±15 kV ESD Protected, 3.3 V, RS-232 Line Driver/Receiver
Rev. B
More results

유사한 설명 - ADM3232EARWZ-REEL

제조업체부품명데이터시트상세설명
logo
Microsemi Corporation
TSC396 MICROSEMI-TSC396 Datasheet
1Mb / 6P
   Line Driver/Receiver
logo
Unisonic Technologies
UT3221 UTC-UT3221 Datasheet
267Kb / 10P
   LINE DRIVER/RECEIVER
logo
System Logic Semiconduc...
SL75232 SLS-SL75232 Datasheet
46Kb / 5P
   Line Driver / Receiver
logo
New Japan Radio
NJU6402B NJRC-NJU6402B Datasheet
222Kb / 7P
   RS232C LINE DRIVER/RECEIVER?
logo
Elantec Semiconductor
EL1501C ELANTEC-EL1501C Datasheet
139Kb / 2P
   Differential Line Driver/Receiver
logo
Texas Instruments
SN75155 TI1-SN75155_14 Datasheet
479Kb / 17P
[Old version datasheet]   LINE DRIVER AND RECEIVER
SN751701 TI-SN751701 Datasheet
237Kb / 14P
[Old version datasheet]   LINE DRIVER AND RECEIVER
SN751701PSRG4 TI-SN751701PSRG4 Datasheet
395Kb / 16P
[Old version datasheet]   LINE DRIVER AND RECEIVER
logo
New Japan Radio
NJU6401B NJRC-NJU6401B Datasheet
223Kb / 7P
   RS232C LINE DRIVER/RECEIVER
logo
Texas Instruments
SN751730 TI-SN751730 Datasheet
127Kb / 8P
[Old version datasheet]   TRIPLE LINE DRIVER/RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com