전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRF323 데이터시트(PDF) 2 Page - Intersil Corporation

부품명 IRF323
상세설명  2.8A and 3.3A, 350V and 400V, 1.8 and 2.5 Ohm, N-Channel Power MOSFETs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

IRF323 데이터시트(HTML) 2 Page - Intersil Corporation

  IRF323 Datasheet HTML 1Page - Intersil Corporation IRF323 Datasheet HTML 2Page - Intersil Corporation IRF323 Datasheet HTML 3Page - Intersil Corporation IRF323 Datasheet HTML 4Page - Intersil Corporation IRF323 Datasheet HTML 5Page - Intersil Corporation IRF323 Datasheet HTML 6Page - Intersil Corporation IRF323 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
5-2
Absolute Maximum Ratings
TC = 25
oC, Unless Otherwise Specified
IRF320
IRF321
IRF322
IRF323
UNITS
Drain to Source Breakdown Voltage (Note 1). . . . . . . . . .VDS
400
350
400
350
V
Drain to Gate Voltage (RGS = 20kΩ) (Note 1) . . . . . . . VDGR
400
350
400
350
V
Continuous Drain Current. . . . . . . . . . . . . . . . . . . . . . . . . . ID
TC = 100
oC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . I
D
3.3
2.1
3.3
2.1
2.8
1.8
2.8
1.8
A
A
Pulsed Drain Current (Note 3) . . . . . . . . . . . . . . . . . . . . . IDM
13
13
11
11
A
Gate to Source Voltage . . . . . . . . . . . . . . . . . . . . . . . . . .VGS
±20
±20
±20
±20
V
Maximum Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . PD
50
50
50
50
W
Linear Derating Factor . . . . . . . . . . . . . . . . . . . . . . . . . . . .
0.4
0.4
0.4
0.4
W/oC
Single Pulse Avalanche Energy Rating (Note 4) . . . . . . . EAS
190
190
190
190
mJ
Operating and Storage Temperature . . . . . . . . . . . . TJ, TSTG
-55 to 150
-55 to 150
-55 to 150
-55 to 150
oC
Maximum Temperature for Soldering
Leads at 0.063in (1.6mm) from Case for 10s . . . . . . . . . TL
Package Body for 10s, See TB334 . . . . . . . . . . . . . . . Tpkg
300
260
300
260
300
260
300
260
oC
oC
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation
of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1. TJ = 25
oC to 125oC.
Electrical Specifications
TC = 25
oC, Unless Otherwise Specified
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Drain to Source Breakdown Voltage
BVDSS
ID = 250µA, VGS = 0V, (Figure 10)
IRF320, IRF322
400
-
-
V
IRF321, IRF323
350
-
-
V
Gate to Threshold Voltage
VGS(TH)
VGS = VDS, ID = 250µA
2.0
-
4.0
V
Zero Gate Voltage Drain Current
IDSS
VDS = Rated BVDSS, VGS = 0V
-
-
25
µA
VDS = 0.8 x Rated BVDSS, VGS = 0V
TJ = 125
oC
-
-
250
µA
On-State Drain Current (Note 2)
ID(ON)
VDS > ID(ON) x rDS(ON)MAX, VGS = 10V
(Figure 7)
IRF320, IRF321
3.3
-
-
A
IRF322, IRF323
2.8
-
-
A
Gate to Source Leakage Current
IGSS
VGS = ±20V
±100
nA
Drain to Source On Resistance (Note 2)
rDS(ON)
ID = 1.8A, VGS = 10V, (Figures 8, 9)
IRF320, IRF321
-
1.5
1.8
IRF322, IRF323
-
1.8
2.5
Forward Transconductance (Note 2)
gfs
VDS ≥ 10V, ID = 2.0A, (Figure 12)
1.7
2.7
-
S
Turn-On Delay Time
td(ON)
VDD = 200V, ID ≈ 3.3A, RG = 18Ω, RL = 60Ω,
VGS = 10V, (Figures 17, 18)
MOSFET Switching Times are Essentially
Independent of Operating Temperature
-10
15
ns
Rise Time
tr
-14
20
ns
Turn-Off Delay Time
td(OFF)
-30
45
ns
Fall Time
tf
-13
20
ns
Total Gate Charge
(Gate to Source + Gate to Drain)
Qg(TOT)
VGS = 10V, ID = 3.3A, VDS = 0.8 x Rated BVDSS,
IG(REF) = 1.5mA, (Figures 14, 19, 20)
Gate Charge is Essentially Independent of
Operating Temperature
-12
20
nC
Gate to Source Charge
Qgs
-4
-
nC
Gate to Drain “Miller” Charge
Qgd
-8
-
nC
IRF320, IRF321, IRF322, IRF323


유사한 부품 번호 - IRF323

제조업체부품명데이터시트상세설명
logo
Samsung semiconductor
IRF323 SAMSUNG-IRF323 Datasheet
213Kb / 5P
   N-CHANNEL POWER MOSFETS
logo
Fairchild Semiconductor
IRF323 FAIRCHILD-IRF323 Datasheet
164Kb / 5P
   N-Channel Power MOSFETs, 3.0 A, 350-400 V
logo
New Jersey Semi-Conduct...
IRF323 NJSEMI-IRF323 Datasheet
137Kb / 3P
   2.8A and 3.3A, 350V and 400V, 1.8 and 2.5 Ohm, N-Channel Power MOSFETs
logo
Inchange Semiconductor ...
IRF323 ISC-IRF323 Datasheet
48Kb / 2P
   isc N-Channel MOSFET Transistor
logo
ARTSCHIP ELECTRONICS CO...
IRF323 ARTSCHIP-IRF323 Datasheet
333Kb / 6P
   N-Channel Power MOSFETs
More results

유사한 설명 - IRF323

제조업체부품명데이터시트상세설명
logo
New Jersey Semi-Conduct...
IRF320 NJSEMI-IRF320 Datasheet
137Kb / 3P
   2.8A and 3.3A, 350V and 400V, 1.8 and 2.5 Ohm, N-Channel Power MOSFETs
logo
Intersil Corporation
RFH12N35 INTERSIL-RFH12N35 Datasheet
40Kb / 5P
   12A, 350V and 400V, 0.380 Ohm, N-Channel Power MOSFETs
RFM4N35 INTERSIL-RFM4N35 Datasheet
38Kb / 4P
   4A, 350V and 400V, 2.000 Ohm, N-Channel Power MOSFETs
RFM7N35 INTERSIL-RFM7N35 Datasheet
47Kb / 4P
   7A, 350V and 400V, 0.75 Ohm, N-Channel Power MOSFETs
RFM12N35 INTERSIL-RFM12N35 Datasheet
31Kb / 4P
   12A, 350V and 400V, 0.500 Ohm, N-Channel Power MOSFETs
logo
Fairchild Semiconductor
IRF340-343 FAIRCHILD-IRF340-343 Datasheet
154Kb / 5P
   N-Channel Power MOSFETs, 10A, 350V/400V
IRF350-353 FAIRCHILD-IRF350-353 Datasheet
117Kb / 4P
   N-Channel Power MOSFETs, 15A, 350V/400V
2N6759 FAIRCHILD-2N6759 Datasheet
138Kb / 5P
   N-Channel Power MOSFETs, 5.5A, 350V/400V
2N6767 FAIRCHILD-2N6767 Datasheet
140Kb / 5P
   N-Channel Power MOSFETs, 15A, 350V/400V
logo
Intersil Corporation
IRF720 INTERSIL-IRF720 Datasheet
54Kb / 7P
   3.3A, 400V, 1.800 Ohm, N-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com