전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRF740 데이터시트(PDF) 1 Page - Intersil Corporation

부품명 IRF740
상세설명  10A, 400V, 0.550 Ohm, N-Channel Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

IRF740 데이터시트(HTML) 1 Page - Intersil Corporation

  IRF740 Datasheet HTML 1Page - Intersil Corporation IRF740 Datasheet HTML 2Page - Intersil Corporation IRF740 Datasheet HTML 3Page - Intersil Corporation IRF740 Datasheet HTML 4Page - Intersil Corporation IRF740 Datasheet HTML 5Page - Intersil Corporation IRF740 Datasheet HTML 6Page - Intersil Corporation IRF740 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
4-239
File Number
2311.3
CAUTION: These devices are sensitive to electrostatic discharge; follow proper ESD Handling Procedures.
http://www.intersil.com or 407-727-9207
| Copyright
© Intersil Corporation 1999
IRF740
10A, 400V, 0.550 Ohm, N-Channel Power
MOSFET
This N-Channel enhancement mode silicon gate power field
effect transistor is an advanced power MOSFET designed,
tested, and guaranteed to withstand a specified level of
energy in the breakdown avalanche mode of operation. All of
these power MOSFETs are designed for applications such
as switching regulators, switching converters, motor drivers,
relay drivers, and drivers for high power bipolar switching
transistors requiring high speed and low gate drive power.
They can be operated directly from integrated circuits.
Formerly developmental type TA17424.
Features
• 10A, 400V
•rDS(ON) = 0.550Ω
• Single Pulse Avalanche Energy Rated
• SOA is Power Dissipation Limited
• Nanosecond Switching Speeds
• Linear Transfer Characteristics
• High Input Impedance
• Related Literature
- TB334 “Guidelines for Soldering Surface Mount
Components to PC Boards”
Symbol
Packaging
JEDEC TO-220AB
TOP VIEW
Ordering Information
PART NUMBER
PACKAGE
BRAND
IRF740
TO-220AB
IRF740
NOTE: When ordering, include the entire part number.
G
D
S
SOURCE
DRAIN
GATE
DRAIN
(FLANGE)
Data Sheet
July 1999


유사한 부품 번호 - IRF740

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
IRF740 STMICROELECTRONICS-IRF740 Datasheet
93Kb / 8P
   N - CHANNEL 400V - 0.48 ohm - 10 A - TO-220 PowerMESH] MOSFET
logo
Inchange Semiconductor ...
IRF740 ISC-IRF740 Datasheet
279Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Fairchild Semiconductor
IRF740 FAIRCHILD-IRF740 Datasheet
154Kb / 5P
   N-Channel Power MOSFETs, 10A, 350V/400V
logo
List of Unclassifed Man...
IRF740 ETC2-IRF740 Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Fairchild Semiconductor
IRF740 FAIRCHILD-IRF740 Datasheet
894Kb / 10P
   400V N-Channel MOSFET
More results

유사한 설명 - IRF740

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
RF340 INTERSIL-RF340 Datasheet
55Kb / 7P
   10A, 400V, 0.550 Ohm, N-Channel Power MOSFET
IRFP340 INTERSIL-IRFP340 Datasheet
57Kb / 7P
   11A, 400V, 0.550 Ohm, N-Channel Power MOSFET
logo
Unisonic Technologies
UF740 UTC-UF740 Datasheet
163Kb / 6P
   10A, 400V, 0.55 OHM, N-CHANNEL POWER MOSFET
logo
First Components Intern...
IRF740FP FCI-IRF740FP Datasheet
208Kb / 3P
   10A 400V N CHANNEL POWER MOSFET
logo
Hi-Sincerity Mocroelect...
HIRF740 HSMC-HIRF740 Datasheet
50Kb / 4P
   N-Channel Power MOSFET (400V, 10A)
logo
First Components Intern...
IRF740 FCI-IRF740 Datasheet
444Kb / 3P
   10A 400V N CHANNEL POWER MOSFET
logo
Jiangsu Donghai Semicon...
740 WXDH-740 Datasheet
1Mb / 12P
   10A 400V N-channel Enhancement Mode Power MOSFET
logo
Tak Cheong Electronics ...
TFF740 TAK_CHEONG-TFF740 Datasheet
281Kb / 7P
   N-Channel Power MOSFET 10A, 400V, 0.55廓
TFP740 TAK_CHEONG-TFP740 Datasheet
302Kb / 7P
   N-Channel Power MOSFET 10A, 400V, 0.55廓
logo
Thinki Semiconductor Co...
IRF740PBF THINKISEMI-IRF740PBF Datasheet
914Kb / 6P
   10A,400V Heatsink N-Channel Type Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com