전자부품 데이터시트 검색엔진 |
|
A-20140 데이터시트(PDF) 1 Page - Assmann Electronics Inc. |
|
A-20140 데이터시트(HTML) 1 Page - Assmann Electronics Inc. |
|
1 / 1 page A B C D E F G H Drawn 2 1 H 3 4 F G E Modification Name Date SHEET 6 5 Drawing-No. Replace Date Name 1 2 3 4 5 6 7 D C B A Customer-No. ASSMANN WSW-No. rev02 Id. TOLERANCE .X .XX .XXX DIM TOL ±0.10 ±0.15 ±0.20 Approved 7 A-20140 05.11.2008 Hellwig ASS 2885 CO Scale 1:1 ±5° 1 Drawn Angle 02.07.2009 02.07.2009 Dean N.Schulz 2 Update SV1176 05.11.2008 N.Schulz 5. DIELECTRIC STRENGTH 3. CONTACT RESISTANCE 5. PCB RETENTION PRE-SOLDER 6. PCB RETENTION POST-SOLDER: 10 LBS MIN. 2. OPERATION: -40°C TO +85°C. 4. INSULATION RESISTANCE : 1000 MEGOHMS MIN @ 500 VDC. : -40°C TO +85°C. 2. CONTACT MATERIAL 3. PLATING 4. OPERATING LIFE 1. STORAGE ENVIRONMENTAL: NOTES: 1. HOUSING MATERIAL 2. CURRENT RATING 1. VOLTAGE RATING MECHANICAL: ELECTRICAL: : PHOSPHOR BRONZE =0.46mm : 6u" GOLD PLATING OVER NICKEL. : 750 CYCLES MIN. : 1 LB MIN. : 750 VAC RMS 50Hz, 1MIN. : 1.5 AMP MIN. : 30 MILLIOHMS MAX. : 125 VAC RMS MIN. : HIGH TEMP. UL94V-0 ∅ ASS 0703 CO RoHS compliant Unit: mm File No.: E345352 |
유사한 부품 번호 - A-20140 |
|
유사한 설명 - A-20140 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |