전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADM9690 데이터시트(PDF) 1 Page - Analog Devices

부품명 ADM9690
상세설명  Power Supply and Watchdog Timer Monitoring Circuit
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADM9690 데이터시트(HTML) 1 Page - Analog Devices

  ADM9690_15 Datasheet HTML 1Page - Analog Devices ADM9690_15 Datasheet HTML 2Page - Analog Devices ADM9690_15 Datasheet HTML 3Page - Analog Devices ADM9690_15 Datasheet HTML 4Page - Analog Devices ADM9690_15 Datasheet HTML 5Page - Analog Devices ADM9690_15 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
REV. A
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
ADM9690
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2000
Power Supply and Watchdog Timer
Monitoring Circuit
FUNCTIONAL BLOCK DIAGRAM
WATCHDOG
TRANSITION
DETECTOR
VCC
VMON
OSC SEL1
OSC SEL2
RESET(2)
TIMER
RESET(1)
TIMER
4.31V
ADM9690
RESET(1)
RESET(2)
WATCHDOG
INPUT (WDI)
GND
WATCHDOG
TIMEBASE
FEATURES
Precision Voltage Monitor (4.31 V)
Watchdog Timeout Monitor
Selectable Watchdog Timeout—0.75 ms, 1.5 ms,
12.5 ms, 25 ms
Two RESET Outputs
APPLICATIONS
Microprocessor Systems
Computers
Printers
Controllers
Intelligent Instruments
GENERAL DESCRIPTION
The ADM9690 contains a voltage monitoring comparator and a
watchdog timer monitor. It is designed to monitor the 5 V
power supply to a microprocessor and the microprocessor opera-
tion via a watchdog function.
The voltage monitoring comparator monitors the voltage on
VMON. If it drops outside tolerance, as will happen during a
power-fail, two reset signals are generated. Both reset signals go
active (low) simultaneously. They will remain active while
VMON is below the threshold, and for 50 ms (RESET(1)) or
60 ms (RESET(2
)) after V
MON climbs above the reset thresh-
old. RESET(1) is intended to provide a power-on reset signal
for the
µP while RESET(2) is used to hold additional circuitry
in a reset state until the
µP has regained control following a
power-up. The voltage monitoring circuitry remains operational
with VCC as low as 2 V.
The watchdog timer monitoring circuit is designed to monitor
the activity on the WDI input. This input is normally connected
to an output line on the
µP. Its function is to check that the
microprocessor has not stalled in an infinite loop. If there is a
period of inactivity for the watchdog timeout period, both reset
outputs are activated. As above, RESET(1
) remains low for
50 ms while RESET(2) remains low for an additional 10 ms.
The watchdog timer is restarted when RESET(1
) goes inactive.
The actual watchdog timeout period is adjustable using two
select inputs SEL1 and SEL2.
The ADM9690 is available in an 8-lead SOIC package. It is
specified over the industrial temperature range.


유사한 부품 번호 - ADM9690_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADM9690AR AD-ADM9690AR Datasheet
76Kb / 6P
   Power Supply and Watchdog Timer Monitoring Circuit
REV. A
More results

유사한 설명 - ADM9690_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADM9690 AD-ADM9690 Datasheet
76Kb / 6P
   Power Supply and Watchdog Timer Monitoring Circuit
REV. A
logo
Fujitsu Component Limit...
MB3793-37A FUJITSU-MB3793-37A_06 Datasheet
259Kb / 24P
   Power Voltage Monitoring IC with Watchdog Timer
MB3793-42 FUJITSU-MB3793-42 Datasheet
266Kb / 25P
   POWER-VOLTAGE MONITORING IC WITH WATCHDOG TIMER
logo
Cypress Semiconductor
MB3793-27D CYPRESS-MB3793-27D Datasheet
793Kb / 24P
   Power-Voltage Monitoring IC with Watchdog Timer
logo
Fujitsu Component Limit...
MB3793-45 FUJITSU-MB3793-45 Datasheet
187Kb / 28P
   POWER-VOLTAGE MONITORING IC WITH WATCHDOG TIMER
MB3793-42PNF-G FUJITSU-MB3793-42PNF-G Datasheet
183Kb / 23P
   POWER-VOLTAGE MONITORING IC WITH WATCHDOG TIMER
logo
Cypress Semiconductor
MB3793-42 CYPRESS-MB3793-42 Datasheet
293Kb / 24P
   Power-Voltage Monitoring IC with Watchdog Timer
logo
Fujitsu Component Limit...
MB3793-37A FUJITSU-MB3793-37A Datasheet
150Kb / 21P
   Power Voltage Monitoring IC with Watchdog Timer
MB3793-27A FUJITSU-MB3793-27A Datasheet
305Kb / 25P
   Power Voltage Monitoring IC with Watchdog Timer
MB3793 FUJITSU-MB3793 Datasheet
192Kb / 20P
   POWER-VOLTAGE MONITORING IC WITH WATCHDOG TIMER
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com