전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRFD210 데이터시트(PDF) 3 Page - Intersil Corporation

부품명 IRFD210
상세설명  0.6A, 200V, 1.500 Ohm, N-Channel Power MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

IRFD210 데이터시트(HTML) 3 Page - Intersil Corporation

  IRFD210 Datasheet HTML 1Page - Intersil Corporation IRFD210 Datasheet HTML 2Page - Intersil Corporation IRFD210 Datasheet HTML 3Page - Intersil Corporation IRFD210 Datasheet HTML 4Page - Intersil Corporation IRFD210 Datasheet HTML 5Page - Intersil Corporation IRFD210 Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
4-283
Source to Drain Diode Specifications
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Continuous Source to Drain Current
ISD
Modified MOSFET Symbol
Showing the Integral
Reverse P-N Junction
Diode
-
-
0.6
A
Pulse Source to Drain Current
ISDM
-
-
2.5
A
Source to Drain Diode Voltage (Note 2)
VSD
TJ = 25
oC, I
SD = 0.6A, VGS = 0V (Figure 12)
-
-
2.0
V
Reverse Recovery Time
trr
TJ = 150
oC, I
SD = 0.6A, dISD/dt = 100A/µs
-
290
-
ns
Reverse Recovery Charge
QRR
TJ = 150
oC, I
SD = 0.6A, dISD/dt = 100A/µs
-
2.0
-
µC
NOTES:
2. Pulse test: pulse width
≤ 300µs, duty cycle ≤ 2%.
3. VDD = 20V, starting TJ = 25
oC, L = 112.7µH, RG = 50Ω, peak IAS = 2.2A.
Typical Performance Curves Unless Otherwise Specified
FIGURE 1. NORMALIZED POWER DISSIPATION vs AMBIENT
TEMPERATURE
FIGURE 2. MAXIMUM CONTINUOUS DRAIN CURRENT vs
AMBIENT TEMPERATURE
FIGURE 3. FORWARD BIAS SAFE OPERATING AREA
FIGURE 4. OUTPUT CHARACTERISTICS
G
D
S
TA, AMBIENT TEMPERATURE (
oC)
0
0
25
50
75
100
150
0.2
0.4
0.6
0.8
1.0
1.2
125
TA, AMBIENT TEMPERATURE (
oC)
50
75
100
25
150
0.6
0.4
0.3
0
0.2
0.1
125
0.5
VDS, DRAIN TO SOURCE VOLTAGE (V)
1
0.1
10
1
0.001
1ms
10ms
100ms
100
µs
DC
10
µs
100
1000
TJ = MAX RATED
0.01
SINGLE PULSE
TC = 25
oC
OPERATION IN THIS
AREA MAY BE
LIMITED BY RDS(ON)
0
10203040
1
2
3
4
5
50
VDS, DRAIN TO SOURCE VOLTAGE (V)
0
VGS = 9V
VGS = 4V
VGS = 5V
VGS = 7V
PULSE DURATION = 80
µs
VGS = 10V
VGS = 8V
VGS = 6V
DUTY CYCLE = 0.5% MAX
IRFD210


유사한 부품 번호 - IRFD210

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRFD210 IRF-IRFD210 Datasheet
173Kb / 6P
   Power MOSFET(Vdss=200V, Rds(on)=1.5ohm, Id=0.60A)
logo
Harris Corporation
IRFD210 HARRIS-IRFD210 Datasheet
360Kb / 6P
   0.6A AND 0.45A, 150V AND 200V, 1.5 AND 2.4 OHM, N-CHANNEL POWER MOSFETS
logo
Vishay Siliconix
IRFD210 VISHAY-IRFD210 Datasheet
1Mb / 8P
   Power MOSFET
S-81263-Rev. A, 21-Jul-08
IRFD210 VISHAY-IRFD210 Datasheet
843Kb / 9P
   Power MOSFET
01-Jan-2022
logo
International Rectifier
IRFD210PBF IRF-IRFD210PBF Datasheet
1Mb / 8P
   HEXFET Power MOSFET
More results

유사한 설명 - IRFD210

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
IRFD9220 INTERSIL-IRFD9220 Datasheet
53Kb / 6P
   0.6A, 200V, 1.500 Ohm, P-Channel Power MOSFET
logo
Fairchild Semiconductor
2N6784 FAIRCHILD-2N6784 Datasheet
90Kb / 7P
   2.25A, 200V, 1.500 Ohm, N-Channel Power MOSFET
logo
Intersil Corporation
IRF610 INTERSIL-IRF610 Datasheet
55Kb / 7P
   3.3A, 200V, 1.500 Ohm, N-Channel Power MOSFET
IRFF210 INTERSIL-IRFF210 Datasheet
325Kb / 7P
   2.2A, 200V, 1.500 Ohm, N-Channel Power MOSFET
IRF9620 INTERSIL-IRF9620 Datasheet
58Kb / 7P
   3.5A, 200V, 1.500 Ohm, P-Channel Power MOSFET
IRF830 INTERSIL-IRF830 Datasheet
56Kb / 7P
   4.5A, 500V, 1.500 Ohm, N-Channel Power MOSFET
logo
Harris Corporation
BUZ41A HARRIS-BUZ41A Datasheet
45Kb / 5P
   4.5A, 500V, 1.500 Ohm, N-Channel Power MOSFET
logo
Intersil Corporation
IRFR9220 INTERSIL-IRFR9220 Datasheet
99Kb / 8P
   3.6A, 200V, 1.500 Ohm, P-Channel Power MOSFETs
IRF430 INTERSIL-IRF430 Datasheet
56Kb / 7P
   4.5A, 500V, 1.500 Ohm, N-Channel Power MOSFET
BUZ41A INTERSIL-BUZ41A Datasheet
41Kb / 5P
   4.5A, 500V, 1.500 Ohm, N-Channel Power MOSFET
October 1998
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com