전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SD2045 데이터시트(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

부품명 2SD2045
상세설명  Plastic-Encapsulate Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SECOS [SeCoS Halbleitertechnologie GmbH]
홈페이지  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

2SD2045 데이터시트(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  2SD2045_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH 2SD2045_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH 2SD2045_15 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH 2SD2045_15 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Elektronische Bauelemente
2SD2045
NPN - PNP
Plastic-Encapsulate Transistors
19-Nov-2013 Rev. A
Page 2 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS OF TR1 (NPN Transistor) @Ta = 25°C
Parameter
Test Condition
Symbol
Min.
Typ.
Max.
Unit
Collector-Base Breakdown Voltage
IC=100µA, IE=0
V(BR)CBO
40
-
-
V
Collector-Emitter Breakdown Voltage
IC =10mA, IB=0
V(BR)CEO
30
-
-
V
Collector-Emitter Breakdown Voltage
IC =1µA, VBE(OFF)= -0.5V
V(BR)CEX
40
-
-
V
Emitter-Base Breakdown Voltage
IE=100µA, IC=0
V(BR)EBO
7
-
-
V
Collector Cutoff Current
VCB=32V, IE=0
ICBO
-
-
20
nA
Collector cut-off current
VCE=16V, R≦1K
ICER
-
-
20
nA
Emitter Cutoff Current
VEB=6V, IC=0
IEBO
-
-
20
nA
DC Current Gain
VCE=2V, IC=100mA
hFE
180
-
500
Collector-emitter Saturation Voltage
IC=750mA, IB=15mA
VCE(sat)
-
-
0.375
V
Base-Emitter Saturation Voltage
IC=750mA, IB=15mA
VBE(sat)
-
-
1.2
V
ELECTRICAL CHARACTERISTICS OF TR2 (PNP Transistor) @Ta = 25°C
Parameter
Test Condition
Symbol
Min.
Typ.
Max.
Unit
Collector-Base Breakdown Voltage
IC= -100µA, IE=0
V(BR)CBO
-40
-
-
V
Collector-Emitter Breakdown Voltage
IC = -10mA, IB=0
V(BR)CEO
-30
-
-
V
Collector-Emitter Breakdown Voltage
IC = -1µA, VBE(OFF)=0.5V
V(BR)CEX
-40
-
-
V
Emitter-Base Breakdown Voltage
IE= -100µA, IC=0
V(BR)EBO
-7
-
-
V
Collector Cutoff Current
VCB= -32V, IE=0
ICBO
-
-
-20
nA
Collector cut-off current
VCE= -16V, R≦1K
ICER
-
-
-20
nA
Emitter Cutoff Current
VEB= -6V, IC=0
IEBO
-
-
-20
nA
DC Current Gain
VCE= -2V, IC= -100mA
hFE
180
-
500
Collector-emitter Saturation Voltage
IC= -750mA, IB= -15mA
VCE(sat)
-
-
-0.375
V
Base-Emitter Saturation Voltage
IC= -750mA, IB= -15mA
VBE(sat)
-
-
-1.2
V


유사한 부품 번호 - 2SD2045_15

제조업체부품명데이터시트상세설명
logo
Sanken electric
2SD2045 SANKEN-2SD2045_01 Datasheet
34Kb / 1P
   Silicon NPN Triple Diffused Planar Transistor
More results

유사한 설명 - 2SD2045_15

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
S9013 ETC-S9013 Datasheet
963Kb / 2P
   PLASTIC ENCAPSULATE TRANSISTORS
logo
GUANGDONG HOTTECH INDUS...
2SC4672 HOTTECH-2SC4672 Datasheet
175Kb / 2P
   Plastic-Encapsulate Transistors
2SB1260 HOTTECH-2SB1260 Datasheet
173Kb / 2P
   Plastic-Encapsulate Transistors
A44 HOTTECH-A44 Datasheet
304Kb / 2P
   Plastic-Encapsulate Transistors
BAS21 HOTTECH-BAS21 Datasheet
274Kb / 2P
   Plastic-Encapsulate Transistors
2SA812 HOTTECH-2SA812 Datasheet
306Kb / 2P
   Plastic-Encapsulate Transistors
MMBT5401 HOTTECH-MMBT5401 Datasheet
191Kb / 2P
   Plastic-Encapsulate Transistors
MMBTA05 HOTTECH-MMBTA05 Datasheet
274Kb / 2P
   Plastic-Encapsulate Transistors
2SC4115 HOTTECH-2SC4115 Datasheet
1Mb / 2P
   Plastic-Encapsulate Transistors
MMST2907A HOTTECH-MMST2907A Datasheet
202Kb / 2P
   Plastic-Encapsulate Transistors
MMST3906 HOTTECH-MMST3906 Datasheet
339Kb / 2P
   Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com