전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADN2870 데이터시트(PDF) 7 Page - Analog Devices

부품명 ADN2870
상세설명  3.3 V Dual-Loop, 50 Mbps to 3.3 Gbps Laser Diode Driver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADN2870 데이터시트(HTML) 7 Page - Analog Devices

Back Button ADN2870_15 Datasheet HTML 3Page - Analog Devices ADN2870_15 Datasheet HTML 4Page - Analog Devices ADN2870_15 Datasheet HTML 5Page - Analog Devices ADN2870_15 Datasheet HTML 6Page - Analog Devices ADN2870_15 Datasheet HTML 7Page - Analog Devices ADN2870_15 Datasheet HTML 8Page - Analog Devices ADN2870_15 Datasheet HTML 9Page - Analog Devices ADN2870_15 Datasheet HTML 10Page - Analog Devices ADN2870_15 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
ADN2870
Rev. A | Page 7 of 20
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
GND
19
24
18
1
12
7
13
6
VCC
IMODP
IMODN
GND
IBIAS
ALS
DATAN
DATAP
GND
ADN2870
PAVCAP
ERCAP
NOTES
1. THE LFCSP PACKAGE HAS AN EXPOSED PADDLE
THAT MUST BE CONNECTED TO GROUND.
Figure 5. Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
CCBIAS
Control Output Current
2
PAVSET
Average Optical Power Set Pin
3
GND
Supply Ground
4
VCC
Supply Voltage
5
PAVREF
Reference Voltage Input for Average Optical Power Control
6
RPAV
Average Power Resistor when Using PAVREF
7
ERCAP
Extinction Ratio Loop Capacitor
8
PAVCAP
Average Power Loop Capacitor
9
GND
Supply Ground
10
DATAP
Data, Positive Differential Input
11
DATAN
Data, Negative Differential Input
12
ALS
Automatic Laser Shutdown
13
ERSET
Extinction Ratio Set Pin
14
IMMON
Modulation Current Monitor Current Source
15
ERREF
Reference Voltage Input for Extinction Ratio Control
16
VCC
Supply Voltage
17
IBMON
Bias Current Monitor Current Source
18
FAIL
FAIL Alarm Output
19
GND
Supply Ground
20
VCC
Supply Voltage
21
IMODP
Modulation Current Positive Output (Current Sink), Connect to Laser Diode
22
IMODN
Modulation Current Negative Output (Current Sink)
23
GND
Supply Ground
24
IBIAS
Laser Diode Bias (Current Sink to Ground)


유사한 부품 번호 - ADN2870_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADN2870ACPZ AD-ADN2870ACPZ Datasheet
764Kb / 20P
   3.3 V Dual-Loop, 50 Mbps to 3.3 Gbps Laser Diode Driver
REV. 0
ADN2870ACPZ-RL AD-ADN2870ACPZ-RL Datasheet
764Kb / 20P
   3.3 V Dual-Loop, 50 Mbps to 3.3 Gbps Laser Diode Driver
REV. 0
ADN2870ACPZ-RL7 AD-ADN2870ACPZ-RL7 Datasheet
764Kb / 20P
   3.3 V Dual-Loop, 50 Mbps to 3.3 Gbps Laser Diode Driver
REV. 0
More results

유사한 설명 - ADN2870_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADN2870 AD-ADN2870 Datasheet
764Kb / 20P
   3.3 V Dual-Loop, 50 Mbps to 3.3 Gbps Laser Diode Driver
REV. 0
ADN2847 AD-ADN2847_15 Datasheet
502Kb / 16P
   3.3 V Dual-Loop 50 Mbps to 3.3 Gbps Laser Diode Driver
REV. B
ADN2872 AD-ADN2872 Datasheet
588Kb / 20P
   3.3 V Dual-Loop, 50 Mbps to 3.3 Gbps Laser Diode Driver
REV. 0
ADN2847 AD-ADN2847 Datasheet
1Mb / 12P
   3 V Dual-Loop 50 Mbps to 3.3 Gbps Laser Diode Driver
REV. 0
ADN2848 AD-ADN2848_15 Datasheet
347Kb / 12P
   3.3 V Dual-Loop 50 Mbps to 1.25 Gbps Laser Diode Driver
REV. B
ADN2871 AD-ADN2871_15 Datasheet
768Kb / 20P
   3.3 V, 50 Mbps to 4.25 Gbps, Single-Loop, Laser Diode Driver
REV. A
ADN2871 AD-ADN2871 Datasheet
797Kb / 20P
   3.3 V, 50 Mbps to 4.25 Gbps Single-Loop Laser Diode Driver
REV. 0
ADN2873 AD-ADN2873 Datasheet
625Kb / 20P
   3.3 V, 50 Mbps to 4.25 Gbps, Single-Loop, Laser Diode Driver
REV. 0
ADN2841 AD-ADN2841_15 Datasheet
346Kb / 16P
   Dual-Loop, 50 Mbps to 2.7 Gbps Laser Diode Driver
REV. B
ADN2848 AD-ADN2848 Datasheet
254Kb / 12P
   3 V Dual-Loop 50 Mbps to 1.25 Gbps Laser Diode Driver
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com