전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI2307BDS 데이터시트(PDF) 5 Page - Guangdong Kexin Industrial Co.,Ltd

부품명 SI2307BDS
상세설명  P-Channel Enhancement MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
홈페이지  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

SI2307BDS 데이터시트(HTML) 5 Page - Guangdong Kexin Industrial Co.,Ltd

  SI2307BDS Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd SI2307BDS Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd SI2307BDS Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd SI2307BDS Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd SI2307BDS Datasheet HTML 5Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
SMD Type
www.kexin.com.cn
5
MOSFET
P-Channel Enhancement MOSFET
SI2307BDS (KI2307BDS)
Typical Characterisitics
Normalized Thermal Transient Impedance, Junction-to-Ambient
Square Wave Pulse Duration (s)
2
1
0.1
0.01
10-4
10-3
10-2
10-1
0
0
6
0
1
1
0.2
0.1
0.05
0.02
Single Pulse
Duty Cycle = 0.5
1. Duty Cycle, D =
2. Per Unit Base = RthJA = 62.5 °C/W
3. TJM - TA = P DMZthJA(t)
t1
t2
t1
t2
Notes:
4. Surface Mounted
P DM
100


유사한 부품 번호 - SI2307BDS

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI2307BDS VISHAY-SI2307BDS Datasheet
246Kb / 3P
   P-Channel 30-V (D-S) MOSFET
Rev. B, 21-Mar-05
SI2307BDS VISHAY-SI2307BDS Datasheet
190Kb / 9P
   P-Channel 30-V (D-S) MOSFET
Rev. C, 03-Mar-08
logo
Tiger Electronic Co.,Lt...
SI2307BDS TGS-SI2307BDS Datasheet
59Kb / 2P
   P-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI2307BDS VISHAY-SI2307BDS Datasheet
198Kb / 9P
   P-Channel 30-V (D-S) MOSFET
Rev. C, 03-Mar-08
SI2307BDS VISHAY-SI2307BDS Datasheet
160Kb / 8P
   P-Channel 30-V (D-S) MOSFET
01-Jan-2022
More results

유사한 설명 - SI2307BDS

제조업체부품명데이터시트상세설명
logo
SeCoS Halbleitertechnol...
SMG2345P SECOS-SMG2345P Datasheet
71Kb / 2P
   P-Channel Enhancement MOSFET
logo
Guangdong Kexin Industr...
SI2303DS KEXIN-SI2303DS Datasheet
1Mb / 4P
   P-Channel Enhancement MOSFET
logo
SeCoS Halbleitertechnol...
SSP7431P SECOS-SSP7431P_15 Datasheet
564Kb / 4P
   P-Channel Enhancement MOSFET
SMS2305R SECOS-SMS2305R Datasheet
846Kb / 4P
   P-Channel Enhancement MOSFET
SMG2321P SECOS-SMG2321P Datasheet
553Kb / 4P
   P-Channel Enhancement MOSFET
SSN3139K SECOS-SSN3139K Datasheet
336Kb / 3P
   P Channel Enhancement MOSFET
SMG2361P SECOS-SMG2361P Datasheet
450Kb / 4P
   P-Channel Enhancement MOSFET
logo
Guangdong Kexin Industr...
AO3409-3 KEXIN-AO3409-3 Datasheet
1Mb / 4P
   P-Channel Enhancement MOSFET
AO3409-HF-3 KEXIN-AO3409-HF-3 Datasheet
1Mb / 4P
   P-Channel Enhancement MOSFET
AO3419-3 KEXIN-AO3419-3 Datasheet
1Mb / 4P
   P-Channel Enhancement MOSFET
KX9435 KEXIN-KX9435 Datasheet
1Mb / 4P
   P-Channel Enhancement MOSFET
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com