전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI2309DS-HF 데이터시트(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

부품명 SI2309DS-HF
상세설명  P-Channel MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
홈페이지  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

SI2309DS-HF 데이터시트(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  SI2309DS-HF Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd SI2309DS-HF Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd SI2309DS-HF Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd SI2309DS-HF Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd SI2309DS-HF Datasheet HTML 5Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SMD Type
www.kexin.com.cn
2
MOSFET
Electrical Characteristics Ta = 25℃
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Drain-Source Breakdown Voltage
VDSS
ID=-250μA, VGS=0V
-60
V
VDS=-48V, VGS=0V
-1
VDS=-48V, VGS=0V, TJ=125℃
-50
Gate-Body leakage current
IGSS
VDS=0V, VGS=±20V
±
100
nA
Gate Threshold Voltage
VGS(th)
VDS=VGS ID=-250μA
-1
-3
V
VGS=-10V, ID=-1.25A
340
VGS=-4.5V, ID=-1A
550
On state drain current *1
ID(ON)
VGS=-4.5V, VDS=-10V
-6
A
Forward Transconductance *1
gFS
VDS=-4.5V, ID=-1A
1.9
S
Total Gate Charge
Qg
5.4
12
Gate Source Charge
Qgs
1.15
Gate Drain Charge
Qgd
0.92
Turn-On DelayTime
td(on)
10.5
20
Turn-On Rise Time
tr
11.5
20
Turn-Off DelayTime
td(off)
15.5
30
Turn-Off Fall Time
tf
7.5
15
Body Diode Reverse Recovery Time
trr
IF=-1.25A, dI/dt=100A/μs
30
55
Maximum Body-Diode Continuous Current
IS
-1.25
A
Diode Forward Voltage
VSD
IS=-1.25A,VGS=0V
-0.82 -1.2
V
nC
VGS=-4.5V, VDS=-30V, RL=30Ω,RGEN=6Ω
ID=-1A
ns
Zero Gate Voltage Drain Current
IDSS
μ
A
RDS(On)
Static Drain-Source On-Resistance *1
VGS=-10V, VDS=-30V, ID=-1.25A
*1 Pulse test; pulse width ≤ 300us, duty cycle ≤ 2%.
Marking
Marking
A9* F
P-Channel MOSFET
SI2309DS-HF (KI2309DS-HF)


유사한 부품 번호 - SI2309DS-HF

제조업체부품명데이터시트상세설명
logo
Guangdong Kexin Industr...
SI2309DS-HF-3 KEXIN-SI2309DS-HF-3 Datasheet
1Mb / 5P
   P-Channel MOSFET
More results

유사한 설명 - SI2309DS-HF

제조업체부품명데이터시트상세설명
logo
Guangdong Kexin Industr...
2SJ179 KEXIN-2SJ179_15 Datasheet
1Mb / 4P
   P-Channel MOSFET
2SJ602-ZJ KEXIN-2SJ602-ZJ Datasheet
1Mb / 5P
   P-Channel MOSFET
AO3421E-HF KEXIN-AO3421E-HF Datasheet
1Mb / 4P
   P-Channel MOSFET
SI2341DS-HF KEXIN-SI2341DS-HF Datasheet
1Mb / 5P
   P-Channel MOSFET
SI3437DV KEXIN-SI3437DV Datasheet
2Mb / 5P
   P-Channel MOSFET
logo
SeCoS Halbleitertechnol...
SSF1321P SECOS-SSF1321P_15 Datasheet
487Kb / 4P
   P-Channel MOSFET
logo
Solid States Devices, I...
FT0012 SSDI-FT0012_15 Datasheet
67Kb / 2P
   P-Channel MOSFET
logo
Jiangsu Changjiang Elec...
BSS84 JIANGSU-BSS84 Datasheet
1Mb / 5P
   P-CHANNEL MOSFET
CJ502K JIANGSU-CJ502K Datasheet
1Mb / 5P
   P-CHANNEL MOSFET
CJ2333 JIANGSU-CJ2333 Datasheet
1,009Kb / 5P
   P-channel MOSFET
logo
Renesas Technology Corp
UPA2736GR RENESAS-UPA2736GR_16 Datasheet
331Kb / 7P
   P-channel MOSFET
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com