전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRFP240 데이터시트(PDF) 4 Page - Intersil Corporation

부품명 IRFP240
상세설명  20A, 200V, 0.180 Ohm, N-Channel Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

IRFP240 데이터시트(HTML) 4 Page - Intersil Corporation

  IRFP240 Datasheet HTML 1Page - Intersil Corporation IRFP240 Datasheet HTML 2Page - Intersil Corporation IRFP240 Datasheet HTML 3Page - Intersil Corporation IRFP240 Datasheet HTML 4Page - Intersil Corporation IRFP240 Datasheet HTML 5Page - Intersil Corporation IRFP240 Datasheet HTML 6Page - Intersil Corporation IRFP240 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4-320
FIGURE 4. FORWARD BIAS SAFE OPERATING AREA
FIGURE 5. OUTPUT CHARACTERISTICS
FIGURE 6. SATURATION CHARACTERISTICS
FIGURE 7. TRANSFER CHARACTERISTICS
NOTE: Heating effect of 2
µs pulse is minimal.
FIGURE 8. DRAIN TO SOURCE ON RESISTANCE GATE
VOLTAGE AND DRAIN CURRENT
FIGURE 9. NORMALIZED DRAIN TO SOURCE ON
RESISTANCE vs JUNCTION TEMPERATURE
Typical Performance Curves Unless Otherwise Specified (Continued)
100
10
110
102
0.1
VDS, DRAIN TO SOURCE VOLTAGE (V)
103
1000
10
µs
100
µs
1ms
10ms
TJ = MAX RATED
SINGLE PULSE
TC = 25
oC
DC
1
OPERATION IN THIS
REGION IS LIMITED
BY rDS(ON)
VDS, DRAIN TO SOURCE VOLTAGE (V)
20
40
60
80
0
100
30
24
18
0
12
VGS = 7V
VGS = 5V
VGS = 6V
VGS = 4V
PULSE DURATION = 80
µs
6
VGS = 8V
VGS = 10V
DUTY CYCLE = 0.5% MAX
VDS, DRAIN TO SOURCE VOLTAGE (V)
12
3
4
05
30
24
18
0
12
6
VGS = 10V
VGS = 5V
VGS = 6V
VGS = 4V
VGS = 7V
VGS = 8V
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
VGS , GATE TO SOURCE VOLTAGE (V)
100
10
1
0.1
0
2
468
10
TJ = 150
oC
TJ = 25
oC
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
VDS ≥ 50V
60
ID, DRAIN CURRENT (A)
15
30
45
075
1.5
1.2
0.9
0
0.6
VGS = 20V
0.3
VGS = 10V
PULSE DURATION = 2
µs
DUTY CYCLE = 0.5% MAX
0
3.0
1.8
0.6
80
-60
TJ, JUNCTION TEMPERATURE (
oC)
2.4
1.2
0
60
120
-20
-40
20
40
100
140 160
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
ID = 10A, VGS = 10V
IRFP240


유사한 부품 번호 - IRFP240

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRFP240 IRF-IRFP240 Datasheet
165Kb / 6P
   Power MOSFET(Vdss=200V, Rds(on)=0.18ohm, Id=20A)
logo
Vishay Siliconix
IRFP240 VISHAY-IRFP240 Datasheet
1Mb / 8P
   Power MOSFET
S-Pending-Rev. A, 24-Jun-08
logo
Kersemi Electronic Co.,...
IRFP240 KERSEMI-IRFP240 Datasheet
3Mb / 7P
   Dynamic dV/dt Rating Repetitive Avalanche Rated
logo
Inchange Semiconductor ...
IRFP240 ISC-IRFP240 Datasheet
169Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Vishay Siliconix
IRFP240 VISHAY-IRFP240 Datasheet
1Mb / 9P
   Power MOSFET
Rev. B, 21-Mar-11
More results

유사한 설명 - IRFP240

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
IRF240 INTERSIL-IRF240 Datasheet
59Kb / 7P
   18A, 200V, 0.180 Ohm, N-Channel Power MOSFET
logo
Fairchild Semiconductor
IRF640 FAIRCHILD-IRF640 Datasheet
132Kb / 7P
   18A, 200V, 0.180 Ohm, N-Channel Power MOSFETs
logo
New Jersey Semi-Conduct...
IRFF130 NJSEMI-IRFF130 Datasheet
150Kb / 3P
   8.0A, 100V, 0.180 Ohm, N-Channel Power MOSFET
logo
Intersil Corporation
2N6796 INTERSIL-2N6796 Datasheet
140Kb / 7P
   8A, 100V, 0.180 Ohm, N-Channel Power MOSFET
November 1998
IRFF130 INTERSIL-IRFF130 Datasheet
325Kb / 7P
   8.0A, 100V, 0.180 Ohm, N-Channel Power MOSFET
JANSR2N7272 INTERSIL-JANSR2N7272 Datasheet
39Kb / 7P
   8A, 100V, 0.180 Ohm, Rad Hard, N-Channel Power MOSFET
IRF610 INTERSIL-IRF610 Datasheet
55Kb / 7P
   3.3A, 200V, 1.500 Ohm, N-Channel Power MOSFET
IRFD210 INTERSIL-IRFD210 Datasheet
52Kb / 6P
   0.6A, 200V, 1.500 Ohm, N-Channel Power MOSFET
IRFD220 INTERSIL-IRFD220 Datasheet
51Kb / 6P
   0.8A, 200V, 0.800 Ohm, N-Channel Power MOSFET
IRFF210 INTERSIL-IRFF210 Datasheet
325Kb / 7P
   2.2A, 200V, 1.500 Ohm, N-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com