전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRFP244 데이터시트(PDF) 4 Page - Intersil Corporation

부품명 IRFP244
상세설명  15A and 14A, 275V and 250V, 0.28 and 0.34 Ohm, N-Channel Power MOSFETs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

IRFP244 데이터시트(HTML) 4 Page - Intersil Corporation

  IRFP244 Datasheet HTML 1Page - Intersil Corporation IRFP244 Datasheet HTML 2Page - Intersil Corporation IRFP244 Datasheet HTML 3Page - Intersil Corporation IRFP244 Datasheet HTML 4Page - Intersil Corporation IRFP244 Datasheet HTML 5Page - Intersil Corporation IRFP244 Datasheet HTML 6Page - Intersil Corporation IRFP244 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
5-4
IRFP244, IRFP245, IRFP246, IRFP247
Typical Performance Curves Unless Otherwise Specified
FIGURE 1. NORMALIZED POWER DISSIPATION vs CASE
TEMPERATURE
FIGURE 2. MAXIMUM CONTINUOUS DRAIN CURRENT vs
CASE TEMPERATURE
FIGURE 3. NORMALIZED MAXIMUM TRANSIENT THERMAL IMPEDANCE
FIGURE 4. FORWARD BIAS SAFE OPERATING AREA
FIGURE 5. OUTPUT CHARACTERISTICS
0
50
100
150
0
TC, CASE TEMPERATURE (
oC)
0.2
0.4
0.6
0.8
1.0
1.2
TC, CASE TEMPERATURE (
oC)
50
75
100
25
150
15
12
9
0
6
3
IRFP245, IRFP247
125
IRFP244, IRFP246
10
1
0.1
10-2
10-2
10-5
10-4
10-3
0.1
1
10
t1, RECTANGULAR PULSE DURATION (s)
SINGLE PULSE
DUTY FACTOR: D = t1/t2
t2
PDM
t1
NOTES:
t2
PEAK TJ = PDM x ZθJC x RθJC + TC
0.2
0.1
0.05
0.01
0.02
10-3
0.5
102
10
110
102
0.1
VDS, DRAIN TO SOURCE VOLTAGE (V)
10
µs
100
µs
1ms
DC
10ms
IRFP246,
IRFP244/246
103
TJ = MAX RATED
SINGLE PULSE
TC = 25
oC
OPERATION IN THIS
REGION IS LIMITED
BY rDS(ON)
IRFP244/246
IRFP245/247
IRFP245/247
IRFP247
IRFP244,
IRFP245
103
1
VDS, DRAIN TO SOURCE VOLTAGE (V)
25
50
75
100
0
125
25
20
15
0
10
VGS = 5.5V
VGS = 4.5V
VGS = 5.0V
VGS = 4.0V
PULSE DURATION = 80
µs
5
VGS = 6.0V
VGS = 10V


유사한 부품 번호 - IRFP244

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRFP244 IRF-IRFP244 Datasheet
167Kb / 6P
   Power MOSFET(Vdss=250V, Rds(on)=0.28ohm, Id=15A)
logo
Vishay Siliconix
IRFP244 VISHAY-IRFP244 Datasheet
856Kb / 8P
   Power MOSFET
S-Pending-Rev. A, 24-Jun-08
logo
Inchange Semiconductor ...
IRFP244 ISC-IRFP244 Datasheet
67Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Vishay Siliconix
IRFP244 VISHAY-IRFP244 Datasheet
940Kb / 11P
   Power MOSFET
09-Jul-2021
IRFP244 VISHAY-IRFP244 Datasheet
267Kb / 10P
   Power MOSFET
01-Jan-2022
More results

유사한 설명 - IRFP244

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
IRF244 INTERSIL-IRF244 Datasheet
70Kb / 7P
   14A and 13A, 275V and 250V, 0.28 and 0.34 Ohm, N-Channel Power MOSFETs
IRF234 INTERSIL-IRF234 Datasheet
69Kb / 7P
   8.1A and 6.5A, 275V and 250V, 0.45 and 0.68 Ohm, N-Channel Power MOSFETs
January 1998
logo
MagnaChip Semiconductor...
MDP14N25C MGCHIP-MDP14N25C Datasheet
846Kb / 6P
   N-Channel MOSFET 250V, 14A, 0.28(ohm)
logo
Intersil Corporation
IRF646 INTERSIL-IRF646 Datasheet
60Kb / 7P
   14A, 275V, 0.280 Ohm, N-Channel Power MOSFET
RFP15N05L INTERSIL-RFP15N05L Datasheet
40Kb / 5P
   15A, 50V and 60V, 0.140 Ohm, Logic Level N-Channel Power MOSFETs
logo
Fairchild Semiconductor
RFP15N05L FAIRCHILD-RFP15N05L Datasheet
354Kb / 6P
   15A, 50V and 60V, 0.140 Ohm, Logic Level N-Channel Power MOSFETs
logo
MagnaChip Semiconductor...
MDD14N25C MGCHIP-MDD14N25C Datasheet
844Kb / 6P
   N-Channel MOSFET 250V, 10.2A, 0.28(ohm)
logo
Fairchild Semiconductor
RFD14N05 FAIRCHILD-RFD14N05 Datasheet
157Kb / 8P
   14A, 50V, 0.100 Ohm, N-Channel Power MOSFETs
RFD14N05SM FAIRCHILD-RFD14N05SM Datasheet
220Kb / 8P
   14A, 50V, 0.100 Ohm, N-Channel Power MOSFETs
logo
New Jersey Semi-Conduct...
IRF530 NJSEMI-IRF530 Datasheet
153Kb / 3P
   14A, 100V, 0.160 Ohm, N-Channel Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com