전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRFP350 데이터시트(PDF) 4 Page - Intersil Corporation

부품명 IRFP350
상세설명  16A, 400V, 0.300 Ohm, N-Channel Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

IRFP350 데이터시트(HTML) 4 Page - Intersil Corporation

  IRFP350 Datasheet HTML 1Page - Intersil Corporation IRFP350 Datasheet HTML 2Page - Intersil Corporation IRFP350 Datasheet HTML 3Page - Intersil Corporation IRFP350 Datasheet HTML 4Page - Intersil Corporation IRFP350 Datasheet HTML 5Page - Intersil Corporation IRFP350 Datasheet HTML 6Page - Intersil Corporation IRFP350 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4-338
FIGURE 4. FORWARD BIAS SAFE OPERATING AREA
FIGURE 5. OUTPUT CHARACTERISTICS
FIGURE 6. SATURATION CHARACTERISTICS
FIGURE 7. TRANSFER CHARACTERISTICS
FIGURE 8. DRAIN TO SOURCE ON RESISTANCE vs GATE
VOLTAGE AND DRAIN CURRENT
FIGURE 9. NORMALIZED DRAIN TO SOURCE ON
RESISTANCE vs JUNCTION TEMPERATURE
Typical Performance Curves Unless Otherwise Specified (Continued)
102
10
110
102
0.1
VDS, DRAIN TO SOURCE VOLTAGE (V)
103
103
1
10
µs
100
µs
1ms
DC
10ms
TJ = MAX RATED
SINGLE PULSE
TC = 25
oC
OPERATION IN THIS
REGION IS LIMITED
BY rDS(ON)
VDS, DRAIN TO SOURCE VOLTAGE (V)
40
80
120
160
0
200
25
20
15
0
10
VGS = 5.5V
VGS = 4.5V
VGS = 5.0V
VGS = 4.0V
PULSE DURATION = 80
µs
5
VGS = 6.0V
VGS = 10V
DUTY CYCLE = 0.5% MAX
VDS, DRAIN TO SOURCE VOLTAGE (V)
24
6
8
010
25
20
15
0
10
5
VGS = 10V
VGS = 5.0V
VGS = 4.5V
VGS = 5.5V
VGS = 4.0V
VGS = 6.0V
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
VSD, GATE TO SOURCE VOLTAGE (V)
102
10
1
0.1
02
4
6
8
10
TJ = 150
oC
TJ = 25
oC
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
VDS = 2 x VGS
52
ID, DRAIN CURRENT (A)
13
26
39
065
0.75
0.60
0.45
0
0.30
VGS = 20V
0.15
VGS = 10V
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
2.5
1.5
0.5
80
-60
TJ, JUNCTION TEMPERATURE (
oC)
2.0
1.0
0
0
60
120
160
-20
-40
20
40
100
140
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
ID = 8.9A, VGS = 10V
IRFP350


유사한 부품 번호 - IRFP350

제조업체부품명데이터시트상세설명
logo
Samsung semiconductor
IRFP350 SAMSUNG-IRFP350 Datasheet
215Kb / 5P
   N-CHANNEL POWER MOSFETS
logo
International Rectifier
IRFP350 IRF-IRFP350 Datasheet
161Kb / 6P
   Power MOSFET(Vdss=400V, Rds(on)=0.30ohm, Id=16A)
logo
Vishay Siliconix
IRFP350 VISHAY-IRFP350 Datasheet
1Mb / 8P
   Power MOSFET
S-81360-Rev. A, 28-Jul-08
logo
Inchange Semiconductor ...
IRFP350 ISC-IRFP350 Datasheet
67Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Vishay Siliconix
IRFP350 VISHAY-IRFP350 Datasheet
1Mb / 9P
   Power MOSFET
Rev. B, 14-Mar-11
More results

유사한 설명 - IRFP350

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
IRF350 INTERSIL-IRF350 Datasheet
59Kb / 7P
   15A, 400V, 0.300 Ohm, N-Channel Power MOSFET
RFD16N06 INTERSIL-RFD16N06 Datasheet
85Kb / 7P
   16A, 60V, 0.047 Ohm, N-Channel Power MOSFET
IRF730 INTERSIL-IRF730 Datasheet
54Kb / 7P
   5.5A, 400V, 1.000 Ohm, N-Channel Power MOSFET
July 1999
logo
Unisonic Technologies
UF730 UTC-UF730 Datasheet
167Kb / 6P
   5.5A, 400V, 1.0 OHM, N-CHANNEL POWER MOSFET
logo
Intersil Corporation
BUZ76A INTERSIL-BUZ76A Datasheet
42Kb / 5P
   2.6A, 400V, 2.500 Ohm, N-Channel Power MOSFET
October 1998
logo
Unisonic Technologies
UF740 UTC-UF740 Datasheet
163Kb / 6P
   10A, 400V, 0.55 OHM, N-CHANNEL POWER MOSFET
logo
Intersil Corporation
BUZ351 INTERSIL-BUZ351 Datasheet
10Kb / 1P
   11.5A, 400V, 0.400 Ohm, N-Channel Power MOSFET
October 1998
BUZ60B INTERSIL-BUZ60B Datasheet
42Kb / 5P
   4.5A, 400V, 1.500 Ohm, N-Channel Power MOSFET
October 1998
IRF740 INTERSIL-IRF740 Datasheet
56Kb / 7P
   10A, 400V, 0.550 Ohm, N-Channel Power MOSFET
IRFD310 INTERSIL-IRFD310 Datasheet
50Kb / 6P
   0.4A, 400V, 3.600 Ohm, N-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com