전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRFP247 데이터시트(PDF) 5 Page - Intersil Corporation

부품명 IRFP247
상세설명  15A and 14A, 275V and 250V, 0.28 and 0.34 Ohm, N-Channel Power MOSFETs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

IRFP247 데이터시트(HTML) 5 Page - Intersil Corporation

  IRFP247 Datasheet HTML 1Page - Intersil Corporation IRFP247 Datasheet HTML 2Page - Intersil Corporation IRFP247 Datasheet HTML 3Page - Intersil Corporation IRFP247 Datasheet HTML 4Page - Intersil Corporation IRFP247 Datasheet HTML 5Page - Intersil Corporation IRFP247 Datasheet HTML 6Page - Intersil Corporation IRFP247 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5-5
FIGURE 6. SATURATION CHARACTERISTICS
FIGURE 7. TRANSFER CHARACTERISTICS
NOTE: Heating effect of 2
µs pulse is minimal.
FIGURE 8. DRAIN TO SOURCE ON RESISTANCE vs GATE
VOLTAGE AND DRAIN CURRENT
FIGURE 9. NORMALIZED DRAIN TO SOURCE ON
RESISTANCE vs JUNCTION TEMPERATURE
FIGURE 10. NORMALIZED DRAIN TO SOURCE BREAKDOWN
VOLTAGE vs JUNCTION TEMPERATURE
FIGURE 11. CAPACITANCE vs DRAIN TO SOURCE VOLTAGE
Typical Performance Curves Unless Otherwise Specified (Continued)
VDS, DRAIN TO SOURCE VOLTAGE (V)
24
6
8
010
25
20
15
0
10
PULSE DURATION = 80
µs
5
VGS = 10V
VGS = 5.5V
VGS = 4.5V
VGS = 5.0V
VGS = 4.0V
VGS = 6.0V
VGS, GATE TO SOURCE VOLTAGE (V)
100
10
1
0.1
02
4
6
8
10
TJ = 150
oC
TJ = 25
oC
PULSE DURATION = 80
µs
VDS ≥ 50V
60
ID, DRAIN CURRENT (A)
15
30
45
075
2.5
2.0
1.5
0
1.0
VGS = 20V
0.5
VGS = 10V
PULSE DURATION = 80
µs
3.0
1.8
0.6
80
-60
TJ, JUNCTION TEMPERATURE (
oC)
2.4
1.2
0
0
60
120
160
-20
-40
20
40
100
140
ID = 10A
VGS = 10V
1.25
1.05
0.85
60
-60
TJ, JUNCTION TEMPERATURE (
oC)
1.15
0.95
0.75
-20
20
100
160
0
-40
40
80
120 140
ID = 250µA
1
10
100
VDS, DRAIN TO SOURCE VOLTAGE (V)
3000
2400
1800
1200
600
0
CRSS
CISS
COSS
VGS = 0V, f = 1MHz
CISS = CGS + CGD
CRSS = CGD
COSS CDS + CGD
IRFP244, IRFP245, IRFP246, IRFP247


유사한 부품 번호 - IRFP247

제조업체부품명데이터시트상세설명
logo
Inchange Semiconductor ...
IRFP247 ISC-IRFP247 Datasheet
67Kb / 2P
   isc N-Channel MOSFET Transistor
More results

유사한 설명 - IRFP247

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
IRF244 INTERSIL-IRF244 Datasheet
70Kb / 7P
   14A and 13A, 275V and 250V, 0.28 and 0.34 Ohm, N-Channel Power MOSFETs
IRF234 INTERSIL-IRF234 Datasheet
69Kb / 7P
   8.1A and 6.5A, 275V and 250V, 0.45 and 0.68 Ohm, N-Channel Power MOSFETs
January 1998
logo
MagnaChip Semiconductor...
MDP14N25C MGCHIP-MDP14N25C Datasheet
846Kb / 6P
   N-Channel MOSFET 250V, 14A, 0.28(ohm)
logo
Intersil Corporation
IRF646 INTERSIL-IRF646 Datasheet
60Kb / 7P
   14A, 275V, 0.280 Ohm, N-Channel Power MOSFET
RFP15N05L INTERSIL-RFP15N05L Datasheet
40Kb / 5P
   15A, 50V and 60V, 0.140 Ohm, Logic Level N-Channel Power MOSFETs
logo
Fairchild Semiconductor
RFP15N05L FAIRCHILD-RFP15N05L Datasheet
354Kb / 6P
   15A, 50V and 60V, 0.140 Ohm, Logic Level N-Channel Power MOSFETs
logo
MagnaChip Semiconductor...
MDD14N25C MGCHIP-MDD14N25C Datasheet
844Kb / 6P
   N-Channel MOSFET 250V, 10.2A, 0.28(ohm)
logo
Fairchild Semiconductor
RFD14N05 FAIRCHILD-RFD14N05 Datasheet
157Kb / 8P
   14A, 50V, 0.100 Ohm, N-Channel Power MOSFETs
RFD14N05SM FAIRCHILD-RFD14N05SM Datasheet
220Kb / 8P
   14A, 50V, 0.100 Ohm, N-Channel Power MOSFETs
logo
New Jersey Semi-Conduct...
IRF530 NJSEMI-IRF530 Datasheet
153Kb / 3P
   14A, 100V, 0.160 Ohm, N-Channel Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com