전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRFP247 데이터시트(PDF) 3 Page - Intersil Corporation

부품명 IRFP247
상세설명  15A and 14A, 275V and 250V, 0.28 and 0.34 Ohm, N-Channel Power MOSFETs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

IRFP247 데이터시트(HTML) 3 Page - Intersil Corporation

  IRFP247 Datasheet HTML 1Page - Intersil Corporation IRFP247 Datasheet HTML 2Page - Intersil Corporation IRFP247 Datasheet HTML 3Page - Intersil Corporation IRFP247 Datasheet HTML 4Page - Intersil Corporation IRFP247 Datasheet HTML 5Page - Intersil Corporation IRFP247 Datasheet HTML 6Page - Intersil Corporation IRFP247 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
5-3
IRFP244, IRFP245, IRFP246, IRFP247
Input Capacitance
CISS
VGS = 0V, VDS = 25V, f = 1.0MHz
(Figure 11)
-
1300
-
pF
Output Capacitance
COSS
-
320
-
pF
Reverse Transfer Capacitance
CRSS
-69
-
pF
Internal Drain Inductance
LD
Measured fRom the
Drain Lead, 6mm
(0.25in) From Pack-
age to the Center of
Die
Modified MOSFET
Symbol Showing the
Internal Devices
Inductances
-
5.0
-
nH
Internal Source Inductance
LS
Measured from The
Source Lead, 6mm
(0.25in) from the
Header to the Source
Bonding Pad
-
12.5
-
nH
Junction to Case
RθJC
-
-
0.83
oC/W
Junction to Ambient
RθJA
Free Air Operation
-
-
30
oC/W
Source to Drain Diode Specifications
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Continuous Source to Drain Current
ISD
Modified MOSFET
Symbol Showing the
Integral Reverse
P-N Junction Diode
-
-
15
A
Pulse Source to Drain Current
(Note 3)
ISDM
-
-
60
A
Source to Drain Diode Voltage (Note 2)
VSD
TJ = 25
oC, I
SD = 15A, VGS = 0V (Figure 13)
-
-
1.8
V
Reverse Recovery Time
trr
TJ = 25
oC, I
SD = 14A, dISD/dt = 100A/µs
150
300
640
ns
Reverse Recovered Charge
QRR
TJ = 25
oC, I
SD = 14A, dISD/dt = 100A/µs
1.6
3.4
7.2
µC
NOTES:
2. Pulse test: pulse width
≤ 300µs, duty cycle ≤ 2%.
3. Repetitive rating: pulse width limited by Max junction temperature. See Transient Thermal Impedance curve (Figure 3).
4. VDD = 50V, starting TJ = 25
oC, L = 4.0µH, RG = 25Ω, peak IAS = 15A. See Figures 15, 16.
Electrical Specifications
TC = 25
oC, Unless Otherwise Specified (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
LS
LD
G
D
S
G
D
S


유사한 부품 번호 - IRFP247

제조업체부품명데이터시트상세설명
logo
Inchange Semiconductor ...
IRFP247 ISC-IRFP247 Datasheet
67Kb / 2P
   isc N-Channel MOSFET Transistor
More results

유사한 설명 - IRFP247

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
IRF244 INTERSIL-IRF244 Datasheet
70Kb / 7P
   14A and 13A, 275V and 250V, 0.28 and 0.34 Ohm, N-Channel Power MOSFETs
IRF234 INTERSIL-IRF234 Datasheet
69Kb / 7P
   8.1A and 6.5A, 275V and 250V, 0.45 and 0.68 Ohm, N-Channel Power MOSFETs
January 1998
logo
MagnaChip Semiconductor...
MDP14N25C MGCHIP-MDP14N25C Datasheet
846Kb / 6P
   N-Channel MOSFET 250V, 14A, 0.28(ohm)
logo
Intersil Corporation
IRF646 INTERSIL-IRF646 Datasheet
60Kb / 7P
   14A, 275V, 0.280 Ohm, N-Channel Power MOSFET
RFP15N05L INTERSIL-RFP15N05L Datasheet
40Kb / 5P
   15A, 50V and 60V, 0.140 Ohm, Logic Level N-Channel Power MOSFETs
logo
Fairchild Semiconductor
RFP15N05L FAIRCHILD-RFP15N05L Datasheet
354Kb / 6P
   15A, 50V and 60V, 0.140 Ohm, Logic Level N-Channel Power MOSFETs
logo
MagnaChip Semiconductor...
MDD14N25C MGCHIP-MDD14N25C Datasheet
844Kb / 6P
   N-Channel MOSFET 250V, 10.2A, 0.28(ohm)
logo
Fairchild Semiconductor
RFD14N05 FAIRCHILD-RFD14N05 Datasheet
157Kb / 8P
   14A, 50V, 0.100 Ohm, N-Channel Power MOSFETs
RFD14N05SM FAIRCHILD-RFD14N05SM Datasheet
220Kb / 8P
   14A, 50V, 0.100 Ohm, N-Channel Power MOSFETs
logo
New Jersey Semi-Conduct...
IRF530 NJSEMI-IRF530 Datasheet
153Kb / 3P
   14A, 100V, 0.160 Ohm, N-Channel Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com