전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRFP360 데이터시트(PDF) 4 Page - Intersil Corporation

부품명 IRFP360
상세설명  23A, 400V, 0.200 Ohm, N-Channel Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

IRFP360 데이터시트(HTML) 4 Page - Intersil Corporation

  IRFP360 Datasheet HTML 1Page - Intersil Corporation IRFP360 Datasheet HTML 2Page - Intersil Corporation IRFP360 Datasheet HTML 3Page - Intersil Corporation IRFP360 Datasheet HTML 4Page - Intersil Corporation IRFP360 Datasheet HTML 5Page - Intersil Corporation IRFP360 Datasheet HTML 6Page - Intersil Corporation IRFP360 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4-344
FIGURE 4. FORWARD BIAS SAFE OPERATING AREA
FIGURE 5. OUTPUT CHARACTERISTICS
FIGURE 6. SATURATION CHARACTERISTICS
FIGURE 7. TRANSFER CHARACTERISTICS
FIGURE 8. DRAIN TO SOURCE ON RESISTANCE vs GATE
VOLTAGE AND DRAIN CURRENT
FIGURE 9. NORMALIZED DRAIN TO SOURCE ON
RESISTANCE vs JUNCTION TEMPERATURE
Typical Performance Curves Unless Otherwise Specified (Continued)
110
102
103
VDS, DRAIN TO SOURCE VOLTAGE (V)
103
102
10
1
0.1
SINGLE PULSE
TJ = MAX RATED
TC = 25
oC
BY rDS(ON)
AREA IS LIMITED
OPERATION IN THIS
10
µs
100
µs
1ms
10ms
DC
0
40
80
120
160
8
16
24
32
40
200
VDS, DRAIN TO SOURCE VOLTAGE (V)
PULSE DURATION = 80
µs
0
VGS = 10V
VGS = 6.0V
VGS = 5.5V
VGS = 5.0V
VGS = 4.5V
VGS = 4.0V
DUTY CYCLE = 0.5% MAX
0
8
0
2
46
10
16
24
VDS, DRAIN TO SOURCE VOLTAGE (V)
32
8
40
VGS = 10V
VGS = 4.5V
VGS = 5.5V
VGS = 6.0V
VGS = 5.0V
VGS = 4.0V
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
02
4
6
8
VSD, GATE TO SOURCE VOLTAGE (V)
102
10
1
0.1
TJ = 150
oC
TJ = 25
oC
10
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
VDS ≥ 50V
ID, DRAIN CURRENT (A)
2.0
1.6
1.2
0.8
0.4
0
0
30
60
90
120
150
VGS = 20V
VGS = 10V
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
3.0
1.8
1.2
0.6
0
-40
0
40
TJ, JUNCTION TEMPERATURE (
oC)
120
2.4
80
160
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
VGS = 10V, ID =13A
IRFP360


유사한 부품 번호 - IRFP360

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRFP360 IRF-IRFP360 Datasheet
164Kb / 6P
   Power MOSFET(Vdss=400V, Rds(on)=0.20ohm, Id=23A)
logo
Vishay Siliconix
IRFP360 VISHAY-IRFP360 Datasheet
962Kb / 8P
   Power MOSFET
S-81377-Rev. A, 30-Jun-08
logo
IXYS Corporation
IRFP360 IXYS-IRFP360 Datasheet
50Kb / 2P
   MegaMOS FET
logo
New Jersey Semi-Conduct...
IRFP360 NJSEMI-IRFP360 Datasheet
640Kb / 2P
   Avalanche-Energy-Rated N-Channel Power MOSFETs
logo
Inchange Semiconductor ...
IRFP360 ISC-IRFP360 Datasheet
67Kb / 2P
   isc N-Channel MOSFET Transistor
More results

유사한 설명 - IRFP360

제조업체부품명데이터시트상세설명
logo
Unisonic Technologies
20N40 UTC-20N40 Datasheet
201Kb / 6P
   400V, 23A N-CHANNEL POWER MOSFET
logo
Shindengen Electric Mfg...
P23F40HP2FM SHINDENGEN-P23F40HP2FM Datasheet
1Mb / 8P
   Power MOSFETs 400V, 23A, N-channel
logo
Fairchild Semiconductor
FDA24N40F FAIRCHILD-FDA24N40F Datasheet
682Kb / 8P
   N-Channel MOSFET, FRFET 400V, 23A, 0.19廓
logo
Intersil Corporation
JANSR2N7294 INTERSIL-JANSR2N7294 Datasheet
48Kb / 7P
   23A, 200V, 0.115 Ohm, Rad Hard, N-Channel Power MOSFET
logo
Unisonic Technologies
UFP254 UTC-UFP254 Datasheet
132Kb / 3P
   23A, 250V N-CHANNEL POWER MOSFET
logo
Intersil Corporation
IRF730 INTERSIL-IRF730 Datasheet
54Kb / 7P
   5.5A, 400V, 1.000 Ohm, N-Channel Power MOSFET
July 1999
logo
Unisonic Technologies
UF730 UTC-UF730 Datasheet
167Kb / 6P
   5.5A, 400V, 1.0 OHM, N-CHANNEL POWER MOSFET
logo
Intersil Corporation
BUZ76A INTERSIL-BUZ76A Datasheet
42Kb / 5P
   2.6A, 400V, 2.500 Ohm, N-Channel Power MOSFET
October 1998
logo
Unisonic Technologies
UF740 UTC-UF740 Datasheet
163Kb / 6P
   10A, 400V, 0.55 OHM, N-CHANNEL POWER MOSFET
logo
Intersil Corporation
BUZ351 INTERSIL-BUZ351 Datasheet
10Kb / 1P
   11.5A, 400V, 0.400 Ohm, N-Channel Power MOSFET
October 1998
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com