전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRFP440 데이터시트(PDF) 4 Page - Intersil Corporation

부품명 IRFP440
상세설명  8.8A, 500V, 0.850 Ohm, N-Channel Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

IRFP440 데이터시트(HTML) 4 Page - Intersil Corporation

  IRFP440 Datasheet HTML 1Page - Intersil Corporation IRFP440 Datasheet HTML 2Page - Intersil Corporation IRFP440 Datasheet HTML 3Page - Intersil Corporation IRFP440 Datasheet HTML 4Page - Intersil Corporation IRFP440 Datasheet HTML 5Page - Intersil Corporation IRFP440 Datasheet HTML 6Page - Intersil Corporation IRFP440 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4-350
FIGURE 4. FORWARD BIAS SAFE OPERATING AREA
FIGURE 5. OUTPUT CHARACTERISTICS
FIGURE 6. SATURATION CHARACTERISTICS
FIGURE 7. TRANSFER CHARACTERISTICS
FIGURE 8. DRAIN TO SOURCE ON RESISTANCE vs GATE
VOLTAGE AND DRAIN CURRENT
FIGURE 9. NORMALIZED DRAIN TO SOURCE ON
RESISTANCE vs JUNCTION TEMPERATURE
Typical Performance Curves Unless Otherwise Specified (Continued)
10
110
102
0.1
VDS, DRAIN TO SOURCE VOLTAGE (V)
103
102
1
10
µs
100
µs
1ms
10ms
DC
TJ = MAX RATED
SINGLE PULSE
TC = 25
oC
OPERATION IN THIS
REGION IS LIMITED BY rDS(ON)
VDS, DRAIN TO SOURCE VOLTAGE (V)
50
100
150
200
0
250
15
12
9
0
6
VGS = 6.0V
VGS = 5.5V
VGS = 5.0V
PULSE DURATION = 80
µs
3
VGS = 10V
VGS = 4.0V
VGS = 4.5V
DUTY CYCLE = 0.5% MAX
VDS, DRAIN TO SOURCE VOLTAGE (V)
36
9
12
015
15
12
9
0
6
3
VGS = 10V
VGS = 6.0V
VGS = 4.0V
VGS = 4.5V
VGS = 5.5V
VGS = 5.0V
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
VGS, GATE TO SOURCE VOLTAGE (V)
102
10
1
02
4
6
8
10
TJ = 150
oC
TJ = 25
oC
0.1
10-2
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
VDS ≥ 50V
32
ID, DRAIN CURRENT (A)
816
24
040
10
8
5
0
4
VGS = 20V
2
VGS = 10V
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
0
3.0
1.8
0.6
80
-60
TJ, JUNCTION TEMPERATURE (
oC)
2.4
1.2
0
60
120
-20
-40
20
40
100
140 160
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
ID = 4.9A, VGS = 10V
IRFP440


유사한 부품 번호 - IRFP440

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRFP440 IRF-IRFP440 Datasheet
164Kb / 6P
   Power MOSFET(Vdss=500V, Rds(on)=0.85ohm, Id=8.8A)
logo
Vishay Siliconix
IRFP440 VISHAY-IRFP440 Datasheet
1Mb / 8P
   Power MOSFET
S-81360-Rev. A, 28-Jul-08
logo
New Jersey Semi-Conduct...
IRFP440 NJSEMI-IRFP440 Datasheet
619Kb / 2P
   Dynamic dv/dt Rating
logo
Vishay Siliconix
IRFP440 VISHAY-IRFP440 Datasheet
836Kb / 11P
   Power MOSFET
01-Jan-2022
logo
Inchange Semiconductor ...
IRFP440A ISC-IRFP440A Datasheet
67Kb / 2P
   isc N-Channel MOSFET Transistor
More results

유사한 설명 - IRFP440

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
IRF840 INTERSIL-IRF840 Datasheet
56Kb / 7P
   8A, 500V, 0.850 Ohm, N-Channel Power MOSFET
IRF440 INTERSIL-IRF440 Datasheet
55Kb / 7P
   8A, 500V, 0.850 Ohm, N-Channel Power MOSFET
logo
Thinki Semiconductor Co...
IRF840PBF THINKISEMI-IRF840PBF Datasheet
994Kb / 6P
   8.8A,500V Heatsink N-Channel Type Power MOSFET
TSF9N50C THINKISEMI-TSF9N50C Datasheet
830Kb / 6P
   8.8A,500V Insulated N-Channel Type Power MOSFET
logo
Intersil Corporation
BUZ45B INTERSIL-BUZ45B Datasheet
42Kb / 5P
   10A, 500V, 0.500 Ohm, N-Channel Power MOSFET
October 1998
IRF430 INTERSIL-IRF430 Datasheet
56Kb / 7P
   4.5A, 500V, 1.500 Ohm, N-Channel Power MOSFET
IRFF420 INTERSIL-IRFF420 Datasheet
326Kb / 7P
   1.6A, 500V, 3.000 Ohm, N-Channel Power MOSFET
BUZ42 INTERSIL-BUZ42 Datasheet
41Kb / 5P
   4A, 500V, 2.000 Ohm, N-Channel Power MOSFET
October 1998
IRFF430 INTERSIL-IRFF430 Datasheet
325Kb / 7P
   2.75A, 500V, 1.500 Ohm, N-Channel Power MOSFET
BUZ41A INTERSIL-BUZ41A Datasheet
41Kb / 5P
   4.5A, 500V, 1.500 Ohm, N-Channel Power MOSFET
October 1998
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com