전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRFP460 데이터시트(PDF) 4 Page - Intersil Corporation

부품명 IRFP460
상세설명  20A, 500V, 0.270 Ohm, N-Channel Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

IRFP460 데이터시트(HTML) 4 Page - Intersil Corporation

  IRFP460 Datasheet HTML 1Page - Intersil Corporation IRFP460 Datasheet HTML 2Page - Intersil Corporation IRFP460 Datasheet HTML 3Page - Intersil Corporation IRFP460 Datasheet HTML 4Page - Intersil Corporation IRFP460 Datasheet HTML 5Page - Intersil Corporation IRFP460 Datasheet HTML 6Page - Intersil Corporation IRFP460 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4-362
FIGURE 4. FORWARD BIAS SAFE OPERATING AREA
FIGURE 5. OUTPUT CHARACTERISTICS
FIGURE 6. SATURATION CHARACTERISTICS
FIGURE 7. TRANSFER CHARACTERISTICS
FIGURE 8. DRAIN TO SOURCE ON RESISTANCE vs GATE
VOLTAGE AND DRAIN CURRENT
FIGURE 9. NORMALIZED DRAIN TO SOURCE ON
RESISTANCE vs JUNCTION TEMPERATURE
Typical Performance Curves Unless Otherwise Specified (Continued)
12
5
10
2
5
102
25
103
VDS, DRAIN TO SOURCE VOLTAGE (V)
103
5
2
102
5
2
10
5
2
1
5
2
0.1
SINGLE PULSE
TJ = MAX RATED
TC = 25
oC
BY rDS(ON)
AREA IS LIMITED
OPERATION IN THIS
10
µs
100
µs
1ms
10ms
DC
0
50
100
150
200
8
16
24
32
40
250
VDS, DRAIN TO SOURCE VOLTAGE (V)
PULSE DURATION = 80
µs
0
VGS = 10V
VGS = 6.0V
VGS = 5.5V
VGS = 5.0V
VGS = 4.5V
VGS = 4.0V
DUTY CYCLE = 0.5% MAX
0
8
0
4
812
20
16
24
VDS, DRAIN TO SOURCE VOLTAGE (V)
32
16
40
VGS = 10V
VGS = 4.0V
VGS = 5.5V
VGS = 6.0V
VGS = 5.0V
VGS = 4.5V
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
102
10
1
0.1
10-2
0246810
VGS, GATE TO SOURCE VOLTAGE (V)
TJ = 150
oC
TJ = 25
oC
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
VDS ≥ 50V
ID, DRAIN CURRENT (A)
2.5
2.0
1.5
1.0
0.5
0
0
20
40
60
80
100
VGS = 20V
VGS = 10V
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
3.0
1.8
1.2
0.6
0
-40
0
40
TJ, JUNCTION TEMPERATURE (
oC)
120
2.4
80
160
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
VGS = 10V, ID = 11A
IRFP460


유사한 부품 번호 - IRFP460

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
IRFP460 PHILIPS-IRFP460 Datasheet
94Kb / 7P
   PowerMOS transistors Avalanche energy rated
September 1999 Rev 1.000
logo
STMicroelectronics
IRFP460 STMICROELECTRONICS-IRFP460 Datasheet
91Kb / 8P
   N - CHANNEL 500V - 0.22 ohm - 20 A - TO-247 PowerMESH] MOSFET
logo
International Rectifier
IRFP460 IRF-IRFP460 Datasheet
163Kb / 6P
   Power MOSFET(Vdss=500V, Rds(on)=0.27ohm, Id=20A)
logo
IXYS Corporation
IRFP460 IXYS-IRFP460 Datasheet
77Kb / 4P
   MegaMOS - Power MOSFET
logo
Vishay Siliconix
IRFP460 VISHAY-IRFP460 Datasheet
135Kb / 8P
   Power MOSFET
S-81360-Rev. A, 28-Jul-08
More results

유사한 설명 - IRFP460

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
IRF520 INTERSIL-IRF520 Datasheet
69Kb / 7P
   9.2A, 100V, 0.270 Ohm, N-Channel Power MOSFET
November 1999
logo
Unisonic Technologies
20N50 UTC-20N50 Datasheet
142Kb / 4P
   20A, 500V N-CHANNEL POWER MOSFET
logo
Silan Microelectronics ...
SVF20N50F SILAN-SVF20N50F Datasheet
658Kb / 8P
   20A, 500V N-CHANNEL MOSFET
logo
PFC Device Inc.
PSM20N50CT PFC-PSM20N50CT Datasheet
943Kb / 8P
   20A 500V Single N-Channel Power MOSFET
logo
Thinki Semiconductor Co...
20N50B THINKISEMI-20N50B Datasheet
1Mb / 6P
   20A,500V Heatsink N-Channel Type Power MOSFET
logo
Jiangsu Donghai Semicon...
20N50 WXDH-20N50 Datasheet
1Mb / 11P
   20A 500V N-channel Enhancement Mode Power MOSFET
logo
Thinki Semiconductor Co...
IRFP460PBF THINKISEMI-IRFP460PBF Datasheet
1Mb / 6P
   20A,500V Heatsink N-Channel Type Power MOSFET
W20NB50 THINKISEMI-W20NB50 Datasheet
1Mb / 6P
   20A,500V Heatsink N-Channel Type Power MOSFET
logo
Jiangsu Donghai Semicon...
20N50D WXDH-20N50D Datasheet
1Mb / 10P
   20A 500V N-channel Enhancement Mode Power MOSFET
logo
Intersil Corporation
IRFR120 INTERSIL-IRFR120 Datasheet
56Kb / 7P
   8.4A, 100V, 0.270 Ohm, N-Channel Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com