전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRFP460 데이터시트(PDF) 3 Page - Intersil Corporation

부품명 IRFP460
상세설명  20A, 500V, 0.270 Ohm, N-Channel Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

IRFP460 데이터시트(HTML) 3 Page - Intersil Corporation

  IRFP460 Datasheet HTML 1Page - Intersil Corporation IRFP460 Datasheet HTML 2Page - Intersil Corporation IRFP460 Datasheet HTML 3Page - Intersil Corporation IRFP460 Datasheet HTML 4Page - Intersil Corporation IRFP460 Datasheet HTML 5Page - Intersil Corporation IRFP460 Datasheet HTML 6Page - Intersil Corporation IRFP460 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
4-361
Source to Drain Diode Specifications
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Continuous Source to Drain Current
ISD
Modified MOSFET
Symbol Showing the
Integral Reverse P-N
Junction Rectifier
-
-
20
A
Pulse Source to Drain Current
(Note 3)
ISDM
-
-
80
A
Source to Drain Diode Voltage (Note 2)
VSD
TJ = 25
oC, I
SD = 21A, VGS = 0V (Figure 13)
-
-
1.8
V
Reverse Recovery Time
trr
TJ = 25
oC, I
SD = 21A, dISD/dt = 100A/µs
280
580
1200
ns
Reverse Recovery Charge
QRR
TJ = 25
oC, I
SD = 21A, dISD/dt = 100A/µs
3.8
8.1
18
µC
NOTES:
2. Pulse test: pulse width
≤ 300µs, duty cycle ≤ 2%.
3. Repetitive rating: pulse width limited by Max junction temperature. See Transient Thermal Impedance curve (Figure 3).
4. VDD = 50V, starting TJ = 25
oC, L = 4.3mH, R
GS = 25Ω, Peak IAS = 20A.
Typical Performance Curves Unless Otherwise Specified
FIGURE 1. NORMALIZED POWER DISSIPATION vs CASE
TEMPERATURE
FIGURE 2. MAXIMUM CONTINUOUS DRAIN CURRENT vs
CASE TEMPERATURE
FIGURE 3. MAXIMUM TRANSIENT THERMAL IMPEDANCE
G
D
S
0
50
100
150
0
TC, CASE TEMPERATURE (
oC)
0.2
0.4
0.6
0.8
1.0
1.2
0
50
100
TC, CASE TEMPERATURE (
oC)
150
25
75
125
20
16
12
8
4
1
0.1
10-3
10-5
10-4
10-3
10-2
0.1
1
10
t1, RECTANGULAR PULSE DURATION (S)
SINGLE PULSE
PDM
NOTES:
DUTY FACTOR: D = t1/t2
PEAK TJ = PDM x ZθJC x RθJC + TC
t1
t2
0.1
0.02
0.2
0.5
0.01
0.05
10-2
IRFP460


유사한 부품 번호 - IRFP460

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
IRFP460 PHILIPS-IRFP460 Datasheet
94Kb / 7P
   PowerMOS transistors Avalanche energy rated
September 1999 Rev 1.000
logo
STMicroelectronics
IRFP460 STMICROELECTRONICS-IRFP460 Datasheet
91Kb / 8P
   N - CHANNEL 500V - 0.22 ohm - 20 A - TO-247 PowerMESH] MOSFET
logo
International Rectifier
IRFP460 IRF-IRFP460 Datasheet
163Kb / 6P
   Power MOSFET(Vdss=500V, Rds(on)=0.27ohm, Id=20A)
logo
IXYS Corporation
IRFP460 IXYS-IRFP460 Datasheet
77Kb / 4P
   MegaMOS - Power MOSFET
logo
Vishay Siliconix
IRFP460 VISHAY-IRFP460 Datasheet
135Kb / 8P
   Power MOSFET
S-81360-Rev. A, 28-Jul-08
More results

유사한 설명 - IRFP460

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
IRF520 INTERSIL-IRF520 Datasheet
69Kb / 7P
   9.2A, 100V, 0.270 Ohm, N-Channel Power MOSFET
November 1999
logo
Unisonic Technologies
20N50 UTC-20N50 Datasheet
142Kb / 4P
   20A, 500V N-CHANNEL POWER MOSFET
logo
Silan Microelectronics ...
SVF20N50F SILAN-SVF20N50F Datasheet
658Kb / 8P
   20A, 500V N-CHANNEL MOSFET
logo
PFC Device Inc.
PSM20N50CT PFC-PSM20N50CT Datasheet
943Kb / 8P
   20A 500V Single N-Channel Power MOSFET
logo
Thinki Semiconductor Co...
20N50B THINKISEMI-20N50B Datasheet
1Mb / 6P
   20A,500V Heatsink N-Channel Type Power MOSFET
logo
Jiangsu Donghai Semicon...
20N50 WXDH-20N50 Datasheet
1Mb / 11P
   20A 500V N-channel Enhancement Mode Power MOSFET
logo
Thinki Semiconductor Co...
IRFP460PBF THINKISEMI-IRFP460PBF Datasheet
1Mb / 6P
   20A,500V Heatsink N-Channel Type Power MOSFET
W20NB50 THINKISEMI-W20NB50 Datasheet
1Mb / 6P
   20A,500V Heatsink N-Channel Type Power MOSFET
logo
Jiangsu Donghai Semicon...
20N50D WXDH-20N50D Datasheet
1Mb / 10P
   20A 500V N-channel Enhancement Mode Power MOSFET
logo
Intersil Corporation
IRFR120 INTERSIL-IRFR120 Datasheet
56Kb / 7P
   8.4A, 100V, 0.270 Ohm, N-Channel Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com