전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRFP9140 데이터시트(PDF) 5 Page - Intersil Corporation

부품명 IRFP9140
상세설명  19A, 100V, 0.200 Ohm, P-Channel Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

IRFP9140 데이터시트(HTML) 5 Page - Intersil Corporation

  IRFP9140 Datasheet HTML 1Page - Intersil Corporation IRFP9140 Datasheet HTML 2Page - Intersil Corporation IRFP9140 Datasheet HTML 3Page - Intersil Corporation IRFP9140 Datasheet HTML 4Page - Intersil Corporation IRFP9140 Datasheet HTML 5Page - Intersil Corporation IRFP9140 Datasheet HTML 6Page - Intersil Corporation IRFP9140 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
4-61
FIGURE 10. NORMALIZED DRAIN TO SOURCE BREAKDOWN
VOLTAGE vs JUNCTION TEMPERATURE
FIGURE 11. CAPACITANCE vs DRAIN TO SOURCE VOLTAGE
FIGURE 12. TRANSCONDUCTANCE vs DRAIN CURRENT
FIGURE 13. SOURCE TO DRAIN DIODE VOLTAGE
FIGURE 14. GATE TO SOURCE VOLTAGE vs GATE CHARGE
Typical Performance Curves Unless Otherwise Specified (Continued)
0.75
0.85
0.95
1.05
1.15
1.25
-60
-40
-20
0
20
40
60
80
100 120 140 160
TJ, JUNCTION TEMPERATURE (
oC)
ID = 250µA
2000
2500
1500
1000
500
0
110
102
NEGATIVE VDS, DRAIN TO SOURCE VOLTAGE (V)
CRSS
VGS = 0V, f = 1MHz
CISS = CGS + CGD
CRSS = CGD
COSS ≈ CDS + CGD
COSS
CISS
0
3
6
9
12
15
0
8
16
24
32
40
NEGATIVE ID, DRAIN CURRENT (A)
TJ = 150
oC
TJ = 25
oC
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
VDS ≤ -50V
TJ = 25
oC
TJ = 150
oC
-100
-10
-1.0
-0.1
-0.4
-0.6
-0.8
-1.0
-1.2
-1.4
-1.6
-1.8
NEGATIVE VSD, SOURCE TO DRAIN VOLTAGE (V)
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
20
16
12
8
4
0
0
12
2436
4860
Qg(TOT), TOTAL GATE CHARGE (nC)
VDS = -80V
VDS = -50V
VDS = -20V
ID = -19A
IRFP9140


유사한 부품 번호 - IRFP9140

제조업체부품명데이터시트상세설명
logo
Samsung semiconductor
IRFP9140 SAMSUNG-IRFP9140 Datasheet
508Kb / 12P
   P-CHANNEL POWER MOSFETS
IRFP9140 SAMSUNG-IRFP9140 Datasheet
381Kb / 6P
   P-CHANNEL POWER MOSFETS
logo
Vishay Siliconix
IRFP9140 VISHAY-IRFP9140 Datasheet
1Mb / 8P
   Power MOSFET
S-Pending-Rev. A, 26-Jun-08
logo
Inchange Semiconductor ...
IRFP9140 ISC-IRFP9140 Datasheet
273Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Vishay Siliconix
IRFP9140 VISHAY-IRFP9140 Datasheet
757Kb / 11P
   Power MOSFET
01-Jan-2022
More results

유사한 설명 - IRFP9140

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
IRF9140 INTERSIL-IRF9140 Datasheet
59Kb / 7P
   -19A, -100V, 0.200 Ohm, P-Channel Power MOSFET
IRF9540 INTERSIL-IRF9540 Datasheet
59Kb / 7P
   19A, 100V, 0.200 Ohm, P-Channel Power MOSFETs
logo
Unisonic Technologies
UTT18P10 UTC-UTT18P10 Datasheet
243Kb / 6P
   100V, 19A P-CHANNEL POWER MOSFET
logo
Intersil Corporation
BUZ21 INTERSIL-BUZ21 Datasheet
46Kb / 6P
   19A, 100V, 0.100 Ohm, N-Channel Power MOSFET
October 1998
IRF9150 INTERSIL-IRF9150 Datasheet
57Kb / 7P
   -25A, -100V, 0.150 Ohm, P-Channel Power MOSFET
IRF9520 INTERSIL-IRF9520 Datasheet
57Kb / 7P
   6A, 100V, 0.600 Ohm, P-Channel Power MOSFET
IRF9130 INTERSIL-IRF9130 Datasheet
58Kb / 7P
   -12A, -100V, 0.30 Ohm, P-Channel Power MOSFET
IRFD9110 INTERSIL-IRFD9110 Datasheet
54Kb / 6P
   0.7A, 100V, 1.200 Ohm, P-Channel Power MOSFET
IRFD9120 INTERSIL-IRFD9120 Datasheet
52Kb / 6P
   1.0A, 100V, 0.6 Ohm, P-Channel Power MOSFET
July 1999
IRF9510 INTERSIL-IRF9510 Datasheet
59Kb / 7P
   3.0A, 100V, 1.200 Ohm, P-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com