전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRFP9150 데이터시트(PDF) 6 Page - Intersil Corporation

부품명 IRFP9150
상세설명  25A, 100V, 0.150 Ohm, P-Channel Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

IRFP9150 데이터시트(HTML) 6 Page - Intersil Corporation

  IRFP9150 Datasheet HTML 1Page - Intersil Corporation IRFP9150 Datasheet HTML 2Page - Intersil Corporation IRFP9150 Datasheet HTML 3Page - Intersil Corporation IRFP9150 Datasheet HTML 4Page - Intersil Corporation IRFP9150 Datasheet HTML 5Page - Intersil Corporation IRFP9150 Datasheet HTML 6Page - Intersil Corporation IRFP9150 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
4-68
Test Circuits and Waveforms
FIGURE 15. UNCLAMPED ENERGY TEST CIRCUIT
FIGURE 16. UNCLAMPED ENERGY WAVEFORMS
FIGURE 17. SWITCHING TIME TEST CIRCUIT
FIGURE 18. RESISTIVE SWITCHING WAVEFORMS
FIGURE 19. GATE CHARGE TEST CIRCUIT
FIGURE 20. GATE CHARGE WAVEFORMS
tP
0.01
L
IAS
+
-
VDS
VDD
RG
DUT
VARY tP TO OBTAIN
REQUIRED PEAK IAS
0V
VGS
VDD
VDS
BVDSS
tP
IAS
tAV
0
VGS
RL
RG
DUT
+
-
VDD
td(ON)
tr
90%
10%
VDS
90%
tf
td(OFF)
tOFF
90%
50%
50%
10%
PULSE WIDTH
VGS
tON
10%
0
0
0.3
µF
12V
BATTERY
50k
+VDS
S
DUT
D
G
Ig(REF)
0
(ISOLATED
-VDS
0.2
µF
CURRENT
REGULATOR
ID CURRENT
SAMPLING
IG CURRENT
SAMPLING
SUPPLY)
RESISTOR
RESISTOR
DUT
Qg(TOT)
Qgd
Qgs
VDS
0
VGS
VDD
0
Ig(REF)
IRFP9150


유사한 부품 번호 - IRFP9150

제조업체부품명데이터시트상세설명
logo
Inchange Semiconductor ...
IRFP9120 ISC-IRFP9120 Datasheet
278Kb / 2P
   isc N-Channel MOSFET Transistor
IRFP9121 ISC-IRFP9121 Datasheet
277Kb / 2P
   isc N-Channel MOSFET Transistor
IRFP9122 ISC-IRFP9122 Datasheet
278Kb / 2P
   isc N-Channel MOSFET Transistor
IRFP9123 ISC-IRFP9123 Datasheet
278Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Samsung semiconductor
IRFP9130 SAMSUNG-IRFP9130 Datasheet
508Kb / 12P
   P-CHANNEL POWER MOSFETS
More results

유사한 설명 - IRFP9150

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
IRF9150 INTERSIL-IRF9150 Datasheet
57Kb / 7P
   -25A, -100V, 0.150 Ohm, P-Channel Power MOSFET
logo
New Jersey Semi-Conduct...
IRF9150 NJSEMI-IRF9150 Datasheet
152Kb / 3P
   -25A, -100V, 0.150 Ohm, P-Channel Power MOSFET
RFH25P08 NJSEMI-RFH25P08 Datasheet
91Kb / 2P
   -25A, -100V and -80V, 0.150 Ohm, P-Channel Power MOSFETs
logo
Intersil Corporation
RFH25P08 INTERSIL-RFH25P08 Datasheet
33Kb / 4P
   -25A, -100V and -80V, 0.150 Ohm, P-Channel Power MOSFETs
logo
Unisonic Technologies
UTT25P10 UTC-UTT25P10 Datasheet
152Kb / 3P
   25A, 100V P-CHANNEL POWER MOSFET
logo
Intersil Corporation
RF1K49223 INTERSIL-RF1K49223 Datasheet
97Kb / 8P
   2.5A, 30V, 0.150 Ohm, Dual P-Channel LittleFET??Power MOSFET
RFT2P03L INTERSIL-RFT2P03L Datasheet
91Kb / 9P
   2.1A, 30V, 0.150 Ohm, P-Channel Logic Level, Power MOSFET
RFD15P05 INTERSIL-RFD15P05 Datasheet
87Kb / 8P
   15A, 50V, 0.150 Ohm, P-Channel Power MOSFETs
RFK25N18 INTERSIL-RFK25N18 Datasheet
42Kb / 5P
   25A, 180V and 200V, 0.150 Ohm, N-Channel Power MOSFETs
RFF60P06 INTERSIL-RFF60P06 Datasheet
88Kb / 8P
   25A?? 60V, 0.030 Ohm, P-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com