전자부품 데이터시트 검색엔진 |
|
IRFP9240 데이터시트(PDF) 3 Page - Intersil Corporation |
|
IRFP9240 데이터시트(HTML) 3 Page - Intersil Corporation |
3 / 7 page 4-73 Source to Drain Diode Specifications PARAMETER SYMBOL TEST CONDITIONS MIN TYP MAX UNITS Continuous Source to Drain Current ISD Modified MOSFET Symbol Showing the Integral Re- verse P-N Junction Rectifier - - -12 A Pulse Source to Drain Current (Note 3) ISDM - - -48 A Source to Drain Diode Voltage (Note 2) VSD TJ = 25 oC, I SD = -12A, VGS = 0V, (Figure 13) - - -1.5 V Reverse Recovery Time trr TJ = 25 oC, I SD = -11A, dISD/dt = 100A/µs - 210 - ns Reverse Recovery Charge QRR TJ = 25 oC, I SD = -11A, dISD/dt = 100A/µs - 2.0 - µC NOTES: 2. Pulse test: pulse width ≤ 300µs, duty cycle ≤ 2%. 3. Repetitive rating: pulse width limited by maximum junction temperature. See Transient Thermal Impedance curve (Figure 3). 4. VDD = 50V, starting TJ = 25 oC, L = 8.2mH, R G = 50Ω, peak IAS = 12A (Figures 15, 16). Typical Performance Curves Unless Otherwise Specified FIGURE 1. NORMALIZED POWER DISSIPATION vs CASE TEMPERATURE FIGURE 2. MAXIMUM CONTINUOUS DRAIN CURRENT vs CASE TEMPERATURE FIGURE 3. MAXIMUM TRANSIENT THERMAL IMPEDANCE G D S TC, CASE TEMPERATURE ( oC) 0.0 0 25 50 75 100 150 0.2 0.4 0.6 0.8 1.0 1.2 125 0 50 100 TC, CASE TEMPERATURE ( oC) 150 25 75 125 15 12 9 6 3 1 0.1 10-3 10-5 10-4 10-3 10-2 0.1 1 10 t1, RECTANGULAR PULSE DURATION (S) SINGLE PULSE PDM NOTES: DUTY FACTOR: D = t1/t2 PEAK TJ = PDM x ZθJC x RθJC + TC t1 t2 0.1 0.02 0.2 0.5 0.01 0.05 10-2 2 IRFP9240 |
유사한 부품 번호 - IRFP9240 |
|
유사한 설명 - IRFP9240 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |