전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRFPG40 데이터시트(PDF) 4 Page - Intersil Corporation

부품명 IRFPG40
상세설명  4.3A, 1000V, 3.500 Ohm, N-Channel Power MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

IRFPG40 데이터시트(HTML) 4 Page - Intersil Corporation

  IRFPG40 Datasheet HTML 1Page - Intersil Corporation IRFPG40 Datasheet HTML 2Page - Intersil Corporation IRFPG40 Datasheet HTML 3Page - Intersil Corporation IRFPG40 Datasheet HTML 4Page - Intersil Corporation IRFPG40 Datasheet HTML 5Page - Intersil Corporation IRFPG40 Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4-368
FIGURE 7. DRAIN TO SOURCE ON RESISTANCE vs GATE
VOLTAGE AND DRAIN CURRENT
FIGURE 8. NORMALIZED DRAIN TO SOURCE ON
RESISTANCE vs JUNCTION TEMPERATURE
FIGURE 9. NORMALIZED DRAIN TO SOURCE BREAKDOWN
VOLTAGE vs. JUNCTION TEMPERATURE
FIGURE 10. CAPACITANCE vs. DRAIN TO SOURCE VOLTAGE
FIGURE 11. TRANSCONDUCTANCE vs DRAIN CURRENT
FIGURE 12. SOURCE TO DRAIN DIODE VOLTAGE
Typical Performance Curves Unless Otherwise Specified (Continued)
ID, DRAIN CURRENT (A)
3
2
1
0
04
8
4
5
26
12
10
6
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
VGS = 10V
1.3
1.0
0.8
-50
0
50
100
150
TJ, JUNCTION TEMPERATURE (
oC)
3.0
0
1.5
1.7
2.0
2.2
2.5
2.7
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
ID = 2.5A, VGS = 10V
1.0
0.9
-60
0
60
120
150
TJ, JUNCTION TEMPERATURE (
oC)
ID = 250µA
1.3
0
1.1
1.2
-40
-20
20
40
80
100
140
1000
500
1
100
VDS, DRAIN TO SOURCE VOLTAGE (V)
3000
0
1500
2000
10
2500
CISS
COSS
CRSS
CISS = CGS + CGD
CRSS = CGD
COSS CDS + CGD
VGS = 0V, f = 1MHz
01
2
3
ID, DRAIN CURRENT (A)
2
0
45
4
6
8
150oC
25oC
6
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
VDS ≥ 70V
0.1
1
0.3
SOURCE TO DRAIN VOLTAGE (V)
0
100
10
0.6
0.9
1.2
1.5
25oC
150oC
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
IRFPG40


유사한 부품 번호 - IRFPG40

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRFPG40 IRF-IRFPG40 Datasheet
167Kb / 6P
   Power MOSFET(Vdss=1000V, Rds(on)=3.5ohm, Id=4.3A)
logo
Vishay Siliconix
IRFPG40 VISHAY-IRFPG40 Datasheet
1Mb / 8P
   Power MOSFET
Rev. A, 21-Jul-08
IRFPG40 VISHAY-IRFPG40 Datasheet
910Kb / 11P
   Power MOSFET
01-Jan-2022
logo
International Rectifier
IRFPG40PBF IRF-IRFPG40PBF Datasheet
866Kb / 8P
   HEXFET POWER MOSFET ( VDSS = 1000V , RDS(on) = 3.5廓 , ID = 4.3A )
logo
Vishay Siliconix
IRFPG40PBF VISHAY-IRFPG40PBF Datasheet
1Mb / 8P
   Power MOSFET
Rev. A, 21-Jul-08
More results

유사한 설명 - IRFPG40

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
RFP4N100 INTERSIL-RFP4N100 Datasheet
45Kb / 6P
   4.3A, 1000V, 3.500 Ohm, High Voltage, N-Channel Power MOSFETs
logo
New Jersey Semi-Conduct...
RFP4N100 NJSEMI-RFP4N100 Datasheet
101Kb / 2P
   4.3A, 1000V, 3.500 Ohm, High Voltage, N-Channel Power MOSFETs
logo
Intersil Corporation
RFP2N20 INTERSIL-RFP2N20 Datasheet
40Kb / 5P
   2A, 200V, 3.500 Ohm, N-Channel Power MOSFET
logo
STMicroelectronics
STW5NB100 STMICROELECTRONICS-STW5NB100 Datasheet
54Kb / 5P
   N - CHANNEL 1000V - 4ohm - 4.3A - TO-247 PowerMESH MOSFET
logo
Intersil Corporation
RFP2N20L INTERSIL-RFP2N20L Datasheet
35Kb / 5P
   2A, 200V, 3.500 Ohm, Logic Level, N-Channel Power MOSFET
logo
International Rectifier
IRFPG40 IRF-IRFPG40 Datasheet
167Kb / 6P
   Power MOSFET(Vdss=1000V, Rds(on)=3.5ohm, Id=4.3A)
logo
DONGGUAN YOU FENG WEI E...
YFW2302C YFWDIODE-YFW2302C Datasheet
1,017Kb / 6P
   4.3A, 20V N-CHANNEL MOSFET
YFW2300A YFWDIODE-YFW2300A Datasheet
906Kb / 5P
   4.3A, 20V N-CHANNEL MOSFET
logo
STMicroelectronics
STY15NA100 STMICROELECTRONICS-STY15NA100 Datasheet
44Kb / 4P
   N - CHANNEL 1000V - 0.65 ohm - 15A - Max247 MOSFET
logo
Unisonic Technologies
9N100 UTC-9N100 Datasheet
184Kb / 5P
   9A, 1000V N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com