전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRFPG40 데이터시트(PDF) 5 Page - Intersil Corporation

부품명 IRFPG40
상세설명  4.3A, 1000V, 3.500 Ohm, N-Channel Power MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

IRFPG40 데이터시트(HTML) 5 Page - Intersil Corporation

  IRFPG40 Datasheet HTML 1Page - Intersil Corporation IRFPG40 Datasheet HTML 2Page - Intersil Corporation IRFPG40 Datasheet HTML 3Page - Intersil Corporation IRFPG40 Datasheet HTML 4Page - Intersil Corporation IRFPG40 Datasheet HTML 5Page - Intersil Corporation IRFPG40 Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
4-369
FIGURE 13. GATE TO SOURCE VOLTAGE vs GATE CHARGE
Test Circuits and Waveforms
FIGURE 14. UNCLAMPED ENERGY TEST CIRCUIT
FIGURE 15. UNCLAMPED ENERGY WAVEFORMS
FIGURE 16. SWITCHING TIME TEST CIRCUIT
FIGURE 17. RESISTIVE SWITCHING WAVEFORMS
Typical Performance Curves Unless Otherwise Specified (Continued)
010
20
30
Qg, GATE CHARGE (nC)
2
0
40
50
4
6
8
VDS = 100V
10
12
14
16
60
70
80
VDS = 400V
VDS = 200V
tP
VGS
0.01
L
IAS
+
-
VDS
VDD
RG
DUT
VARY tP TO OBTAIN
REQUIRED PEAK IAS
0V
VDD
VDS
BVDSS
tP
IAS
tAV
0
VGS
RL
RG
DUT
+
-
VDD
tON
td(ON)
tr
90%
10%
VDS
90%
10%
tf
td(OFF)
tOFF
90%
50%
50%
10%
PULSE WIDTH
VGS
0
0
IRFPG40


유사한 부품 번호 - IRFPG40

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRFPG40 IRF-IRFPG40 Datasheet
167Kb / 6P
   Power MOSFET(Vdss=1000V, Rds(on)=3.5ohm, Id=4.3A)
logo
Vishay Siliconix
IRFPG40 VISHAY-IRFPG40 Datasheet
1Mb / 8P
   Power MOSFET
Rev. A, 21-Jul-08
IRFPG40 VISHAY-IRFPG40 Datasheet
910Kb / 11P
   Power MOSFET
01-Jan-2022
logo
International Rectifier
IRFPG40PBF IRF-IRFPG40PBF Datasheet
866Kb / 8P
   HEXFET POWER MOSFET ( VDSS = 1000V , RDS(on) = 3.5廓 , ID = 4.3A )
logo
Vishay Siliconix
IRFPG40PBF VISHAY-IRFPG40PBF Datasheet
1Mb / 8P
   Power MOSFET
Rev. A, 21-Jul-08
More results

유사한 설명 - IRFPG40

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
RFP4N100 INTERSIL-RFP4N100 Datasheet
45Kb / 6P
   4.3A, 1000V, 3.500 Ohm, High Voltage, N-Channel Power MOSFETs
logo
New Jersey Semi-Conduct...
RFP4N100 NJSEMI-RFP4N100 Datasheet
101Kb / 2P
   4.3A, 1000V, 3.500 Ohm, High Voltage, N-Channel Power MOSFETs
logo
Intersil Corporation
RFP2N20 INTERSIL-RFP2N20 Datasheet
40Kb / 5P
   2A, 200V, 3.500 Ohm, N-Channel Power MOSFET
logo
STMicroelectronics
STW5NB100 STMICROELECTRONICS-STW5NB100 Datasheet
54Kb / 5P
   N - CHANNEL 1000V - 4ohm - 4.3A - TO-247 PowerMESH MOSFET
logo
Intersil Corporation
RFP2N20L INTERSIL-RFP2N20L Datasheet
35Kb / 5P
   2A, 200V, 3.500 Ohm, Logic Level, N-Channel Power MOSFET
logo
International Rectifier
IRFPG40 IRF-IRFPG40 Datasheet
167Kb / 6P
   Power MOSFET(Vdss=1000V, Rds(on)=3.5ohm, Id=4.3A)
logo
DONGGUAN YOU FENG WEI E...
YFW2302C YFWDIODE-YFW2302C Datasheet
1,017Kb / 6P
   4.3A, 20V N-CHANNEL MOSFET
YFW2300A YFWDIODE-YFW2300A Datasheet
906Kb / 5P
   4.3A, 20V N-CHANNEL MOSFET
logo
STMicroelectronics
STY15NA100 STMICROELECTRONICS-STY15NA100 Datasheet
44Kb / 4P
   N - CHANNEL 1000V - 0.65 ohm - 15A - Max247 MOSFET
logo
Unisonic Technologies
9N100 UTC-9N100 Datasheet
184Kb / 5P
   9A, 1000V N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com