전자부품 데이터시트 검색엔진 |
|
IRFPG40 데이터시트(PDF) 3 Page - Intersil Corporation |
|
IRFPG40 데이터시트(HTML) 3 Page - Intersil Corporation |
3 / 6 page 4-367 Typical Performance Curves Unless Otherwise Specified FIGURE 1. NORMALIZED POWER DISSIPATION vs CASE TEMPERATURE FIGURE 2. FORWARD BIAS SAFE OPERATING AREA FIGURE 3. UNCLAMPED INDUCTIVE SWITCHING SOA FIGURE 4. OUTPUT CHARACTERISTICS FIGURE 5. SATURATION CHARACTERISTICS FIGURE 6. TRANSFER CHARACTERISTICS 1.2 1.0 0.8 0.6 0.4 0.2 0 0 25 50 75 100 125 150 TC, CASE TEMPERATURE ( oC) 1 0.10 0.01 10 10 100 VDS, DRAIN TO SOURCE VOLTAGE (V) 1 1000 100 TJ = MAX RATED, TC = 25 oC 10 µs 100 µs 1ms 10ms DC OPERATION IN THIS AREA LIMITED BY rDS(ON) SINGLE PULSE 1 10 0.10 1.00 TIME IN AVALANCHE (ms) 0.01 10.00 100 If R = 0 STARTING TJ = 25 oC tAV = (L)(IAS)/(1.3 RATED BVDSS - VDD) If R ≠ 0 tAV = (L/R) In[(Ias x R)/(1.3 RATED BVDSS - VDD) + 1] IDM STARTING TJ = 150 oC 4 2 0 100 200 300 400 500 VDS, DRAIN TO SOURCE VOLTAGE (V) 6 0 8 10 VGS = 6V VGS = 5V VGS = 4V VGS = 10V PULSE DURATION = 80 µs DUTY CYCLE = 0.5% MAX VGS = 6V 10 8 0 0 10 20 30 40 50 VDS, DRAIN TO SOURCE VOLTAGE (V) 2 4 6 VGS = 4V VGS = 5V VGS = 10V PULSE DURATION = 80 µs DUTY CYCLE = 0.5% MAX TC = 25 oC 5 1 02 4 6 8 VGS, GATE TO SOURCE VOLTAGE (V) 2 0 4 3 150oC 25oC PULSE DURATION = 80 µs DUTY CYCLE = 0.5% MAX VDS = 7V IRFPG40 |
유사한 부품 번호 - IRFPG40 |
|
유사한 설명 - IRFPG40 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |