전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL36356A-APDK-EVAL 데이터시트(PDF) 1 Page - Intersil Corporation

부품명 ISL36356A-APDK-EVAL
상세설명  PRISM 11Mbps Wireless Local Area Network Access Point
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL36356A-APDK-EVAL 데이터시트(HTML) 1 Page - Intersil Corporation

  ISL36356A-APDK-EVAL Datasheet HTML 1Page - Intersil Corporation ISL36356A-APDK-EVAL Datasheet HTML 2Page - Intersil Corporation ISL36356A-APDK-EVAL Datasheet HTML 3Page - Intersil Corporation ISL36356A-APDK-EVAL Datasheet HTML 4Page - Intersil Corporation ISL36356A-APDK-EVAL Datasheet HTML 5Page - Intersil Corporation ISL36356A-APDK-EVAL Datasheet HTML 6Page - Intersil Corporation ISL36356A-APDK-EVAL Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
®
FN9048.3
ISL36356A-APDK
PRISM® 11Mbps Wireless Local Area
Network Access Point
The Intersil ISL36356A WLAN
Access Point is a complete wireless
high speed Network Access Point
(AP) utilizing the Intersil PRISM® AP
Direct Sequence Spread Spectrum Wireless Transceiver
chip set. It provides a complete PRISM reference design
platform of hardware and software to system providers or
integrators requiring wireless data communications
capability. The Open Source Linux operating system offers a
flexible and extensible development platform for making
customized Access Points and Gateways.
The Developers Kit includes a WLAN Access Point reference
design, configuration application, source code and
documentation. It supports the IEEE802.11b network
specification for Direct Sequence Spread Spectrum DSSS
signaling, providing data rates of 1, 2, 5.5 and 11Mbps.
Typical operating ranges are shown in Table 1.
* The range will vary in different operating environments due to
effects such as building construction.
Packaging
Features
• Supports the lEEE802.11b Direct Sequence Specification
• FCC Certified Under Part 15 to Operate in 2.4GHz ISM Band
• ETSI EN 300 328 parts 1 and 2 and
• ETSI EN 301 489 parts 1 and 17 Certified
• Supports All Features Required for Wi-Fi
 Compliant
Access Points
• Support for 11, 5.5, 2 and 1Mbps Data Rates
• Supports Dual Antenna Diversity
• Supports Short Preamble
• Advanced RAKE Receiver Design with Decision Feedback
Equalizer
• Provided Wired ethernet (802.3) connection supports both
10/100BaseT speeds
• Open Source Linux operating system
• Wi-Fi Protected Access (WPA) as well as Wired Equivalent
Privacy (WEP) 64&128
•802.1x Security
• Wizard for Automated IP Configuration
• Wireless Distribution System (WDS) provides repeater and
bridging functionality
References
For Intersil documents available on the internet, see web site
http://www.intersil.com/
[1] TB337 Tech Brief, Intersil Corporation, “A Brief Tutorial on
Spread Spectrum and Packet Radio”.
[2] AN9850 Application Note, Intersil Corporation,
“Complementary Code Keying Made Simple”.
[3] AN9829 Application Note, Intersil Corporation, “Brief Tutorial
on IEEE802.11 Wireless LANs”.
[4] AN9820 Application Note, Intersil Corporation, “A
Condensed Review of Spread Spectrum Techniques for
ISM Band Systems”.
[5] 555006, Intersil Corporation, "The uClinux Development
Environment".
[6] 555007, Intersil Corporation, "Porting Guide for the Intersil
Access Point".
[7] 555012, Intersil Corporation, "Architecture of a Linux based
Intersil AP".
[8] 555050, Intersil Corporation, “MVC Software Interface
Manual”.
[9] 555053, Intersil Corporation, “AP Developer's Kit End User
Manual”.
[10] 555051, Intersil Corporation, “AP Developer’s Kit
Customization - User’s Manual”.
[11] AN1007, Intersil Corporation, “Introduction to the Wireless
Distribution System (WDS) and Features”.
[12] 555029, Intersil Corporation, “Reference Manual APDK
Web Server Interface Design”.
Further information can be found in the following:
uClinux homepage: http://www.uclinux.org/
TABLE 1. TYPICAL OPERATING RANGE*
DATA RATE (Mbps)
INDOOR RANGE
OUTDOOR RANGE
11
120 feet (37 meters)
500 feet (152 meters)
5.5
200 feet (61 meters)
800 feet (243 meters)
2
240 feet (73 meters)
1300 feet (396 meters)
1
300 feet (91 meters)
1750 feet (533 meters)
Ordering Information
PART NUMBER
DESCRIPTION
INCLUDED
ISL36356A-APDK-EVAL
WLAN Evaluation Kit
1 AP
1 PC card
FIGURE 1. SAMPLE PLASTIC ENCLOSURE
Data Sheet
February 2003
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
PRISM® is a registered trademark of Intersil Americas Inc. PRISM and design is a trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2003. All Rights Reserved. All other trademarks mentioned are the property of their respective owners.


유사한 부품 번호 - ISL36356A-APDK-EVAL

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL36111 INTERSIL-ISL36111 Datasheet
299Kb / 8P
   11.1Gb/s Lane Extender
logo
Renesas Technology Corp
ISL36111 RENESAS-ISL36111 Datasheet
648Kb / 9P
   11.1Gb/s Lane Extender
logo
Intersil Corporation
ISL36111DRZ-T7 INTERSIL-ISL36111DRZ-T7 Datasheet
299Kb / 8P
   11.1Gb/s Lane Extender
logo
Renesas Technology Corp
ISL36111DRZ-T7 RENESAS-ISL36111DRZ-T7 Datasheet
648Kb / 9P
   11.1Gb/s Lane Extender
logo
Intersil Corporation
ISL36111DRZ-TS INTERSIL-ISL36111DRZ-TS Datasheet
299Kb / 8P
   11.1Gb/s Lane Extender
More results

유사한 설명 - ISL36356A-APDK-EVAL

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL39300A-DAPDK INTERSIL-ISL39300A-DAPDK Datasheet
56Kb / 1P
   PRISM 54Mbps Wireless Local Area Network Access Point
ISL37106P-EVAL INTERSIL-ISL37106P-EVAL Datasheet
50Kb / 1P
   PRISM 3 11Mbps Wireless Local Area Network PCMCIA
ISL37400M-EVAL INTERSIL-ISL37400M-EVAL Datasheet
563Kb / 6P
   PRISM 2.5 11Mbps Wireless Local Area Network miniPCI
ISL37300P-EVAL INTERSIL-ISL37300P-EVAL Datasheet
119Kb / 6P
   PRISM 2.5 11Mbps Wireless Local Area Network PC Card
HWB3163-EVAL INTERSIL-HWB3163-EVAL Datasheet
127Kb / 6P
   PRISM II??11Mbps Wireless Local Area Network PC Card
ISL37704M-EVAL INTERSIL-ISL37704M-EVAL Datasheet
65Kb / 1P
   PRISM Indigo??54Mbps Wireless Local Area Network miniPCI
ISL37105P-EVAL INTERSIL-ISL37105P-EVAL Datasheet
108Kb / 1P
   PRISM 3 11 Mbps Wireless Local Area Network PCMCIA
ISL37200M-EVAL INTERSIL-ISL37200M-EVAL Datasheet
479Kb / 1P
   PRISM 3 11 Mbps Wireless Local Area Network miniPCI
WLANKITPR1-EVAL INTERSIL-WLANKITPR1-EVAL Datasheet
66Kb / 6P
   Wireless Local Area Network PC Card
PRISM1BRDA INTERSIL-PRISM1BRDA Datasheet
75Kb / 7P
   OEM Wireless Local Area Network PC Card
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com