전자부품 데이터시트 검색엔진 |
|
2SK1521-E1-E 데이터시트(PDF) 4 Page - Renesas Technology Corp |
|
2SK1521-E1-E 데이터시트(HTML) 4 Page - Renesas Technology Corp |
4 / 7 page 2SK1521-E1-E Preliminary R07DS1194EJ0300 Rev.3.00 Page 4 of 6 Mar 26, 2014 10,000 20 50 Drain to Source Voltage VDS (V) 10 30 40 Typical Capacitance vs. Drain to Source Voltage 0 1,000 100 10 VGS = 0 f = 1 MHz Ta = 25 °C Crss Coss Ciss 500 160 400 Gate Charge Qg (nC) Dynamic Input Characteristics (Typical) 400 100 0 80 240 320 0 200 300 20 16 4 0 8 12 VDD = 100 V 250 V 400 V VDS VGS VDD = 400 V 250 V 100 V ID = 50 A Ta = 25 °C 0 0.4 0.8 1.2 1.6 2.0 Source to Drain Voltage VSD (V) Reverse Drain Current vs. Source to Drain Voltage (Typical) 100 80 40 60 20 0 VGS = 0 Ta = 25 °C Pulse Test |
유사한 부품 번호 - 2SK1521-E1-E_15 |
|
유사한 설명 - 2SK1521-E1-E_15 |