전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI2337DS-HF 데이터시트(PDF) 6 Page - Guangdong Kexin Industrial Co.,Ltd

부품명 SI2337DS-HF
상세설명  P-Channel MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
홈페이지  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

SI2337DS-HF 데이터시트(HTML) 6 Page - Guangdong Kexin Industrial Co.,Ltd

  SI2337DS-HF Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd SI2337DS-HF Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd SI2337DS-HF Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd SI2337DS-HF Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd SI2337DS-HF Datasheet HTML 5Page - Guangdong Kexin Industrial Co.,Ltd SI2337DS-HF Datasheet HTML 6Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
SMD Type
www.kexin.com.cn
6
MOSFET
Typical Characterisitics
Normalized Thermal Transient Impedance, Junction-to-Ambient
2
1
0.1
0.01
Square Wave Pulse Duration (sec)
10 -4
10 -3
10 -2
10 -1
0
0
6
0
1
1
0.2
0.1
0.05
0.02
Single Pulse
Duty Cycle = 0.5
1. Duty Cycle, D =
2. Per Unit Base = RthJA = 166 °C/W
3. TJM - T A = PDMZthJA(t)
t1
t2
t1
t2
Notes:
4. Surface Mounted
P DM
100
Normalized Thermal Transient Impedance, Junction-to-Case
10 -3
10 -2
1
10 -1
10 -4
2
1
0.1
0.01
0.2
0.1
0.05
0.02
Single Pulse
Duty Cycle = 0.5
Square Wave Pulse Duration (sec)
P-Channel MOSFET
SI2337DS-HF (KI2337DS-HF)


유사한 부품 번호 - SI2337DS-HF

제조업체부품명데이터시트상세설명
logo
Guangdong Kexin Industr...
SI2337DS-HF-3 KEXIN-SI2337DS-HF-3 Datasheet
2Mb / 6P
   P-Channel MOSFET
More results

유사한 설명 - SI2337DS-HF

제조업체부품명데이터시트상세설명
logo
Guangdong Kexin Industr...
2SJ179 KEXIN-2SJ179_15 Datasheet
1Mb / 4P
   P-Channel MOSFET
2SJ602-ZJ KEXIN-2SJ602-ZJ Datasheet
1Mb / 5P
   P-Channel MOSFET
AO3421E-HF KEXIN-AO3421E-HF Datasheet
1Mb / 4P
   P-Channel MOSFET
SI2341DS-HF KEXIN-SI2341DS-HF Datasheet
1Mb / 5P
   P-Channel MOSFET
SI3437DV KEXIN-SI3437DV Datasheet
2Mb / 5P
   P-Channel MOSFET
logo
SeCoS Halbleitertechnol...
SSF1321P SECOS-SSF1321P_15 Datasheet
487Kb / 4P
   P-Channel MOSFET
logo
Solid States Devices, I...
FT0012 SSDI-FT0012_15 Datasheet
67Kb / 2P
   P-Channel MOSFET
logo
Jiangsu Changjiang Elec...
BSS84 JIANGSU-BSS84 Datasheet
1Mb / 5P
   P-CHANNEL MOSFET
CJ502K JIANGSU-CJ502K Datasheet
1Mb / 5P
   P-CHANNEL MOSFET
CJ2333 JIANGSU-CJ2333 Datasheet
1,009Kb / 5P
   P-channel MOSFET
logo
Renesas Technology Corp
UPA2736GR RENESAS-UPA2736GR_16 Datasheet
331Kb / 7P
   P-channel MOSFET
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com