전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI3475DV 데이터시트(PDF) 4 Page - Guangdong Kexin Industrial Co.,Ltd

부품명 SI3475DV
상세설명  P-Channel MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
홈페이지  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

SI3475DV 데이터시트(HTML) 4 Page - Guangdong Kexin Industrial Co.,Ltd

  SI3475DV Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd SI3475DV Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd SI3475DV Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd SI3475DV Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd SI3475DV Datasheet HTML 5Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SMD Type
www.kexin.com.cn
4
MOSFET
.
P-Channel MOSFET
SI3475DV (KI3475DV)
Typical Characterisitics
Source-Drain Diode Forward Voltage
Threshold Voltage
10
1
0.01
VSD - Source-to-Drain Voltage (V)
0
0.3
0.6
0.9
1.2
1.5
0.10
T J = 150 °C
T J = 25 °C
- 0.4
- 0.2
0.0
0.2
0.4
0.6
0.8
- 50
- 25
0
25
50
75
100
125
150
ID = 5 µA
TJ – Temperature (°C)
ID = 5 mA
On-Resistance vs. Gate-to-Source Voltage
Single Pulse Power, Junction-to-Ambient
0.0
1.2
2.4
3.6
4.8
6.0
0
2
4
6
8
10
VGS – Gate-to-Source Voltage (V)
TA = 25 °C
TA = 125 °C
0
36
60
12
24
Time (sec)
48
10
0.01
1
1
.
0
1
0
0
.
0
Safe Operating Area
*VGS
minimum VGS at which rDS(on) is specified
10
0.001
1
0.01
VDS – Drain-to-Source Voltage (V)
0.1
0.1
1
10
100
1000
*Limited by rDS(on)
T = 25 °C
Single Pulse
1 s
10 s
dc
10 ms
100 ms
1 ms
A
Current Derating*
0
0.2
0.4
0.7
0.9
C – Case Temperature (°C)
0
25
50
75
100
125
150
1.1
T


유사한 부품 번호 - SI3475DV

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI3475DV VISHAY-SI3475DV Datasheet
119Kb / 7P
   P-Channel 200-V (D-S) MOSFET
Rev. A, 06-Nov-06
logo
Guangdong Kexin Industr...
SI3475DV-HF KEXIN-SI3475DV-HF Datasheet
2Mb / 5P
   P-Channel MOSFET
logo
Vishay Siliconix
SI3475DV-T1-E3 VISHAY-SI3475DV-T1-E3 Datasheet
119Kb / 7P
   P-Channel 200-V (D-S) MOSFET
Rev. A, 06-Nov-06
More results

유사한 설명 - SI3475DV

제조업체부품명데이터시트상세설명
logo
Guangdong Kexin Industr...
2SJ179 KEXIN-2SJ179_15 Datasheet
1Mb / 4P
   P-Channel MOSFET
2SJ602-ZJ KEXIN-2SJ602-ZJ Datasheet
1Mb / 5P
   P-Channel MOSFET
AO3421E-HF KEXIN-AO3421E-HF Datasheet
1Mb / 4P
   P-Channel MOSFET
SI2341DS-HF KEXIN-SI2341DS-HF Datasheet
1Mb / 5P
   P-Channel MOSFET
SI3437DV KEXIN-SI3437DV Datasheet
2Mb / 5P
   P-Channel MOSFET
logo
SeCoS Halbleitertechnol...
SSF1321P SECOS-SSF1321P_15 Datasheet
487Kb / 4P
   P-Channel MOSFET
logo
Solid States Devices, I...
FT0012 SSDI-FT0012_15 Datasheet
67Kb / 2P
   P-Channel MOSFET
logo
Jiangsu Changjiang Elec...
BSS84 JIANGSU-BSS84 Datasheet
1Mb / 5P
   P-CHANNEL MOSFET
CJ502K JIANGSU-CJ502K Datasheet
1Mb / 5P
   P-CHANNEL MOSFET
CJ2333 JIANGSU-CJ2333 Datasheet
1,009Kb / 5P
   P-channel MOSFET
logo
Renesas Technology Corp
UPA2736GR RENESAS-UPA2736GR_16 Datasheet
331Kb / 7P
   P-channel MOSFET
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com