전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL43113 데이터시트(PDF) 9 Page - Intersil Corporation

부품명 ISL43113
상세설명  Low-Voltage, Dual Supply, SPST, High Performance Analog Switches
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL43113 데이터시트(HTML) 9 Page - Intersil Corporation

Back Button ISL43113 Datasheet HTML 3Page - Intersil Corporation ISL43113 Datasheet HTML 4Page - Intersil Corporation ISL43113 Datasheet HTML 5Page - Intersil Corporation ISL43113 Datasheet HTML 6Page - Intersil Corporation ISL43113 Datasheet HTML 7Page - Intersil Corporation ISL43113 Datasheet HTML 8Page - Intersil Corporation ISL43113 Datasheet HTML 9Page - Intersil Corporation ISL43113 Datasheet HTML 10Page - Intersil Corporation ISL43113 Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9
FIGURE 13. DIGITAL SWITCHING POINT vs SUPPLY VOLTAGE
FIGURE 14. DIGITAL SWITCHING POINT vs NEGATIVE
SUPPLY VOLTAGE
FIGURE 15. FREQUENCY RESPONSE
FIGURE 16. OFF ISOLATION
FIGURE 17. SUPPLY CURRENT vs SUPPLY VOLTAGE
Die Characteristics
SUBSTRATE POTENTIAL (POWERED UP):
V-
TRANSISTOR COUNT:
ISL43112: 55
ISL43113: 55
PROCESS:
Si Gate CMOS
Typical Performance Curves TA = 25oC, VIH = V+, VIL = 0V, Unless Otherwise Specified (Continued)
VS (±V)
12
34
5
6
-0.5
0
0.5
1
1.5
2
2.5
3
3.5
-40oC to 85oC
VINH
VINL
V- (V)
VINH
VINL
VINH
VINL
VINH
V+ = 5V
V+ = 3.3V
V+ = 5V
-5
-4
-3
-2
-1
0
0
1
2
3
4
V+ = 3.3V
FREQUENCY (MHz)
0
-3
-6
GAIN
PHASE
VS = ±1.5V to ±5.5V
0
45
90
135
180
1
10
100
600
VIN = 0.2VP-P to 2VP-P (VS = ±1.5V)
VIN = 0.2VP-P to 4VP-P (VS = ±3.3V)
VIN = 0.2VP-P to 5VP-P (VS = ±5.5V)
RL = 50Ω
FREQUENCY (Hz)
1k
100k
1M
100M 500M
10k
10M
110
10
20
30
40
50
60
70
80
90
100
VS = ±1.5V to ±5.5V
RL = 50Ω
123456
0
5
10
15
20
25
VS (±V)
-40oC
25oC
85oC
ISL43112, ISL43113


유사한 부품 번호 - ISL43113

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL43113 INTERSIL-ISL43113 Datasheet
271Kb / 11P
   Low-Voltage, Dual Supply, SPST, High Performance Analog Switches
ISL43113 INTERSIL-ISL43113 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL43113 RENESAS-ISL43113 Datasheet
752Kb / 13P
   Low-Voltage, Dual Supply, SPST, High Performance Analog Switches
logo
Intersil Corporation
ISL43113 INTERSIL-ISL43113 Datasheet
274Kb / 11P
   Low-Voltage, Dual Supply, SPST, High Performance Analog Switches
July 2004
ISL43113IB INTERSIL-ISL43113IB Datasheet
271Kb / 11P
   Low-Voltage, Dual Supply, SPST, High Performance Analog Switches
More results

유사한 설명 - ISL43113

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL43112IB INTERSIL-ISL43112IB Datasheet
274Kb / 11P
   Low-Voltage, Dual Supply, SPST, High Performance Analog Switches
July 2004
ISL43112 INTERSIL-ISL43112_04 Datasheet
271Kb / 11P
   Low-Voltage, Dual Supply, SPST, High Performance Analog Switches
logo
Renesas Technology Corp
ISL43112 RENESAS-ISL43112 Datasheet
752Kb / 13P
   Low-Voltage, Dual Supply, SPST, High Performance Analog Switches
logo
Intersil Corporation
ISL43110 INTERSIL-ISL43110 Datasheet
749Kb / 12P
   Low-Voltage, Single Supply, SPST, High Performance Analog Switches
ISL43110 INTERSIL-ISL43110_05 Datasheet
366Kb / 12P
   Low-Voltage, Single Supply, SPST, High Performance Analog Switches
logo
Renesas Technology Corp
ISL43110 RENESAS-ISL43110 Datasheet
757Kb / 12P
   Low-Voltage, Single Supply, SPST, High Performance Analog Switches
logo
Intersil Corporation
ISL84516 INTERSIL-ISL84516 Datasheet
239Kb / 10P
   Low-Voltage, Dual Supply, SPST, Analog Switches
ISL84516 INTERSIL-ISL84516_05 Datasheet
256Kb / 10P
   Low-Voltage, Dual Supply, SPST, Analog Switches
logo
Renesas Technology Corp
ISL84516 RENESAS-ISL84516 Datasheet
561Kb / 10P
   Low-Voltage, Dual Supply, SPST, Analog Switches
logo
Intersil Corporation
ISL43140 INTERSIL-ISL43140_04 Datasheet
505Kb / 16P
   Low-Voltage, Single and Dual Supply, High Performance, Quad SPST, Analog Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com