전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL43140IR 데이터시트(PDF) 1 Page - Intersil Corporation

부품명 ISL43140IR
상세설명  Low-Voltage, Single and Dual Supply, High Performance, Quad SPST, Analog Switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL43140IR 데이터시트(HTML) 1 Page - Intersil Corporation

  ISL43140IR Datasheet HTML 1Page - Intersil Corporation ISL43140IR Datasheet HTML 2Page - Intersil Corporation ISL43140IR Datasheet HTML 3Page - Intersil Corporation ISL43140IR Datasheet HTML 4Page - Intersil Corporation ISL43140IR Datasheet HTML 5Page - Intersil Corporation ISL43140IR Datasheet HTML 6Page - Intersil Corporation ISL43140IR Datasheet HTML 7Page - Intersil Corporation ISL43140IR Datasheet HTML 8Page - Intersil Corporation ISL43140IR Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
®
FN6032
ISL43140, ISL43141, ISL43142
Low-Voltage, Single and Dual Supply,
High Performance, Quad SPST, Analog
Switches
The Intersil ISL43140–ISL43142 devices are CMOS,
precision, quad analog switches designed to operate from a
single +2V to +12V supply or from a
±2V to ±6V supply.
Targeted applications include battery powered equipment that
benefit from the devices’ low power consumption (1
µW), low
leakage currents (1nA max), and fast switching speeds
(tON = 30ns, tOFF = 18ns). A 12Ω maximum RON flatness
ensures signal fidelity, while channel-to-channel mismatch is
guaranteed to be less than 2.5
Ω. The 3mm x 3mm Quad No-
Lead Flatpack (QFN) package alleviates board space
limitations, making this newest line of low-voltage switches an
ideal solution.
The ISL43140/ISL43141/ISL43142 are quad single-pole/
single-throw (SPST) devices. The ISL43140 has four normally
closed (NC) switches; the ISL43141 has four normally open
(NO) switches; the ISL43142 has two NO and two NC
switches and can be used as a dual SPDT, or a dual 2:1
multiplexer.
Table 1 summarizes the performance of this family.
TABLE 1. FEATURES AT A GLANCE
Features
• Fully Specified at
±5V, 12V, 5V, and 3V Supplies for 10%
Tolerances
• Four Separately Controlled SPST Switches
• Pin Compatible with DG411/DG412/DG413
• ON Resistance (RON) . . . . . . . . . . . . . . . . . . . . . . . . 50Ω
•RON Matching Between Channels. . . . . . . . . . . . . . . . . . . 2Ω
• Low Charge Injection . . . . . . . . . . . . . . . . . . . . . . 5pC (Max)
• Low Power Consumption (PD). . . . . . . . . . . . . . . . . . . .<1µW
• Low Leakage Current (Max at 85oC) . . . . . . . . . . . . . 5nA
• Fast Switching Action
-tON . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30ns
-tOFF . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18ns
• Guaranteed Break-Before-Make (ISL43142 only)
• Minimum 2000V ESD Protection per Method 3015.7
• TTL, CMOS Compatible
Applications
• Battery Powered, Handheld, and Portable Equipment
- Cellular/Mobile Phones
- Pagers
- Laptops, Notebooks, Palmtops
• Communications Systems
- Military Radios
- RF “Tee” Switches
• Test Equipment
- Ultrasound
- Electrocardiograph
• Heads-Up Displays
• Audio and Video Switching
• General Purpose Circuits
- +3V/+5V DACs and ADCs
- Digital Filters
- Operational Amplifier Gain Switching Networks
- High Frequency Analog Switching
- High Speed Multiplexing
Related Literature
• Technical Brief TB363 “Guidelines for Handling and
Processing Moisture Sensitive Surface Mount Devices
(SMDs)”
ISL43140
ISL43141
ISL43142
Number of Switches
4
4
4
Configuration
All NC
All NO
2 NC / 2 NO
10.8V RON
50
50
50
10.8V tON / tOFF
30ns / 18ns
30ns / 18ns
30ns / 18ns
±4.5V RON
50
50
50
±4.5V tON / tOFF
40ns / 15ns
40ns / 15ns
40ns / 15ns
4.5V RON
110
110
110
4.5V tON / tOFF
50ns / 20ns
50ns / 20ns
50ns / 20ns
2.7V RON
200
200
200
2.7V tON / tOFF
120ns / 25ns 120ns / 25ns 120ns / 25ns
Packages
16 Ld SOIC (N), 16 Ld 3x3 QFN,
16 Ld TSSOP
Data Sheet
November 2002
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2002. All Rights Reserved


유사한 부품 번호 - ISL43140IR

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL43140IR INTERSIL-ISL43140IR Datasheet
505Kb / 16P
   Low-Voltage, Single and Dual Supply, High Performance, Quad SPST, Analog Switches
ISL43140IRZ INTERSIL-ISL43140IRZ Datasheet
505Kb / 16P
   Low-Voltage, Single and Dual Supply, High Performance, Quad SPST, Analog Switches
ISL43140IRZ INTERSIL-ISL43140IRZ Datasheet
580Kb / 17P
   Low-Voltage, Single and Dual Supply,High Performance, Quad SPST, Analog Switches
August 24, 2015
logo
Renesas Technology Corp
ISL43140IRZ RENESAS-ISL43140IRZ Datasheet
1Mb / 17P
   Low-Voltage, Single and Dual Supply, High Performance, Quad SPST, Analog Switches
More results

유사한 설명 - ISL43140IR

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL43140 INTERSIL-ISL43140_04 Datasheet
505Kb / 16P
   Low-Voltage, Single and Dual Supply, High Performance, Quad SPST, Analog Switches
logo
Renesas Technology Corp
ISL43143 RENESAS-ISL43143 Datasheet
990Kb / 16P
   Low-Voltage, Single and Dual Supply, Quad SPST, High Performance Analog Switches
logo
Intersil Corporation
ISL43143 INTERSIL-ISL43143_05 Datasheet
526Kb / 15P
   Low-Voltage, Single and Dual Supply, Quad SPST, High Performance Analog Switches
logo
Renesas Technology Corp
ISL43140 RENESAS-ISL43140 Datasheet
1Mb / 17P
   Low-Voltage, Single and Dual Supply, High Performance, Quad SPST, Analog Switches
logo
Intersil Corporation
ISL43143 INTERSIL-ISL43143 Datasheet
470Kb / 15P
   Low-Voltage, Single and Dual Supply, Quad SPST, High Performance Analog Switches
ISL43140IBZ INTERSIL-ISL43140IBZ Datasheet
580Kb / 17P
   Low-Voltage, Single and Dual Supply,High Performance, Quad SPST, Analog Switches
August 24, 2015
ISL43143IV INTERSIL-ISL43143IV Datasheet
498Kb / 16P
   Low-Voltage, Single and Dual Supply, Quad SPST, High Performance Analog Switches
August 31, 2015
ISL84521 INTERSIL-ISL84521 Datasheet
365Kb / 12P
   Low-Voltage, Single and Dual Supply, Quad SPST, Analog Switches
ISL8391IB INTERSIL-ISL8391IB Datasheet
344Kb / 12P
   Low-Voltage, Single and Dual Supply Quad SPST, Analog Switches
August 2004
logo
Renesas Technology Corp
ISL84521 RENESAS-ISL84521 Datasheet
700Kb / 13P
   Low-Voltage, Single and Dual Supply, Quad SPST, Analog Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com