전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL4486 데이터시트(PDF) 4 Page - Intersil Corporation

부품명 ISL4486
상세설명  5V, Ultra High Speed, PROFIBUS, RS-485/RS-422 Transceivers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL4486 데이터시트(HTML) 4 Page - Intersil Corporation

  ISL4486 Datasheet HTML 1Page - Intersil Corporation ISL4486 Datasheet HTML 2Page - Intersil Corporation ISL4486 Datasheet HTML 3Page - Intersil Corporation ISL4486 Datasheet HTML 4Page - Intersil Corporation ISL4486 Datasheet HTML 5Page - Intersil Corporation ISL4486 Datasheet HTML 6Page - Intersil Corporation ISL4486 Datasheet HTML 7Page - Intersil Corporation ISL4486 Datasheet HTML 8Page - Intersil Corporation ISL4486 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
Driver Short-Circuit Current,
VO = High or Low
IOSD1
DE = VCC, -7V ≤ VY or VZ ≤ 12V (Note 4)
Full
60
-
250
mA
Receiver Short-Circuit Current
IOSR
0V
≤ VO ≤ VCC
Full
7
-
85
mA
SWITCHING CHARACTERISTICS
Driver Input to Output Prop Delay
tPLH, tPHL RDIFF = 54Ω,
CL = 100pF (Figure 2)
ISL4486
Full
3
9
14
ns
ISL81486
Full
3
9
17
ns
Prop Delay Delta, Min-to-Max
tDP-PSKEW RDIFF = 54Ω, CL = 100pF, ISL4486 Only (Note 6,
Figure 2)
Full
-
0
6
ns
Driver Prop Delay Skew
tSKEW
RDIFF = 54Ω, CL = 100pF (Figure 2)
Full
-
0
2
ns
Driver Differential Rise or Fall Time
tR, tF
RDIFF = 54Ω,
CL = 100pF (Figure 2)
ISL4486
Full
-
5
8
ns
ISL81486
Full
-
7
15
ns
Driver Enable to Output High
tZH
CL = 50pF, SW = GND (Figure 3)
Full
-
9
15
ns
Driver Enable to Output Low
tZL
CL = 50pF, SW = VCC (Figure 3)
Full
-
9
15
ns
Matched Enable Switching
|tAZH - tBZL| or |tBZH - tAZL|
∆tEN
At Identical Test Conditions (Figure 3)
Full
-
1
3
ns
Driver Disable from Output High
tHZ
CL = 50pF, SW = GND (Figure 3)
Full
-
9
15
ns
Driver Disable from Output Low
tLZ
CL = 50pF, SW = VCC (Figure 3)
Full
-
9
15
ns
Matched Disable Switching
|tAHZ - tBLZ| or |tBHZ - tALZ|
∆tDIS
At Identical Test Conditions (Figure 3)
Full
-
2
5
ns
Driver Maximum Data Rate
fMAXD
|VOD| ≥ 1.5V (Figure 4) ISL4486
Full
40
-
-
Mbps
ISL81486
Full
30
-
-
Mbps
Receiver Input to Output Prop
Delay
tPLH, tPHL (Figure 5)
ISL4486
Full
11
17
25
ns
ISL81486
Full
6
17
25
ns
Prop Delay Delta, Min-to-Max
tRP-PSKEW ISL4486 Only (Note 6, Figure 5)
Full
-
0
9
ns
Receiver Prop Delay Skew
| tPLH - tPHL |
tSKD
Figure 5
Full
-
0.5
3
ns
Receiver Enable to Output High
tZH
CL = 15pF, SW = GND (Figure 6)
Full
-
7
13
ns
Receiver Enable to Output Low
tZL
CL = 15pF, SW = VCC (Figure 6)
Full
-
7
13
ns
Receiver Disable from Output High
tHZ
CL = 15pF, SW = GND (Figure 6)
Full
-
7
13
ns
Receiver Disable from Output Low
tLZ
CL = 15pF, SW = VCC (Figure 6)
Full
-
7
13
ns
Receiver Maximum Data Rate
fMAXR
CL = 15pF, VID ≥ 1.5V, RO tH and tL ≥ 20ns
Full
40
-
-
Mbps
NOTES:
2. All currents into device pins are positive; all currents out of device pins are negative. All voltages are referenced to device ground unless
otherwise specified.
3. Supply current specification is valid for loaded drivers when DE = 0V.
4. Applies to peak current. See “Typical Performance Curves” for more information.
5. Devices meeting these limits are denoted as “0.6 unit load (UL)” transceivers. The RS-485 standard allows up to 32 Unit Loads on the bus, so
a 0.6UL transceiver permits > 50 devices on the bus.
6. This is the part-to-part skew between any two units tested with identical test conditions (Temperature, VCC, etc.).
Electrical Specifications
Test Conditions: VCC = 4.5V to 5.5V; Unless Otherwise Specified. Typicals are at VCC = 5V, TA = 25°C,
Note 2 (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
TEMP
(°C)
MIN
TYP
MAX
UNITS
ISL4486, ISL81486


유사한 부품 번호 - ISL4486

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL4486 INTERSIL-ISL4486 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL4486 RENESAS-ISL4486 Datasheet
764Kb / 11P
   5V, Ultra High Speed, PROFIBUS®, RS-485/RS-422 Transceivers
August 1, 2004
ISL4486IB RENESAS-ISL4486IB Datasheet
764Kb / 11P
   5V, Ultra High Speed, PROFIBUS®, RS-485/RS-422 Transceivers
August 1, 2004
ISL4486IBZ RENESAS-ISL4486IBZ Datasheet
764Kb / 11P
   5V, Ultra High Speed, PROFIBUS®, RS-485/RS-422 Transceivers
August 1, 2004
ISL4486IU RENESAS-ISL4486IU Datasheet
764Kb / 11P
   5V, Ultra High Speed, PROFIBUS®, RS-485/RS-422 Transceivers
August 1, 2004
More results

유사한 설명 - ISL4486

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ISL4486 RENESAS-ISL4486 Datasheet
764Kb / 11P
   5V, Ultra High Speed, PROFIBUS®, RS-485/RS-422 Transceivers
August 1, 2004
logo
Maxim Integrated Produc...
MAX3465 MAXIM-MAX3465 Datasheet
309Kb / 14P
   5V, Fail-Safe, 40Mbps, Profibus RS-485/ RS-422 Transceivers
Rev 0; 10/03
MAX3460 MAXIM-MAX3460 Datasheet
376Kb / 14P
   5V, Fail-Safe, 20Mbps, Profibus RS-485/ RS-422 Transceivers
Rev 1; 2/03
MAX3465 MAXIM-MAX3465_09 Datasheet
225Kb / 13P
   5V, Fail-Safe, 40Mbps, Profibus RS-485/RS-422 Transceivers
Rev 2; 8/09
MAX3465_V3 MAXIM-MAX3465_V3 Datasheet
223Kb / 13P
   5V, Fail-Safe, 40Mbps, Profibus RS-485/RS-422 Transceivers
Rev 3; 5/12
logo
Holt Integrated Circuit...
HI-4853H HOLTIC-HI-4853H Datasheet
1Mb / 14P
   3.3/5V, High-Speed RS-485/422 Transceivers with
logo
Shenzhen Huazhimei Semi...
MAX485 HMSEMI-MAX485 Datasheet
592Kb / 10P
   RS-485/RS-422 Transceivers
HM485 HMSEMI-HM485 Datasheet
530Kb / 10P
   RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL3170E INTERSIL-ISL3170E_08 Datasheet
953Kb / 19P
   RS-485/RS-422 Transceivers
logo
Texas Instruments
SN65HVD1176 TI-SN65HVD1176 Datasheet
248Kb / 17P
[Old version datasheet]   PROFIBUS RS-485 TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com