전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL5640 데이터시트(PDF) 4 Page - Intersil Corporation

부품명 ISL5640
상세설명  3V Dual 8-Bit, 20/40/60MSPS A/D Converter with Internal Voltage Reference
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL5640 데이터시트(HTML) 4 Page - Intersil Corporation

  ISL5640 Datasheet HTML 1Page - Intersil Corporation ISL5640 Datasheet HTML 2Page - Intersil Corporation ISL5640 Datasheet HTML 3Page - Intersil Corporation ISL5640 Datasheet HTML 4Page - Intersil Corporation ISL5640 Datasheet HTML 5Page - Intersil Corporation ISL5640 Datasheet HTML 6Page - Intersil Corporation ISL5640 Datasheet HTML 7Page - Intersil Corporation ISL5640 Datasheet HTML 8Page - Intersil Corporation ISL5640 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
3-4
Pin Descriptions
PIN NO.
NAME
DESCRIPTION
1AGND
Analog Ground
2IIN+
I-Channel Positive Analog Input
3IIN-
I-Channel Negative Analog Input
4
DFS
Data Format Select (Low for Offset
Binary and High for Twos Complement
Output Format)
5IVRIN
I-Channel Voltage Reference Input
6VROUT
+1.25V Reference Voltage Output
(Decouple with 0.1
µF Capacitor)
7QVRIN
Q-Channel Voltage Reference Input
8
S1
Mode Select Pin 1 (See Table)
9
S2
Mode Select Pin 2 (See Table)
10
QIN-
Q-Channel Negative Analog Input
11
QIN+
Q-Channel Positive Analog Input
12
AGND
Analog Ground
13
AVCC
Analog Supply
14
QCLK
Q-Channel Clock Input
15
DVCC
Digital Supply
16
DGND
Digital Ground
17
QD7
Q-Channel, Data Bit 7 Output (MSB)
18
QD6
Q-Channel, Data Bit 6 Output
19
QD5
Q-Channel, Data Bit 5 Output
20
QD4
Q-Channel, Data Bit 4 Output
21
QD3
Q-Channel, Data Bit 3 Output
22
QD2
Q-Channel, Data Bit 2 Output
23
QD1
Q-Channel, Data Bit 1 Output
24
QD0
Q-Channel, Data Bit 0 Output (LSB)
25
N/C
No Connect
26
N/C
No Connect
27
DGND
Digital Ground
28
DVCC
Digital Supply
29
AGND
Analog Ground
30
AVCC
Analog Supply
31
AVCC
Analog Supply
32
AGND
Analog Ground
33
DVCC
Digital Supply
34
DGND
Digital Ground
35
N/C
No Connect
36
N/C
No Connect
37
ID0
I-Channel, Data Bit 0 Output
38
ID1
I-Channel, Data Bit 1 Output
39
ID2
I-Channel, Data Bit 2 Output
40
ID3
I-Channel, Data Bit 3 Output
41
ID4
I-Channel, Data Bit 4 Output
42
ID5
I-Channel, Data Bit 5 Output
43
ID6
I-Channel, Data Bit 6 Output
44
ID7
I-Channel, Data Bit 7 Output (MSB)
45
DGND
Digital Ground
46
DVCC
Digital Supply
47
ICLK
I-Channel Clock Input
48
AVCC
Analog Supply
Pin Descriptions (Continued)
PIN NO.
NAME
DESCRIPTION
ISL5640


유사한 부품 번호 - ISL5640

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL5627 INTERSIL-ISL5627 Datasheet
468Kb / 12P
   Dual 8-bit, 3.3V, 260MSPS, High Speed D/A Converter
ISL5627 INTERSIL-ISL5627 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
ISL5627EVAL1 INTERSIL-ISL5627EVAL1 Datasheet
468Kb / 12P
   Dual 8-bit, 3.3V, 260MSPS, High Speed D/A Converter
ISL5627IN INTERSIL-ISL5627IN Datasheet
468Kb / 12P
   Dual 8-bit, 3.3V, 260MSPS, High Speed D/A Converter
ISL5629 INTERSIL-ISL5629 Datasheet
644Kb / 12P
   Dual 8-bit, 3.3V, 130/210MSPS, CommLink TM High Speed D/A Converter
More results

유사한 설명 - ISL5640

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL5740 INTERSIL-ISL5740 Datasheet
97Kb / 12P
   3V Dual 10-Bit, 20/40/60MSPS A/D Converter with Internal Voltage Reference
HI5662 INTERSIL-HI5662 Datasheet
130Kb / 14P
   Dual 8-Bit, 60MSPS A/D Converter with Internal Voltage Reference
February 1999
HI5767 INTERSIL-HI5767_05 Datasheet
841Kb / 15P
   10-Bit, 20/40/60MSPS A/D Converter with Internal Voltage Reference
logo
Renesas Technology Corp
HI5662 RENESAS-HI5662 Datasheet
693Kb / 15P
   Dual 8-Bit, 60MSPS A/D Converter with Internal Voltage Reference
HI5767 RENESAS-HI5767 Datasheet
719Kb / 15P
   10-Bit, 20/40/60MSPS A/D Converter with Internal Voltage Reference
HI5667 RENESAS-HI5667 Datasheet
612Kb / 11P
   8-Bit, 60MSPS A/D Converter with Internal Voltage Reference
March 2003
logo
Intersil Corporation
HI5667 INTERSIL-HI5667 Datasheet
262Kb / 10P
   8-Bit, 60MSPS A/D Converter with Internal Voltage Reference
HI5667 INTERSIL-HI5667 Datasheet
252Kb / 10P
   8-Bit, 60MSPS A/D Converter with Internal Voltage Reference
HI5762 INTERSIL-HI5762 Datasheet
133Kb / 14P
   Dual 10-Bit, 60MSPS A/D Converter with Internal Voltage Reference
HI5762 INTERSIL-HI5762_10 Datasheet
291Kb / 16P
   Dual 10-Bit, 60MSPS A/D Converter with Internal Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com