전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADR380 데이터시트(PDF) 7 Page - Analog Devices

부품명 ADR380
상세설명  Precision Low Drift 2.048 V/2.500 V SOT-23 Voltage Reference
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADR380 데이터시트(HTML) 7 Page - Analog Devices

Back Button ADR380_15 Datasheet HTML 3Page - Analog Devices ADR380_15 Datasheet HTML 4Page - Analog Devices ADR380_15 Datasheet HTML 5Page - Analog Devices ADR380_15 Datasheet HTML 6Page - Analog Devices ADR380_15 Datasheet HTML 7Page - Analog Devices ADR380_15 Datasheet HTML 8Page - Analog Devices ADR380_15 Datasheet HTML 9Page - Analog Devices ADR380_15 Datasheet HTML 10Page - Analog Devices ADR380_15 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
ADR380/ADR381
Rev. C | Page 7 of 16
VIN = 5V
VIN = 3V
TEMPERATURE (°C)
0
10
20
40
50
60
70
30
ILOAD = 0mA TO 5mA
–40
–15
10
35
60
85
Figure 8. ADR380 Load Regulation vs. Temperature
TEMPERATURE (°C)
0
10
20
40
50
60
70
30
–40
–15
10
35
60
85
VIN = 5V
VIN = 3.5V
ILOAD = 5mA
Figure 9. ADR381 Load Regulation vs. Temperature
VIN = 2.5V TO 15V
TEMPERATURE (°C)
0
1
2
4
5
3
–40
–15
10
35
60
85
Figure 10. ADR380 Line Regulation vs. Temperature
VIN = 2.8V TO 15V
TEMPERATURE (°C)
0
1
2
4
5
3
–40
–15
10
35
60
85
Figure 11. ADR381 Line Regulation vs. Temperature
–40°C
LOAD CURRENT (mA)
0
0.2
0.4
0.6
0.8
+85°C
+25°C
012
345
Figure 12. ADR380 Minimum Input/Output Differential Voltage vs.
Load Current
LOAD CURRENT (mA)
0
0.2
0.4
0.6
0.8
012
345
–40°C
+85°C
+25°C
Figure 13. ADR381 Minimum Input/Output Differential Voltage vs.
Load Current


유사한 부품 번호 - ADR380_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADR380ART-R2 AD-ADR380ART-R2 Datasheet
316Kb / 12P
   Precision Low-Drift 2.048 V/2.500 V SOT-23 Voltage References
REV. A
ADR380ART-REEL AD-ADR380ART-REEL Datasheet
316Kb / 12P
   Precision Low-Drift 2.048 V/2.500 V SOT-23 Voltage References
REV. A
ADR380ART-REEL7 AD-ADR380ART-REEL7 Datasheet
316Kb / 12P
   Precision Low-Drift 2.048 V/2.500 V SOT-23 Voltage References
REV. A
ADR380ARTZ-REEL7 AD-ADR380ARTZ-REEL7 Datasheet
316Kb / 12P
   Precision Low-Drift 2.048 V/2.500 V SOT-23 Voltage References
REV. A
ADR380ARTZ-REEL7 AD-ADR380ARTZ-REEL7 Datasheet
246Kb / 16P
   Precision Low Drift 2.048 V/2.500 V SOT-23 Voltage Reference
REV. C
More results

유사한 설명 - ADR380_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADR381 AD-ADR381_15 Datasheet
246Kb / 16P
   Precision Low Drift 2.048 V/2.500 V SOT-23 Voltage Reference
REV. C
ADR381ART AD-ADR381ART Datasheet
246Kb / 16P
   Precision Low Drift 2.048 V/2.500 V SOT-23 Voltage Reference
REV. C
ADR380 AD-ADR380 Datasheet
316Kb / 12P
   Precision Low-Drift 2.048 V/2.500 V SOT-23 Voltage References
REV. A
ADR370 AD-ADR370 Datasheet
182Kb / 12P
   Precision Low Power 2.048 V SOT-23 Voltage Reference
REV. A
ADR390 AD-ADR390 Datasheet
402Kb / 20P
   Precision Low Drift 2.048 V/2.5 V/4.096 V/ 5.0 V SOT-23 Reference with Shutdown
Rev. F
ADR318 AD-ADR318 Datasheet
492Kb / 8P
   Precision Low Drift SOT-23 Voltage Reference with Shutdown
REV. 0
ADR318 AD-ADR318_15 Datasheet
484Kb / 12P
   Precision Low Drift SOT-23 Voltage Reference with Shutdown
REV. A
ADR420 AD-ADR420 Datasheet
223Kb / 16P
   Ultraprecision Low Noise, 2.048 V/2.500 V/ 3.00 V/5.00 V XFET Voltage References
REV. B
ADR420 AD-ADR420_11 Datasheet
392Kb / 24P
   Ultraprecision, Low Noise, 2.048 V/2.500 V/ 3.00 V/5.00 V XFET짰 Voltage References
Rev. I
logo
National Semiconductor ...
LM4132 NSC-LM4132 Datasheet
863Kb / 15P
   SOT-23 Precision Low Dropout Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com