전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL5761IA 데이터시트(PDF) 2 Page - Intersil Corporation

부품명 ISL5761IA
상세설명  10-bit, 3.3V, 130/210MSPS, CommLink TM High Speed D/A Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL5761IA 데이터시트(HTML) 2 Page - Intersil Corporation

  ISL5761IA Datasheet HTML 1Page - Intersil Corporation ISL5761IA Datasheet HTML 2Page - Intersil Corporation ISL5761IA Datasheet HTML 3Page - Intersil Corporation ISL5761IA Datasheet HTML 4Page - Intersil Corporation ISL5761IA Datasheet HTML 5Page - Intersil Corporation ISL5761IA Datasheet HTML 6Page - Intersil Corporation ISL5761IA Datasheet HTML 7Page - Intersil Corporation ISL5761IA Datasheet HTML 8Page - Intersil Corporation ISL5761IA Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
Typical Applications Circuit
Functional Block Diagram
D9 (1)
D8 (2)
D7 (3)
D6 (4)
D5 (5)
D4 (6)
D9
D8
D7
D6
D5
D4
DCOM (26, 11-14)
CLK (28)
(24) AVDD
(22) IOUTA
(21) IOUTB
(18) FSADJ
(16) REFLO
ISL5761
DVDD (27)
0.1µF
10µF
(20) ACOM
50Ω
(15) SLEEP
(17) REFIO
0.1µF
1.91kΩ
FERRITE
10µH
(23) COMP
0.1µF
+
BEAD
RSET
D3
D2
D1
D0
D3 (7)
D2 (8)
D1 (9)
D0 (LSB) (10)
0.1µF
10µH
+
BEAD
(25, 19) NC
ACOM
DCOM
10µF
+3.3V (VDD)
50Ω
(50Ω)
1:1, Z1:Z2
ONE CONNECTION
ANY 50Ω LOAD
REPRESENTS
UPPER
VOLTAGE
REFERENCE
(LSB) D0
D1
D2
D3
D4
D5
D6
(MSB) D9
CLK
D7
D8
5-BIT
DECODER
REFIO
CASCODE
CURRENT
SOURCE
SWITCH
MATRIX
BIAS
GENERATION
INT/EXT
36
36
31 MSB
SEGMENTS
5 LSBs
+
COMP
IOUTA
IOUTB
INPUT
LATCH
REFLO
FSADJ
SLEEP
ISL5761


유사한 부품 번호 - ISL5761IA

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL5761IA INTERSIL-ISL5761IA Datasheet
641Kb / 13P
   10-bit, 3.3V, 130/210MSPS, High Speed D/A Converter
ISL5761IAZ INTERSIL-ISL5761IAZ Datasheet
641Kb / 13P
   10-bit, 3.3V, 130/210MSPS, High Speed D/A Converter
ISL5761IAZ INTERSIL-ISL5761IAZ Datasheet
636Kb / 14P
   10-bit, 3.3V, 130/210MSPS, High Speed D/A Converter
September 15, 2015
logo
Renesas Technology Corp
ISL5761IAZ RENESAS-ISL5761IAZ Datasheet
945Kb / 14P
   10-bit, 3.3V, 130/210MSPS, High Speed D/A Converter
More results

유사한 설명 - ISL5761IA

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL5729 INTERSIL-ISL5729 Datasheet
766Kb / 13P
   Dual 10-bit, 3.3V, 130/210MSPS, CommLink TM High Speed D/A Converter
ISL5629 INTERSIL-ISL5629 Datasheet
644Kb / 12P
   Dual 8-bit, 3.3V, 130/210MSPS, CommLink TM High Speed D/A Converter
ISL5829 INTERSIL-ISL5829 Datasheet
761Kb / 13P
   Dual 12-bit, 3.3V, 130/210MSPS, CommLink TM High Speed D/A Converter
ISL5929 INTERSIL-ISL5929 Datasheet
844Kb / 13P
   Dual 14-Bit, 3.3V, 130/210MSPS, CommLink TM High Speed D/A Converter
ISL5961 INTERSIL-ISL5961 Datasheet
899Kb / 13P
   14-Bit, 3.3V, 130/210MSPS, CommLinkTM High Speed D/A Converter
ISL5861 INTERSIL-ISL5861 Datasheet
906Kb / 13P
   12-bit, 3.3V, 130/210MSPS, CommLinkTM High Speed D/A Converter
ISL5761 INTERSIL-ISL5761_04 Datasheet
641Kb / 13P
   10-bit, 3.3V, 130/210MSPS, High Speed D/A Converter
ISL5761IBZ INTERSIL-ISL5761IBZ Datasheet
636Kb / 14P
   10-bit, 3.3V, 130/210MSPS, High Speed D/A Converter
September 15, 2015
logo
Renesas Technology Corp
ISL5761 RENESAS-ISL5761 Datasheet
945Kb / 14P
   10-bit, 3.3V, 130/210MSPS, High Speed D/A Converter
ISL5729 RENESAS-ISL5729 Datasheet
932Kb / 13P
   Dual 10-bit, 3.3V, 130/210MSPS, High Speed D/A Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com