전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADR440 데이터시트(PDF) 10 Page - Analog Devices

부품명 ADR440
상세설명  Ultralow Noise, LDO XFET Voltage References with Current Sink and Source
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADR440 데이터시트(HTML) 10 Page - Analog Devices

Back Button ADR440_15 Datasheet HTML 6Page - Analog Devices ADR440_15 Datasheet HTML 7Page - Analog Devices ADR440_15 Datasheet HTML 8Page - Analog Devices ADR440_15 Datasheet HTML 9Page - Analog Devices ADR440_15 Datasheet HTML 10Page - Analog Devices ADR440_15 Datasheet HTML 11Page - Analog Devices ADR440_15 Datasheet HTML 12Page - Analog Devices ADR440_15 Datasheet HTML 13Page - Analog Devices ADR440_15 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
ADR440/ADR441/ADR443/ADR444/ADR445
Rev. E | Page 10 of 20
TEMPERATURE (°C)
4.0
3.5
3.0
2.5
2.0
–40
5
–10
–25
50
35
20
110
95
80
65
125
Figure 9. ADR441 Supply Current vs. Temperature
INPUT VOLTAGE (V)
3.5
3.4
3.2
3.3
3.0
2.9
2.8
2.7
2.6
3.1
2.5
5.3
9.3
7.3
13.3
11.3
17.3
15.3
19.3
–40°C
+125°C
+25°C
Figure 10. ADR445 Supply Current vs. Input Voltage
TEMPERATURE (°C)
3.25
3.15
3.05
2.95
2.85
2.75
–40
5
–10
–25
50
35
20
110
95
80
65
125
Figure 11. ADR445 Supply Current vs. Temperature
TEMPERATURE (°C)
10
8
6
2
4
0
–40
5
–10
–25
50
35
20
110
95
80
65
125
Figure 12. ADR441 Line Regulation vs. Temperature
TEMPERATURE (°C)
60
55
50
40
35
45
30
–40
5
–10
–25
50
35
20
110
95
80
65
125
VIN = 18V
ILOAD = 0mA TO 10mA
VIN = 6V
Figure 13. ADR441 Load Regulation vs. Temperature
TEMPERATURE (°C)
7
6
5
4
1
2
3
0
–40
5
–10
–25
50
35
20
110
95
80
65
125
Figure 14. ADR445 Line Regulation vs. Temperature


유사한 부품 번호 - ADR440_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADR440 AD-ADR440_10 Datasheet
403Kb / 20P
   Ultralow Noise, LDO XFET Voltage References with Current Sink and Source
Rev. E
More results

유사한 설명 - ADR440_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADR441 AD-ADR441_15 Datasheet
403Kb / 20P
   Ultralow Noise, LDO XFET Voltage References with Current Sink and Source
Rev. E
ADR440 AD-ADR440_10 Datasheet
403Kb / 20P
   Ultralow Noise, LDO XFET Voltage References with Current Sink and Source
Rev. E
ADR445 AD-ADR445_15 Datasheet
403Kb / 20P
   Ultralow Noise, LDO XFET Voltage References with Current Sink and Source
Rev. E
ADR440 AD-ADR440 Datasheet
568Kb / 20P
   Ultralow Noise, LDO XFET Voltage References with Current Sink and Source
REV. A
ADR443 AD-ADR443_15 Datasheet
403Kb / 20P
   Ultralow Noise, LDO XFET Voltage References with Current Sink and Source
Rev. E
ADR444 AD-ADR444_15 Datasheet
403Kb / 20P
   Ultralow Noise, LDO XFET Voltage References with Current Sink and Source
Rev. E
ADR430 AD-ADR430 Datasheet
868Kb / 24P
   Ultralow Noise XFET Voltage References with Current Sink and Source Capability
Rev. B
ADR430 AD-ADR430_11 Datasheet
1Mb / 24P
   Ultralow Noise XFET Voltage References with Current Sink and Source Capability
Rev. J
ADR435BRMZ AD-ADR435BRMZ Datasheet
1Mb / 24P
   Ultralow Noise XFET Voltage References with Current Sink and Source Capability
Rev. J
ADR431BRMZ AD-ADR431BRMZ Datasheet
1Mb / 24P
   Ultralow Noise XFET Voltage References with Current Sink and Source Capability
Rev. J
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com