전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPS-1 데이터시트(PDF) 1 Page - Renesas Technology Corp

부품명 TPS-1
상세설명  Single Chip Interface Solution for PROFINET IO Devices
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

TPS-1 데이터시트(HTML) 1 Page - Renesas Technology Corp

  TPS-1_15 Datasheet HTML 1Page - Renesas Technology Corp TPS-1_15 Datasheet HTML 2Page - Renesas Technology Corp TPS-1_15 Datasheet HTML 3Page - Renesas Technology Corp TPS-1_15 Datasheet HTML 4Page - Renesas Technology Corp TPS-1_15 Datasheet HTML 5Page - Renesas Technology Corp TPS-1_15 Datasheet HTML 6Page - Renesas Technology Corp TPS-1_15 Datasheet HTML 7Page - Renesas Technology Corp TPS-1_15 Datasheet HTML 8Page - Renesas Technology Corp TPS-1_15 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
R19DS0069EJ0103 Rev. 1.03
page 1 of 37
Jul 17, 2014
Datasheet
TPS-1
Single Chip Interface Solution for PROFINET IO Devices
DESCRIPTION
The TPS-1 is a single-chip PROFINET interface component integrating a CPU, a 2-port switch supporting latest
PROFINET specifications, the Ethernet PHYs and peripheral modules to interface to the application layer of any
application building a PROFINET IO device.
The internal structure is designed to fulfill the requirements of the IRT protocol. The integrated components realize the
complete interface functionality.
TPS-1 rounds off the basic technology range of PROFINET specifically for compact devices, and complies with
PROFINET specification 2.3.
Detailed functions are described in the following user
’s manual. Be sure to read this manual when
you design your systems.
TPS-1 User
’s Manual: Hardware (R19UH0081ED)
FEATURES
 Applications
 Industrial Drives
 Compact and modular Remote I/Os
 Product features
 Integrated PROFINET IO CPU
 Compliant with Conformance Class C
 2 Ethernet ports, 100 Mbps, full duplex
 2 integrated PHYs with an auto negotiation, auto crossover
 Integrated IRT switch, 8 priority levels
 Support RJ45 or fiber optic interfaces
 Fiber optic diagnosis via I2C interface per port
 IRT bridge-delay < 3 μs
 Hardware support for PROFINET protocols including PTCP and LLDP
 Versatile host interface for serial or parallel connection of external CPUs or local inputs/outputs
 Small package(15 x 15 mm),1mm ball pitch
 Application interface
The TPS-1 provides 48 General Purpose I/O(GPIO) pins that you can individually configure according to your
specific application requirements.
 48 GPIO for digital I/Os
 8- or 16-bit parallel host interface
 Serial host interface (SPI Slave)
 5GPIO for internal signals (e.g. LEDs)
 Serial Flash interface
The TPS-1 interfaces to an application CPU via the internal shared memory either through the fast SPI slave
interface or through the 8- or 16-bit parallel port.
ORDERING INFORMATION
Part No.
Application
Package
MC-10105F1-821-FNA-M1-A
TPS-1 PROFINET IO Device
FPBGA 196 Pins 15 x 15 mm
The information in this document is subject to change without notice. Before using this document, please confirm that this is the
latest version.
Not all products and/or types are available in every country. Please check with our sales representative for availability and additional
information.
R19DS0069EJ0103
Rev.1.03
Jul 17, 2014


유사한 부품 번호 - TPS-1_15

제조업체부품명데이터시트상세설명
logo
Cooper Bussmann, Inc.
TPS-1 COOPER-TPS-1_15 Datasheet
492Kb / 3P
   DC power distribution non-indicating fuses
More results

유사한 설명 - TPS-1_15

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
TPS-1 RENESAS-TPS-1 Datasheet
697Kb / 39P
   Single Chip Interface Solution for PROFINET IO Devices
logo
Festo Corporation.
8086607 FESTO-8086607 Datasheet
87Kb / 2P
   PROFINET Interface
logo
Renesas Technology Corp
YCONNECT-IT-TPS-1L RENESAS-YCONNECT-IT-TPS-1L Datasheet
952Kb / 2P
   Low-cost Solution Kit for TPS-1 – The PROFINET IRT Device Chip
2017.05
logo
WAGO Kontakttechnik Gmb...
750-340 WAGO-750-340 Datasheet
412Kb / 11P
   Fieldbus Coupler PROFINET IO; 1st Generation
750-375 WAGO-750-375 Datasheet
695Kb / 12P
   Fieldbus Coupler PROFINET IO; 3rd Generation; Advanced
logo
ams AG
PS081 AMSCO-PS081 Datasheet
7Mb / 155P
   Single Chip Solution for Strain Gauges
logo
M/A-COM Technology Solu...
29320-BRF-001-A MA-COM-29320-BRF-001-A_15 Datasheet
502Kb / 2P
   Single Chip Solution
logo
WAGO Kontakttechnik Gmb...
750-377 WAGO-750-377 Datasheet
613Kb / 11P
   Fieldbus Coupler PROFINET IO; 3rd Generation; ECO Advanced
750-377-025-000 WAGO-750-377-025-000 Datasheet
495Kb / 11P
   Fieldbus Coupler PROFINET IO; 3rd Generation; Ext. Temperature
logo
Texas Instruments
TPS65070 TI-TPS65070 Datasheet
1Mb / 89P
[Old version datasheet]   Single Chip Power Solution for Navigation Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com