전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

YSMDAXXC 데이터시트(PDF) 2 Page - Yea Shin Technology Co., Ltd

부품명 YSMDAXXC
상세설명  BIDIRECTIONAL TVS ARRAY
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  YEASHIN [Yea Shin Technology Co., Ltd]
홈페이지  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

YSMDAXXC 데이터시트(HTML) 2 Page - Yea Shin Technology Co., Ltd

  YSMDAXXC Datasheet HTML 1Page - Yea Shin Technology Co., Ltd YSMDAXXC Datasheet HTML 2Page - Yea Shin Technology Co., Ltd YSMDAXXC Datasheet HTML 3Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
http://www.yeashin.com
2
REV.02 20131209
YSMDAxxC Series
DEVICE CHARACTERISTICS
(V)
(V)
@1A
(µA)
(pF)
(max.) (min.)
(mA)
(max.) (max.)
(@A)
(max.) (max.)
300
5.0
6.0
1
11.5
13.5
24
5
IR
CT
VC
IT
TL
260 (10 sec.)
VB
PART NUMBER
DEVICE
MARKING
VRWM
PARAMETER
MAXIMUM RATINGS (@ 25℃ Unless Otherwise Specified)
Storage Temperature Range
TSTG
-55 ~ 150
UNITS
Peak Pulse Power (tp=8/20µs waveform)
TJ
-55 ~ 150
Lead Soldering Temperature
Operating Temperature Range
SYMBOL
VALUE
PPP
500
Watts
ELECTRICAL CHARACTERISTICS PER LINE (@ 25℃ Unless Otherwise Specified)
VC
YSMDA33C
SMDA
X33C
60
450
7.5
3.3
4.0
1
10.9
25
YSMDA05C
SMDA
X05C
YSMDA08C
SMDA
X08C
8.0
8.2
1
15.0
16.9
20
1
290
SMDA12C
SMDA
12.0
13.3
1
23.0
25.9
16
1
100
72.0
75.0
5
1
40
YSMDA36C
SMDA
X36C
36.0
40.0
1
45.0
49.0
8
1
50
YSMDA24C
SMDA
X24C
24.0
26.7
1
YSMDA12C
SMDA
X12C
12.0
13.3
1
23.0
25.9
16
1
100
YSMDA15C
SMDA
X15C
15.0
16.7
1
27.0
30.0
12
1
80


유사한 부품 번호 - YSMDAXXC

제조업체부품명데이터시트상세설명
logo
Yea Shin Technology Co....
YSMDAXXC-7 YEASHIN-YSMDAXXC-7 Datasheet
810Kb / 3P
   BIDIRECTIONAL TVS ARRAY
More results

유사한 설명 - YSMDAXXC

제조업체부품명데이터시트상세설명
logo
Yea Shin Technology Co....
YSMDAXXC-7 YEASHIN-YSMDAXXC-7 Datasheet
810Kb / 3P
   BIDIRECTIONAL TVS ARRAY
logo
Microsemi Corporation
LCV01-6 MICROSEMI-LCV01-6 Datasheet
86Kb / 2P
   Bidirectional TVS Array
logo
Rectron Semiconductor
TEPM24CV RECTRON-TEPM24CV Datasheet
321Kb / 4P
   Bidirectional TVS Diode Array
logo
Shanghai Leiditech Elec...
SMDA05C LEIDITECH-SMDA05C Datasheet
266Kb / 3P
   Bidirectional TVS Diode Array
SMDA12C LEIDITECH-SMDA12C Datasheet
266Kb / 3P
   Bidirectional TVS Diode Array
SMDA15C LEIDITECH-SMDA15C Datasheet
266Kb / 3P
   Bidirectional TVS Diode Array
SMDA24C LEIDITECH-SMDA24C Datasheet
266Kb / 3P
   Bidirectional TVS Diode Array
logo
Yea Shin Technology Co....
YSMXXLC YEASHIN-YSMXXLC Datasheet
756Kb / 3P
   Bidirectional TVS Diode Array
YSESDA0502CT3 YEASHIN-YSESDA0502CT3 Datasheet
644Kb / 3P
   BIDIRECTIONAL TVS DIODE ARRAY
logo
Protek Devices
SMDB712C PROTEC-SMDB712C Datasheet
445Kb / 6P
   BIDIRECTIONAL ASYMMETRICAL TVS ARRAY
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com