전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADV473 데이터시트(PDF) 8 Page - Analog Devices

부품명 ADV473
상세설명  CMOS 135 MHz True-Color Graphics Triple 8-Bit Video RAM-DAC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADV473 데이터시트(HTML) 8 Page - Analog Devices

Back Button ADV473_15 Datasheet HTML 4Page - Analog Devices ADV473_15 Datasheet HTML 5Page - Analog Devices ADV473_15 Datasheet HTML 6Page - Analog Devices ADV473_15 Datasheet HTML 7Page - Analog Devices ADV473_15 Datasheet HTML 8Page - Analog Devices ADV473_15 Datasheet HTML 9Page - Analog Devices ADV473_15 Datasheet HTML 10Page - Analog Devices ADV473_15 Datasheet HTML 11Page - Analog Devices ADV473_15 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
ADV473
–8–
REV. A
Command Register (CR)
The ADV473 has an internal command register (CR). This reg-
ister is 8 bits wide, CR0–CR7 and is directly mapped to the
MPU data bus on the part, D0–D7. The command register can
be written to or read from. It is not initialized, therefore it must
be set. Figure 4 shows what each bit of the CR register controls
and shows the values it must be programmed to for various
modes of operation.
Color Modes
The ADV473 supports four color modes, 24-bit true-color,
15-bit true-color, 8-bit true-color and 8-bit pseudo-color. The
mode of operation is determined by the S0 and S1 inputs, in
conjunction with CR7 and CR6 of the command register. S0
and S1 are pipelined to maintain synchronization with the video
data. Table III illustrates the modes of operation.
Table III. Color Operation Modes
OL3–OL0
S1, S0
CR7, CR6
Mode
R7–R0
G7–G0
B7–B0
1111
XX
XX
Overlay Color 15
XXH
XXH
XXH
.
.
.
.
...
.
.
.
.
...
0001
XX
XX
Overlay Color 1
XXH
XXH
XXH
0000
00
00
24-Bit True-Color
R7–R0
G7–G0
B7–B0
0000
00
01
24-Bit True-Color
R7–R0
G7–G0
B7–B0
0000
00
10
24-Bit True-Color
R7–R0
G7–G0
B7–B0
0000
00
11
Reserved
Reserved
Reserved
Reserved
0000
01
00
24-Bit True-Color Bypass
R7–R0
G7–G0
B7–B0
0000
01
01
24-Bit True-Color Bypass
R7–R0
G7–G0
B7–B0
0000
01
10
24-Bit True-Color Bypass
R7–R0
G7–G0
B7–B0
0000
01
11
Reserved
Reserved
Reserved
Reserved
0000
10
00
8-Bit Pseudo-Color (Red)
P7–P0
Ignored
Ignored
0000
10
01
8-Bit Pseudo-Color (Green)
Ignored
P7–P0
Ignored
0000
10
10
8-Bit Pseudo-Color (Blue)
Ignored
Ignored
P7–P0
0000
10
11
15-Bit True-Color
Orrrrrgg
gggbbbbb
Ignored
0000
11
00
8-Bit True-Color Bypass (Red)
rrrgggbb
Ignored
Ignored
0000
11
01
8-Bit True-Color Bypass (Green)
Ignored
rrrgggbb
Ignored
0000
11
10
8-Bit True-Color Bypass (Blue)
Ignored
Ignored
rrrgggbb
0000
11
11
15-Bit True-Color Bypass
Orrrrrgg
gggbbbbb
Ignored
X = Don’t Care
CONTROL OUTPUTS
THESE BITS ARE OUTPUT
ONTO THE CR3-CR0 PINS
CR5
0
1
0 IRE
7.5 IRE
PEDESTAL ENABLE
CONTROL (SETUP)
CR4
0
1
6-BIT
8-BIT
8-BIT/6-BIT
COLOR SELECT
COLOR MODE
SELECT
(SEE TABLE III)
CR5
CR4
CR3
CR2
CR1
CR7
CR6
CR0
Figure 4. Command Register (CR)


유사한 부품 번호 - ADV473_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADV473KP110 AD-ADV473KP110 Datasheet
200Kb / 12P
   CMOS 135 MHz True-Color Graphics Triple 8-Bit Video RAM-DAC
REV. A
ADV473KP135 AD-ADV473KP135 Datasheet
200Kb / 12P
   CMOS 135 MHz True-Color Graphics Triple 8-Bit Video RAM-DAC
REV. A
ADV473KP66 AD-ADV473KP66 Datasheet
200Kb / 12P
   CMOS 135 MHz True-Color Graphics Triple 8-Bit Video RAM-DAC
REV. A
ADV473KP80 AD-ADV473KP80 Datasheet
200Kb / 12P
   CMOS 135 MHz True-Color Graphics Triple 8-Bit Video RAM-DAC
REV. A
More results

유사한 설명 - ADV473_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADV473 AD-ADV473 Datasheet
200Kb / 12P
   CMOS 135 MHz True-Color Graphics Triple 8-Bit Video RAM-DAC
REV. A
ADV7152 AD-ADV7152_15 Datasheet
335Kb / 32P
   CMOS 220 MHz True-Color Graphics Triple 10-Bit Video RAM-DAC
REV. B
ADV7150 AD-ADV7150 Datasheet
447Kb / 36P
   CMOS 220 MHz True-Color Graphics Triple 10-Bit Video RAM-DAC
REV. A
ADV7152 AD-ADV7152 Datasheet
454Kb / 32P
   CMOS 220 MHz True-Color Graphics Triple 10-Bit Video RAM-DAC
REV. B
ADV7151 AD-ADV7151 Datasheet
1Mb / 32P
   CMOS 220 MHz Pseudo-Color Graphics Triple 10-Bit Video RAM-DAC
REV. A
ADV7151 AD-ADV7151_15 Datasheet
1Mb / 32P
   CMOS 220 MHZ PSEUDO COLOR GRAPHICS TRIPLE 10 BIT VIDEO RAM DAC
REV. A
ADV7160 AD-ADV7160 Datasheet
668Kb / 44P
   96-Bit, 220 MHz True-Color Video RAM-DAC
REV. 0
ADV7160 AD-ADV7160_15 Datasheet
669Kb / 44P
   96-Bit, 220 MHz True-Color Video RAM-DAC
REV. 0
ADV7162 AD-ADV7162_15 Datasheet
669Kb / 44P
   96-Bit, 220 MHz True-Color Video RAM-DAC
REV. 0
ADV7120KSTZ50 AD-ADV7120KSTZ50 Datasheet
191Kb / 12P
   CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com