전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADV7125 데이터시트(PDF) 11 Page - Analog Devices

부품명 ADV7125
상세설명  CMOS, 330 MHz Triple 8-Bit High Speed Video DAC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADV7125 데이터시트(HTML) 11 Page - Analog Devices

Back Button ADV7125_15 Datasheet HTML 7Page - Analog Devices ADV7125_15 Datasheet HTML 8Page - Analog Devices ADV7125_15 Datasheet HTML 9Page - Analog Devices ADV7125_15 Datasheet HTML 10Page - Analog Devices ADV7125_15 Datasheet HTML 11Page - Analog Devices ADV7125_15 Datasheet HTML 12Page - Analog Devices ADV7125_15 Datasheet HTML 13Page - Analog Devices ADV7125_15 Datasheet HTML 14Page - Analog Devices ADV7125_15 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
ADV7125
Rev. C | Page 11 of 16
CIRCUIT DESCRIPTION AND OPERATION
The ADV7125 contains three 8-bit DACs, with three input
channels, each containing an 8-bit register. Also integrated
on board the part is a reference amplifier. The CRT control
functions, BLANK and SYNC, are integrated on board the
ADV7125.
DIGITAL INPUTS
There are 24 bits of pixel data (color information), R0 to R7,
G0 to G7, and B0 to B7, latched into the device on the rising
edge of each clock cycle. This data is presented to the three 8-bit
DACs and then converted to three analog (RGB) output wave-
forms (see Figure 4).
CLOCK
DATA
DIGITAL INPUTS
(R7 TO R0, G7 TO G0,
B7 TO B0,
SYNC, BLANK)
ANALOG OUTPUTS
(IOR, IOR, IOG, IOG,
IOB, IOB)
Figure 4. Video Data Input/Output
The ADV7125 has two additional control signals that are latched
to the analog video outputs in a similar fashion. BLANK and
SYNC are each latched on the rising edge of CLOCK to maintain
synchronization with the pixel data stream.
The BLANK and SYNC functions allow for the encoding of
these video synchronization signals onto the RGB video output.
This is done by adding appropriately weighted current sources
to the analog outputs, as determined by the logic levels on the
BLANK and SYNC digital inputs.
Figure 5 shows the analog output, RGB video waveform of the
ADV7125. The influence of SYNC and BLANK on the analog
video waveform is illustrated.
Table 7 details the resultant effect on the analog outputs of
BLANK and SYNC.
All these digital inputs are specified to accept TTL logic levels.
CLOCK INPUT
The CLOCK input of the ADV7125 is typically the pixel clock
rate of the system. It is also known as the dot rate. The dot rate,
and thus the required CLOCK frequency, is determined by the
on-screen resolution, according to the following equation:
Dot Rate = (Horiz Res) × (Vert Res) × (Refresh
Rate)/(Retrace Factor)
where:
Horiz Res is the number of pixels per line.
Vert Res is the number of lines per frame.
Refresh Rate is the horizontal scan rate. This is the rate at which
the screen must be refreshed, typically 60 Hz for a noninterlaced
system, or 30 Hz for an interlaced system.
Retrace Factor is the total blank time factor. This takes into
account that the display is blanked for a certain fraction of the
total duration of each frame (for example, 0.8).
Therefore, for a graphics system with a 1024 × 1024 resolution,
a noninterlaced 60 Hz refresh rate, and a retrace factor of 0.8,
Dot Rate = 1024 × 1024 × 60/0.8 = 78.6 MHz
The required CLOCK frequency is thus 78.6 MHz. All video
data and control inputs are latched into the ADV7125 on the
rising edge of CLOCK, as previously described in the Digital
Inputs section. It is recommended that the CLOCK input to the
ADV7125 be driven by a TTL buffer (for example, the 74F244).
RED AND BLUE
NOTES
1. OUTPUTS CONNECTED TO A DOUBLY TERMINATED 75Ω LOAD.
2. VREF = 1.235V, RSET = 530Ω.
3. RS-343 LEVELS AND TOLERANCES ASSUMED ON ALL LEVELS.
mA
V
18.67
0.7
00
mA
V
26.0
0.975
WHITE LEVEL
BLANK LEVEL
SYNC LEVEL
7.2
0.271
00
GREEN
Figure 5. Typical RGB Video Output Waveform


유사한 부품 번호 - ADV7125_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADV7125 AD-ADV7125_11 Datasheet
293Kb / 16P
   CMOS, 330 MHz Triple 8-Bit High Speed Video DAC
REV. C
ADV7125 AD-ADV7125_16 Datasheet
410Kb / 17P
   CMOS, 330 MHz Triple 8-Bit High Speed Video DAC
More results

유사한 설명 - ADV7125_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADV7125 AD-ADV7125_16 Datasheet
410Kb / 17P
   CMOS, 330 MHz Triple 8-Bit High Speed Video DAC
ADV7125 AD-ADV7125 Datasheet
264Kb / 12P
   CMOS, 330 MHz Triple 8-Bit High Speed Video DAC
REV. 0
ADV7125 AD-ADV7125_11 Datasheet
293Kb / 16P
   CMOS, 330 MHz Triple 8-Bit High Speed Video DAC
REV. C
ADV7123JSTZ330 AD-ADV7123JSTZ330 Datasheet
340Kb / 24P
   CMOS, 330 MHz Triple 10-Bit High Speed Video DAC
REV. D
ADV7123 AD-ADV7123_15 Datasheet
340Kb / 24P
   CMOS, 330 MHz Triple 10-Bit High Speed Video DAC
Rev. D
ADV7123KSTZ140 AD-ADV7123KSTZ140 Datasheet
340Kb / 24P
   CMOS, 330 MHz Triple 10-Bit High Speed Video DAC
Rev. D
ADV7123KSTZ50 AD-ADV7123KSTZ50 Datasheet
340Kb / 24P
   CMOS, 330 MHz Triple 10-Bit High Speed Video DAC
REV. D
ADV7120KSTZ50 AD-ADV7120KSTZ50 Datasheet
191Kb / 12P
   CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV101 AD-ADV101_15 Datasheet
161Kb / 12P
   CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV101 AD-ADV101 Datasheet
187Kb / 12P
   CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com