전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADV7175A 데이터시트(PDF) 6 Page - Analog Devices

부품명 ADV7175A
상세설명  High Quality, 10-Bit, Digital CCIR-601 to PAL/NTSC Video Encoder
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADV7175A 데이터시트(HTML) 6 Page - Analog Devices

Back Button ADV7175A_15 Datasheet HTML 2Page - Analog Devices ADV7175A_15 Datasheet HTML 3Page - Analog Devices ADV7175A_15 Datasheet HTML 4Page - Analog Devices ADV7175A_15 Datasheet HTML 5Page - Analog Devices ADV7175A_15 Datasheet HTML 6Page - Analog Devices ADV7175A_15 Datasheet HTML 7Page - Analog Devices ADV7175A_15 Datasheet HTML 8Page - Analog Devices ADV7175A_15 Datasheet HTML 9Page - Analog Devices ADV7175A_15 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 50 page
background image
ADV7175A/ADV7176A
–6–
REV. C
5 V TIMING SPECIFICATIONS
(VAA = 4.75 V–5.25 V
1, V
REF = 1.235 V, RSET = 150
. All specifications TMIN to TMAX
2 unless
otherwise noted.)
Parameter
Conditions
Min
Typ
Max
Unit
MPU PORT
3, 4
SCLOCK Frequency
0
100
kHz
SCLOCK High Pulsewidth, t1
4.0
µs
SCLOCK Low Pulsewidth, t2
4.7
µs
Hold Time (Start Condition), t3
After This Period the First Clock Is Generated
4.0
µs
Setup Time (Start Condition), t4
Relevant for Repeated Start Condition
4.7
µs
Data Setup Time, t5
250
ns
SDATA, SCLOCK Rise Time, t6
1
µs
SDATA, SCLOCK Fall Time, t7
300
ns
Setup Time (Stop Condition), t8
4.7
µs
ANALOG OUTPUTS
3, 5
Analog Output Delay
5ns
DAC Analog Output Skew
0
ns
CLOCK CONTROL
AND PIXEL PORT
3, 6
FCLOCK
27
MHz
Clock High Time, t9
8ns
Clock Low Time, t10
8ns
Data Setup Time, t11
3.5
ns
Data Hold Time, t12
4ns
Control Setup Time, t11
4ns
Control Hold Time, t12
3ns
Digital Output Access Time, t13
24
ns
Digital Output Hold Time, t14
4ns
Pipeline Delay, t15
37
Clock Cycles
TELETEXT PORT
3, 7
Digital Output Access Time, t16
20
ns
Data Setup Time, t17
1ns
Data Hold Time, t18
2ns
RESET CONTROL3, 4
RESET Low Time
6
ns
NOTES
1The max/min specifications are guaranteed over this range.
2Temperature range T
MIN to TMAX: 0
°C to 70°C.
3TTL input values are 0 to 3 volts, with input rise/fall times
≤ 3 ns, measured between the 10% and 90% points. Timing reference points at 50% for inputs and
outputs. Analog output load
≤ 10 pF.
4Guaranteed by characterization.
5Output delay measured from the 50% point of the rising edge of CLOCK to the 50% point of full-scale transition.
6Pixel Port consists of the following:
Pixel Inputs:
P15–P0
Pixel Controls:
HSYNC, FIELD/VSYNC, BLANK
Clock Input:
CLOCK
7Teletext Port consists of the following:
Teletext Output:
TTXREQ
Teletext Input:
TTX
Specifications subject to change without notice.


유사한 부품 번호 - ADV7175A_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADV7175AKS AD-ADV7175AKS Datasheet
629Kb / 52P
   High Quality, 10-Bit, Digital CCIR-601 to PAL/NTSC Video Encoder
REV. B
More results

유사한 설명 - ADV7175A_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADV7175A AD-ADV7175A Datasheet
629Kb / 52P
   High Quality, 10-Bit, Digital CCIR-601 to PAL/NTSC Video Encoder
REV. B
ADV7176A AD-ADV7176A_15 Datasheet
413Kb / 50P
   High Quality, 10-Bit, Digital CCIR-601 to PAL/NTSC Video Encoder
REV. C
ADV7178 AD-ADV7178_15 Datasheet
697Kb / 44P
   Integrated Digital CCIR-601 to PAL/NTSC Video Encoder
REV. C
ADV7177 AD-ADV7177_15 Datasheet
697Kb / 44P
   Integrated Digital CCIR-601 to PAL/NTSC Video Encoder
REV. C
ADV7177 AD-ADV7177 Datasheet
280Kb / 38P
   Integrated Digital CCIR-601 to PAL/NTSC Video Encoder
REV. 0
ADV7175 AD-ADV7175 Datasheet
447Kb / 36P
   Integrated Digital CCIR-601 YCrCb to PAL/NTSC Video Encoder
REV. A
ADV7170 AD-ADV7170_15 Datasheet
865Kb / 64P
   Digital PAL/NTSC Video Encoder with 10-Bit
Rev. C
ADV7171 AD-ADV7171_15 Datasheet
865Kb / 64P
   Digital PAL/NTSC Video Encoder with 10-Bit
Rev. C
ADV7171KSUZ AD-ADV7171KSUZ Datasheet
865Kb / 64P
   Digital PAL/NTSC Video Encoder
REV. C
logo
Zarlink Semiconductor I...
VP536E ZARLINK-VP536E Datasheet
313Kb / 14P
   NTSC/PAL Digital Video Encoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com