전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SB1620FCT 데이터시트(PDF) 1 Page - Yea Shin Technology Co., Ltd

부품명 SB1620FCT
상세설명  16 AMPERE SCHOTTKY BARRIER RECTIFIERS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  YEASHIN [Yea Shin Technology Co., Ltd]
홈페이지  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

SB1620FCT 데이터시트(HTML) 1 Page - Yea Shin Technology Co., Ltd

  SB1620FCT Datasheet HTML 1Page - Yea Shin Technology Co., Ltd SB1620FCT Datasheet HTML 2Page - Yea Shin Technology Co., Ltd SB1620FCT Datasheet HTML 3Page - Yea Shin Technology Co., Ltd SB1620FCT Datasheet HTML 4Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DATA SHEET
SEMICONDUCTOR
http://www.yeashin.com
1
REV.03 20140325
SB1620FCT~SB16150FCT
16 AMPERE SCHOTTKY BARRIER RECTIFIERS
VOLTAGE - 20 to 15 0 Volts CURRENT - 16.0 Amperes
FEATURES
•Plastic package has Underwriters Laboratory
Flammability Classification 94V-O utilizing
Flame Retardant Epoxy Molding Compound
•Exceeds environmental standards of MIL-S-19500/228
•Low power loss, high efficiency
•Low forward voltage, high current capability
•High surge capacity
•For use in low voltage, high frequency inverters,
free wheeling, and polarity protection applications
•High temperature soldering : 260
OC / 10 seconds at terminals
• Pb free product at available : 99% Sn above meet RoHS
environment substance directive request
MECHANICAL DATA
•Case:
ITO-220AB molded plastic
•Terminals: Lead, solderable per MIL-STD-202, Method 208
•Polarity: As marked
•Mounting Position: Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
ambient temperature unless otherwise specified.
Single phase half wave 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
SYMBOL
SB
1620FCT
SB
1630FCT
SB
1640FCT
SB
1650FCT
SB
1660FCT
SB
1680FCT
SB
16100FCT
SB
16150FCT
UNIT
Maximum Recurrent Peak Reverse Volt
20
30
40
50
60
80
150
V
Maximum RMS Volt
14
21
28
35
42
56
105
V
Maximum DC Blocking Volt
20
30
40
50
60
80
150
V
Maximum Average Forward Rectified Current at
TC=90
16.0
A
Peak Forward Surge Current, 8.3ms single half
sine wave superimposed on rated load(JEDEC
method)
150
A
Maximum Forward Voltage at 8.0A per element
0.55
0.75
0.85
V
0.5
Maximum DC Reverse Current at Rated TC=25
DC Blocking Voltage per element TC=100
100
mA
Typical Thermal Resistance Note
60
/W
Operating and Storage Temperature Range
TJ,TSTG
-55 to +150
NOTES:
Thermal Resistance Junction to Ambient
OC
OC
OC
OC
OC
R
θ A
J
100
70
100
0.92
0.1
7
120
OC
ITO-220AB
Unit:inch(mm)
.406(10.3)
MAX.
.137(3.5)
.118(3.0)
.055(1.4)
.039(1.0)
.035(0.9)
.011(0.3)
.1(2.55)
.1(2.55)
.189(4.8)
.165(4.2)
.130(3.3)
MAX.
.032(0.8)
MAX.
.071(1.80)
MAX.


유사한 부품 번호 - SB1620FCT

제조업체부품명데이터시트상세설명
logo
Won-Top Electronics
SB1620FCT WTE-SB1620FCT Datasheet
41Kb / 3P
   16A ISOLATION SCHOTTKY BARRIER RECTIFIER
logo
Formosa MS
SB1620FCT FORMOSA-SB1620FCT Datasheet
40Kb / 2P
   ISOLATION SCHOTTKY BARRIER RECTIFIERS
logo
Won-Top Electronics
SB1620FCT WTE-SB1620FCT Datasheet
49Kb / 4P
   16A DUAL SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SB1620FCT PANJIT-SB1620FCT Datasheet
432Kb / 2P
   ISOLATION SCHOTTKY BARRIER RECTIFIERS
logo
PACELEADER INDUSTRIAL
SB1620FCT PACELEADER-SB1620FCT Datasheet
163Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results

유사한 설명 - SB1620FCT

제조업체부품명데이터시트상세설명
logo
Transys Electronics
SB1620 TRSYS-SB1620 Datasheet
147Kb / 2P
   16 AMPERE SCHOTTKY BARRIER RECTIFIERS
logo
Fairchild Semiconductor
MBR1635 FAIRCHILD-MBR1635 Datasheet
36Kb / 3P
   16 Ampere Schottky Barrier Rectifiers
logo
Yea Shin Technology Co....
MBR1620CT YEASHIN-MBR1620CT Datasheet
1Mb / 4P
   16 AMPERE SCHOTTKY BARRIER RECTIFIERS
logo
Fairchild Semiconductor
SS12 FAIRCHILD-SS12 Datasheet
341Kb / 6P
   1.0 Ampere Schottky Barrier Rectifiers
logo
Transys Electronics
SB120S TRSYS-SB120S Datasheet
145Kb / 2P
   1 AMPERE SCHOTTKY BARRIER RECTIFIERS
SB820 TRSYS-SB820 Datasheet
146Kb / 2P
   8 AMPERE SCHOTTKY BARRIER RECTIFIERS
logo
Fairchild Semiconductor
MBR2535CT FAIRCHILD-MBR2535CT Datasheet
35Kb / 3P
   30 Ampere Schottky Barrier Rectifiers
1N5820 FAIRCHILD-1N5820 Datasheet
39Kb / 2P
   3.0 Ampere Schottky Barrier Rectifiers
logo
Transys Electronics
SB120 TRSYS-SB120 Datasheet
145Kb / 2P
   1 AMPERE SCHOTTKY BARRIER RECTIFIERS
SB220 TRSYS-SB220 Datasheet
157Kb / 2P
   2 AMPERE SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com