전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADV7192 데이터시트(PDF) 2 Page - Analog Devices

부품명 ADV7192
상세설명  Video Encoder with Six 10-Bit DACs, 54 MHz Oversampling and Progressive Scan Inputs
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADV7192 데이터시트(HTML) 2 Page - Analog Devices

  ADV7192_15 Datasheet HTML 1Page - Analog Devices ADV7192_15 Datasheet HTML 2Page - Analog Devices ADV7192_15 Datasheet HTML 3Page - Analog Devices ADV7192_15 Datasheet HTML 4Page - Analog Devices ADV7192_15 Datasheet HTML 5Page - Analog Devices ADV7192_15 Datasheet HTML 6Page - Analog Devices ADV7192_15 Datasheet HTML 7Page - Analog Devices ADV7192_15 Datasheet HTML 8Page - Analog Devices ADV7192_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 69 page
background image
ADV7192
–2–
REV. A
CONTENTS
FEATURES . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
APPLICATIONS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
GENERAL DESCRIPTION . . . . . . . . . . . . . . . . . . . . . . . . . 1
SIMPLIFIED FUNCTIONAL BLOCK DIAGRAM . . . . . . 1
SPECIFICATIONS
Static Performance 5 V . . . . . . . . . . . . . . . . . . . . . . . . . . . 3
Static Performance 3.3 V . . . . . . . . . . . . . . . . . . . . . . . . . . 4
Dynamic Specifications 5 V . . . . . . . . . . . . . . . . . . . . . . . . 5
Dynamic Specifications 3.3 V . . . . . . . . . . . . . . . . . . . . . . . 5
Timing Characteristics 5 V . . . . . . . . . . . . . . . . . . . . . . . . 6
Timing Characteristics 3.3 V . . . . . . . . . . . . . . . . . . . . . . . 7
ABSOLUTE MAXIMUM RATINGS . . . . . . . . . . . . . . . . . 9
PIN CONFIGURATION . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
ORDERING GUIDE . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
PACKAGE THERMAL PERFORMANCE . . . . . . . . . . . . . 9
PIN FUNCTION DESCRIPTIONS . . . . . . . . . . . . . . . . . 10
DETAILED DESCRIPTION OF FEATURES . . . . . . . . . 11
GENERAL DESCRIPTION . . . . . . . . . . . . . . . . . . . . . . . . 11
DATA PATH DESCRIPTION . . . . . . . . . . . . . . . . . . . . . 12
INTERNAL FILTER RESPONSE . . . . . . . . . . . . . . . . . . . 13
FEATURES: FUNCTIONAL DESCRIPTION . . . . . . . . . 17
BLACK BURST OUTPUT . . . . . . . . . . . . . . . . . . . . . . . . 17
BRIGHTNESS DETECT . . . . . . . . . . . . . . . . . . . . . . . . . . 17
CHROMA/LUMA DELAY . . . . . . . . . . . . . . . . . . . . . . . . 17
CLAMP OUTPUT . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17
CSO, HSO, AND VSO OUTPUTS . . . . . . . . . . . . . . . . . . 17
COLOR BAR GENERATION . . . . . . . . . . . . . . . . . . . . . . 17
COLOR BURST SIGNAL CONTROL . . . . . . . . . . . . . . . 17
COLOR CONTROLS . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17
CHROMINANCE CONTROL . . . . . . . . . . . . . . . . . . . . . 17
UNDERSHOOT LIMITER . . . . . . . . . . . . . . . . . . . . . . . . 18
DIGITAL NOISE REDUCTION . . . . . . . . . . . . . . . . . . . . 18
DOUBLE BUFFERING . . . . . . . . . . . . . . . . . . . . . . . . . . . 18
GAMMA CORRECTION CONTROL . . . . . . . . . . . . . . . 18
NTSC PEDESTAL CONTROL . . . . . . . . . . . . . . . . . . . . . 18
POWER-ON
RESET . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18
PROGRESSIVE SCAN INPUT . . . . . . . . . . . . . . . . . . . . . 18
REAL-TIME CONTROL, SUBCARRIER RESET, AND
TIMING RESET . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19
SCH PHASE MODE . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19
SLEEP MODE . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19
SQUARE PIXEL MODE . . . . . . . . . . . . . . . . . . . . . . . . . . 19
VERTICAL BLANKING DATA INSERTION
AND
BLANK INPUT . . . . . . . . . . . . . . . . . . . . . . . . . . . 19
YUV LEVELS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
16-BIT INTERFACE . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
4
× OVERSAMPLING AND INTERNAL PLL . . . . . . . . . 20
VIDEO TIMING DESCRIPTION . . . . . . . . . . . . . . . . . . . 20
RESET SEQUENCE . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
MPU PORT DESCRIPTION . . . . . . . . . . . . . . . . . . . . . . . 28
REGISTER ACCESSES . . . . . . . . . . . . . . . . . . . . . . . . . . . 29
REGISTER PROGRAMMING . . . . . . . . . . . . . . . . . . . . . 29
MODE REGISTERS 0–9 . . . . . . . . . . . . . . . . . . . . . . . 30–35
TIMING REGISTERS 0–1 . . . . . . . . . . . . . . . . . . . . . . . . 36
SUBCARRIER FREQUENCY AND
PHASE REGISTERS . . . . . . . . . . . . . . . . . . . . . . . . . . . 37
CLOSED CAPTIONING REGISTERS . . . . . . . . . . . . . . . 37
NTSC PEDESTAL/PAL TELETEXT CONTROL
REGISTERS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 37
TELETEXT REQUEST CONTROL REGISTER . . . . . . 38
CGMS_WSS REGISTERS . . . . . . . . . . . . . . . . . . . . . . . . . 38
CONTRAST CONTROL REGISTER . . . . . . . . . . . . . . . . 39
COLOR CONTROL REGISTERS . . . . . . . . . . . . . . . . . . 39
CC1 AND CC2 BIT DESCRIPTIONS . . . . . . . . . . . . . . . 39
HUE ADJUST CONTROL REGISTER (HCR) . . . . . . . . 40
HCR BIT DESCRIPTION . . . . . . . . . . . . . . . . . . . . . . . . . 40
BRIGHTNESS CONTROL REGISTER (BCR) . . . . . . . . 40
BCR BIT DESCRIPTION . . . . . . . . . . . . . . . . . . . . . . . . . 40
SHARPNESS RESPONSE REGISTER (PR) . . . . . . . . . . . 41
PR BIT DESCRIPTION . . . . . . . . . . . . . . . . . . . . . . . . . . 41
DNR REGISTERS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 41
DNR BIT DESCRIPTIONS . . . . . . . . . . . . . . . . . . . . . . . . 41
GAMMA CORRECTION REGISTERS . . . . . . . . . . . . . . 43
BRIGHTNESS DETECT REGISTER . . . . . . . . . . . . . . . . 44
OUTPUT CLOCK REGISTER . . . . . . . . . . . . . . . . . . . . . 44
OCR BIT DESCRIPTIONS . . . . . . . . . . . . . . . . . . . . . . . . 44
APPENDIX 1
Board Design and Layout Considerations . . . . . . . . . . . . 45
APPENDIX 2
Closed Captioning . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 47
APPENDIX 3
Copy Generation Management System (CGMS) . . . . . . . 48
APPENDIX 4
Wide Screen Signaling . . . . . . . . . . . . . . . . . . . . . . . . . . . 49
APPENDIX 5
Teletext Insertion . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50
APPENDIX 6
Optional Output Filter . . . . . . . . . . . . . . . . . . . . . . . . . . . 51
APPENDIX 7
DAC Buffering . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 52
APPENDIX 8
Recommended Register Values . . . . . . . . . . . . . . . . . . . . 53
APPENDIX 9
NTSC Waveforms (With Pedestal) . . . . . . . . . . . . . . . . . 57
NTSC Waveforms (Without Pedestal) . . . . . . . . . . . . . . . 58
PAL Waveforms . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 59
Video Measurement Plots . . . . . . . . . . . . . . . . . . . . . . . . 60
UV Waveforms . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 64
Output Waveforms . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 65
APPENDIX 10
Vector Plots . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 68
OUTLINE DIMENSIONS . . . . . . . . . . . . . . . . . . . . . . . . . 69


유사한 부품 번호 - ADV7192_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADV7192KST AD-ADV7192KST Datasheet
664Kb / 69P
   Video Encoder with Six 10-Bit DACs, 54 MHz Oversampling and Progressive Scan Inputs
REV. 0
More results

유사한 설명 - ADV7192_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADV7192 AD-ADV7192 Datasheet
664Kb / 69P
   Video Encoder with Six 10-Bit DACs, 54 MHz Oversampling and Progressive Scan Inputs
REV. 0
ADV7191KSTZ AD-ADV7191KSTZ Datasheet
626Kb / 72P
   Video Encoders with Six 10-Bit DACs and 54 MHz Oversampling
REV. B
ADV7190 AD-ADV7190_15 Datasheet
626Kb / 72P
   Video Encoders with Six 10-Bit DACs and 54 MHz Oversampling
REV. B
ADV7191 AD-ADV7191_15 Datasheet
626Kb / 72P
   Video Encoders with Six 10-Bit DACs and 54 MHz Oversampling
REV. B
ADV7302A AD-ADV7302A_15 Datasheet
1Mb / 68P
   Multiformat SD, Progressive Scan/HDTV Video Encoder with Six 11-Bit DACs
REV. A
ADV7302A AD-ADV7302A Datasheet
1Mb / 68P
   Multiformat SD, Progressive Scan/HDTV Video Encoder with Six 11-Bit DACs
REV. A
ADV7303A AD-ADV7303A_15 Datasheet
1Mb / 68P
   Multiformat SD, Progressive Scan/HDTV Video Encoder with Six 11-Bit DACs
REV. A
ADV7194 AD-ADV7194_15 Datasheet
605Kb / 69P
   Video Encoder with 54 MHz Oversampling
REV. A
ADV7300A AD-ADV7300A Datasheet
1Mb / 68P
   Multiformat SD, Progressive Scan/HDTV Video Encoder with Six NSV??12-Bit DACs
REV. A
ADV7304A AD-ADV7304A Datasheet
1Mb / 68P
   Multiformat SD, Progressive Scan/HDTV Video Encoder with Six NSV 14-Bit DACs
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com