전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADV7312 데이터시트(PDF) 36 Page - Analog Devices

부품명 ADV7312
상세설명  Multiformat 11-Bit HDTV Video Encoder
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADV7312 데이터시트(HTML) 36 Page - Analog Devices

Back Button ADV7312_15 Datasheet HTML 32Page - Analog Devices ADV7312_15 Datasheet HTML 33Page - Analog Devices ADV7312_15 Datasheet HTML 34Page - Analog Devices ADV7312_15 Datasheet HTML 35Page - Analog Devices ADV7312_15 Datasheet HTML 36Page - Analog Devices ADV7312_15 Datasheet HTML 37Page - Analog Devices ADV7312_15 Datasheet HTML 38Page - Analog Devices ADV7312_15 Datasheet HTML 39Page - Analog Devices ADV7312_15 Datasheet HTML 40Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 84 page
background image
REV. 0
–36–
ADV7312
SD Real-Time Control, Subcarrier Reset, and Timing Reset
[Subaddress 44h, Bit 2, 1]
Together with the RTC_SCR_TR pin and SD Mode Register 3
[Address 44h, Bit 1, 2], the ADV7312 can be used in (a) timing
reset mode, (b) subcarrier phase reset mode, or (c) RTC mode.
a. A timing reset is achieved in a low-to-high transition on the
RTC_SCR_TR pin (Pin 31). In this state, the horizontal and
vertical counters will remain reset. On releasing this pin (set
to low), the internal counters will commence counting again,
the field count will start on Field 1, and the subcarrier phase
will be reset.
The minimum time the pin has to be held high is one clock
cycle; otherwise, this reset signal might not be recognized.
This timing reset applies to the SD timing counters only.
b. In subcarrier phase reset, a low-to-high transition on the
RTC_SCR_TR pin (Pin 31) will reset the subcarrier phase to
zero on the field following the subcarrier phase reset when the
SD RTC/TR/SCR control bits at Address 44h are set to 01.
DISPLAY
NO TIMING RESET APPLIED
TIMING RESET APPLIED
START OF FIELD 4 OR 8
FSC PHASE = FIELD 4 OR 8
FSC PHASE = FIELD 1
TIMING RESET PULSE
307
310
307
1
2
3
4
5
6
7
21
313
320
DISPLAY
START OF FIELD 1
Figure 29. Timing Reset Timing Diagram
NO FSC RESET APPLIED
FSC PHASE = FIELD 4 OR 8
307
310
313
320
DISPLAY
START OF FIELD 4 OR 8
FSC RESET APPLIED
FSC RESET PULSE
FSC PHASE = FIELD 1
307
310
313
320
DISPLAY
START OF FIELD 4 OR 8
Figure 30. Subcarrier Reset Timing Diagram
This reset signal will have to be held high for a minimum of
one clock cycle.
Since the field counter is not reset, it is recommended that
the reset signal be applied in Field 7 [PAL] or Field 3 [NTSC].
The reset of the phase will then occur on the next field, i.e.,
Field 1, being lined up correctly with the internal counters.
The field count register at Address 7Bh can be used to iden-
tify the number of the active field.
c. In RTC mode, the ADV7312 can be used to lock to an
external video source. The real-time control mode allows the
ADV7312 to automatically alter the subcarrier frequency to
compensate for line length variations. When the part is con-
nected to a device that outputs a digital data stream in the
RTC format, such as an ADV7183A video decoder (see
Figure 31), the part will automatically change to the com-
pensated subcarrier frequency on a line by line basis. This
digital data stream is 67 bits wide and the subcarrier is con-
tained in Bits 0 to 21. Each bit is two clock cycles long. 00h
should be written into all four subcarrier frequency registers
when this mode is used.


유사한 부품 번호 - ADV7312_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADV7312KST AD-ADV7312KST Datasheet
975Kb / 84P
   Multiformat 11-Bit HDTV Video Encoder
REV. 0
More results

유사한 설명 - ADV7312_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADV7312 AD-ADV7312 Datasheet
975Kb / 84P
   Multiformat 11-Bit HDTV Video Encoder
REV. 0
ADV7322 AD-ADV7322 Datasheet
973Kb / 88P
   Multiformat 11-Bit HDTV Video Encoder
Rev. PrA
ADV7322 AD-ADV7322_15 Datasheet
1,021Kb / 92P
   Multiformat 11-Bit HDTV Video Encoder
Rev. 0
ADV7197 AD-ADV7197 Datasheet
229Kb / 20P
   Multiformat HDTV Encoder with Three 11-Bit DACs
REV. 0
ADV7197 AD-ADV7197_15 Datasheet
252Kb / 20P
   Multiformat HDTV Encoder with Three 11-Bit DACs
REV. 0
ADV7302A AD-ADV7302A Datasheet
1Mb / 68P
   Multiformat SD, Progressive Scan/HDTV Video Encoder with Six 11-Bit DACs
REV. A
ADV7303A AD-ADV7303A_15 Datasheet
1Mb / 68P
   Multiformat SD, Progressive Scan/HDTV Video Encoder with Six 11-Bit DACs
REV. A
ADV7302A AD-ADV7302A_15 Datasheet
1Mb / 68P
   Multiformat SD, Progressive Scan/HDTV Video Encoder with Six 11-Bit DACs
REV. A
ADV7330 AD-ADV7330 Datasheet
1Mb / 76P
   Multiformat 11-Bit Triple DAC Video Encoder
REV. B
ADV7330 AD-ADV7330_15 Datasheet
1Mb / 76P
   Multiformat 11-Bit Triple DAC Video Encoder
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com