전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADV7312 데이터시트(PDF) 20 Page - Analog Devices

부품명 ADV7312
상세설명  Multiformat 11-Bit HDTV Video Encoder
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADV7312 데이터시트(HTML) 20 Page - Analog Devices

Back Button ADV7312_15 Datasheet HTML 16Page - Analog Devices ADV7312_15 Datasheet HTML 17Page - Analog Devices ADV7312_15 Datasheet HTML 18Page - Analog Devices ADV7312_15 Datasheet HTML 19Page - Analog Devices ADV7312_15 Datasheet HTML 20Page - Analog Devices ADV7312_15 Datasheet HTML 21Page - Analog Devices ADV7312_15 Datasheet HTML 22Page - Analog Devices ADV7312_15 Datasheet HTML 23Page - Analog Devices ADV7312_15 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 84 page
background image
REV. 0
–20–
ADV7312
SR7–
SR0
Register
Bit Description
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Register Setting
Reset
Values
HD Output Standard
0
0
EIA770.2 output
00h
01
EIA770.1 output
10
Output levels for full
input range
11
Reserved
HD Input Control Signals
00
HSYNC, VSYNC,
BLANK
01
EAV/SAV codes
10
Async Timing Mode
11
Reserved
HD 625p
0
525p
1
625p
HD 720p
0
1080i
1
720p
HD BLANK Polarity
0
BLANK active high
1
BLANK active low
0
Macrovision off
1
Macrovision on
11h
HD Pixel Data Valid
0
Pixel data valid off
00h
1
Pixel data valid on
0
Reserved
HD Test Pattern Enable
0
HD test pattern off
1
HD test pattern on
0
Hatch
1
Field/frame
HD VBI Open
0
Disabled
1
Enabled
HD Undershoot Limiter
00
Disabled
01
–11 IRE
10
–6 IRE
11
–1.5 IRE
HD Sharpness Filter
0
Disabled
1
Enabled
00
00 clk cycles
00
11 clk cycles
01
02 clk cycles
01
13 clk cycles
10
04 clk cycles
00
0
0 clk cycles
00
1
1 clk cycle
01
0
2 clk cycles
01
1
3 clk cycles
10
0
4 clk cycles
HD CGMS
0
Disabled
1
Enabled
0
Disabled
1
Enabled
12h
HD Mode
Register 3
HD Y Delay with Respect to
Falling Edge of
HSYNC
HD Color Delay with Respect
to Falling Edge of
HSYNC
HD CGMS CRC
HD Mode
Register 1
10h
HD Test Pattern Hatch/Field
HD Macrovision for
525p/625p
HD Mode
Register 2
00h


유사한 부품 번호 - ADV7312_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADV7312KST AD-ADV7312KST Datasheet
975Kb / 84P
   Multiformat 11-Bit HDTV Video Encoder
REV. 0
More results

유사한 설명 - ADV7312_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADV7312 AD-ADV7312 Datasheet
975Kb / 84P
   Multiformat 11-Bit HDTV Video Encoder
REV. 0
ADV7322 AD-ADV7322 Datasheet
973Kb / 88P
   Multiformat 11-Bit HDTV Video Encoder
Rev. PrA
ADV7322 AD-ADV7322_15 Datasheet
1,021Kb / 92P
   Multiformat 11-Bit HDTV Video Encoder
Rev. 0
ADV7197 AD-ADV7197 Datasheet
229Kb / 20P
   Multiformat HDTV Encoder with Three 11-Bit DACs
REV. 0
ADV7197 AD-ADV7197_15 Datasheet
252Kb / 20P
   Multiformat HDTV Encoder with Three 11-Bit DACs
REV. 0
ADV7302A AD-ADV7302A Datasheet
1Mb / 68P
   Multiformat SD, Progressive Scan/HDTV Video Encoder with Six 11-Bit DACs
REV. A
ADV7303A AD-ADV7303A_15 Datasheet
1Mb / 68P
   Multiformat SD, Progressive Scan/HDTV Video Encoder with Six 11-Bit DACs
REV. A
ADV7302A AD-ADV7302A_15 Datasheet
1Mb / 68P
   Multiformat SD, Progressive Scan/HDTV Video Encoder with Six 11-Bit DACs
REV. A
ADV7330 AD-ADV7330 Datasheet
1Mb / 76P
   Multiformat 11-Bit Triple DAC Video Encoder
REV. B
ADV7330 AD-ADV7330_15 Datasheet
1Mb / 76P
   Multiformat 11-Bit Triple DAC Video Encoder
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com