전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

PC817B 데이터시트(PDF) 4 Page - Guangdong Kexin Industrial Co.,Ltd

부품명 PC817B
부품 상세설명  High Density Mounting Type Photocoupler
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
홈페이지  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

PC817B 데이터시트(HTML) 4 Page - Guangdong Kexin Industrial Co.,Ltd

  PC817B Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd PC817B Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd PC817B Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd PC817B Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SMD Type
www.kexin.com.cn
4
Photocoupler
.
High Density Mounting Type Photocoupler
PC817 Series
Typical Characterisitics
0
0.02
- 25
0
25
50
75
100
0.04
0.06
0.08
0.10
0.12
0.14
0.16
Fig. 8 Collector-emitter Saturation Voltage vs.
Ambient Temperature
25
0
50
75
100
Fig.11 Frequency Response
Frequency f (kHz )
-20
0
0.5 1
2
5
-10
200
100
50
20
10
500
1k Ω
100 Ω
Fig. 9 Collector Dark Current vs.
Ambient Temperature
0.2
0.1
0.5
1
2
0.1
1
10
5
10
20
50
100
200
500
L (k Ω )
Forward current I F (mA)
0
0
1
2
3
4
5
5
10
6
15
7mA
Fig.12 Collector-emitter Saturation
Voltage vs. Forward Current
Test Circuit for Response Time
VCC
t
tr
ts
90%
10%
td
Output
Input
RL
Input
Output
RD
VCC
RL
Output
RD
Test Circuit for Frepuency Response
Ambient temperature T a (˚C)
f
IF = 20mA
IC = 1mA
10 - 11
10 - 10
10 - 9
10 - 8
10 - 7
10 - 6
10 - 5
- 25
VCE = 20V
Ambient temperature T a (˚C)
t r
t f
ts
td
VCE = 2V
IC = 2mA
Ta = 25˚C
RL = 10k Ω
VCE = 2V
1mA
3mA
5mA
Ta = 25˚C
IC = 2mA
IC = 0.5mA
Ta = 25˚C
Fig.10 Response Time vs. Load Resistance
Load resistance R


Html Pages

1  2  3  4 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn